Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UC2845ADW Fiches technique(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No de pièce UC2845ADW
Description  Current Mode PWM Controller
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

UC2845ADW Fiches technique(HTML) 7 Page - Texas Instruments

Back Button UC2845ADW Datasheet HTML 3Page - Texas Instruments UC2845ADW Datasheet HTML 4Page - Texas Instruments UC2845ADW Datasheet HTML 5Page - Texas Instruments UC2845ADW Datasheet HTML 6Page - Texas Instruments UC2845ADW Datasheet HTML 7Page - Texas Instruments UC2845ADW Datasheet HTML 8Page - Texas Instruments UC2845ADW Datasheet HTML 9Page - Texas Instruments UC2845ADW Datasheet HTML 10Page - Texas Instruments UC2845ADW Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
UC1842A/3A/4A/5A
UC2842A/3A/4A/5A
UC3842A/3A/4A/5A
Off-line Flyback Regulator
APPLICATIONS DATA (cont.)
Power Supply Specifications
1. Input Voltage
95VAC to 130VA
(50 Hz/60Hz)
2. Line Isolation
3750V
3. Switching Frequency
40kHz
4. Efficiency
Full Load
70%
5. Output Voltage:
A. +5V,
±5%; 1A to 4A load
Ripple voltage: 50mV P-P Max
B. +12V,
±3%; 0.1A to 0.3A load
Ripple voltage: 100mV P-P Max
C. -12V ,
±3%; 0.1A to 0.3A load
Ripple voltage: 100mV P-P Max


Numéro de pièce similaire - UC2845ADW

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC2845ADW TI1-UC2845ADW Datasheet
3Mb / 29P
[Old version datasheet]   Current Mode PWM Controller
UC2845ADW TI1-UC2845ADW Datasheet
1Mb / 45P
[Old version datasheet]   Current-Mode PWM Controller
UC2845ADWG4 TI1-UC2845ADWG4 Datasheet
3Mb / 29P
[Old version datasheet]   Current Mode PWM Controller
More results

Description similaire - UC2845ADW

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
UC3842 PHILIPS-UC3842 Datasheet
74Kb / 8P
   Current-mode PWM controller
August 31, 1994
logo
Daewoo Semiconductor
DBL3842 DAEWOO-DBL3842 Datasheet
467Kb / 8P
   CURRENT MODE PWM CONTROLLER
logo
BCD Semiconductor Manuf...
AP384XC BCDSEMI-AP384XC Datasheet
176Kb / 13P
   CURRENT MODE PWM CONTROLLER
logo
Cystech Electonics Corp...
MC7731N6 CYSTEKEC-MC7731N6 Datasheet
363Kb / 10P
   Current Mode PWM Controller
logo
BCD Semiconductor Manuf...
AP3842C BCDSEMI-AP3842C Datasheet
359Kb / 14P
   CURRENT MODE PWM CONTROLLER
logo
Texas Instruments
UC1846AJ TI-UC1846AJ Datasheet
3Mb / 13P
[Old version datasheet]   Current Mode PWM Controller
UC3844Q TI1-UC3844Q Datasheet
708Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
UC1843 TI-UC1843 Datasheet
937Kb / 3P
[Old version datasheet]   Current Mode PWM Controller
UC2846J TI-UC2846J Datasheet
463Kb / 8P
[Old version datasheet]   Current Mode PWM Controller
logo
List of Unclassifed Man...
AMC3842B ETC-AMC3842B Datasheet
365Kb / 10P
   CURRENT MODE PWM CONTROLLER
CM3842 ETC-CM3842 Datasheet
638Kb / 12P
   CURRENT MODE PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com