Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STK22C48-NF45I Fiches technique(PDF) 10 Page - Cypress Semiconductor

No de pièce STK22C48-NF45I
Description  16 Kbit (2K x 8) AutoStore nvSRAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYPRESS [Cypress Semiconductor]
Site Internet  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

STK22C48-NF45I Fiches technique(HTML) 10 Page - Cypress Semiconductor

Back Button STK22C48-NF45I Datasheet HTML 6Page - Cypress Semiconductor STK22C48-NF45I Datasheet HTML 7Page - Cypress Semiconductor STK22C48-NF45I Datasheet HTML 8Page - Cypress Semiconductor STK22C48-NF45I Datasheet HTML 9Page - Cypress Semiconductor STK22C48-NF45I Datasheet HTML 10Page - Cypress Semiconductor STK22C48-NF45I Datasheet HTML 11Page - Cypress Semiconductor STK22C48-NF45I Datasheet HTML 12Page - Cypress Semiconductor STK22C48-NF45I Datasheet HTML 13Page - Cypress Semiconductor STK22C48-NF45I Datasheet HTML 14Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
STK22C48
Document Number: 001-51000 Rev. **
Page 10 of 14
AutoStore or Power Up RECALL
Parameter
Alt
Description
STK22C48
Unit
Min
Max
tHRECALL
[12]
tRESTORE
Power up RECALL Duration
550
μs
tSTORE
[14, 15]
tHLHZ
STORE Cycle Duration
10
ms
tDELAY
[13]
tHLQZ , tBLQZ
Time Allowed to Complete SRAM Cycle
1
μs
VSWITCH
Low Voltage Trigger Level
4.0
4.5
V
VRESET
Low Voltage Reset Level
3.6
V
tVSBL
[10]
Low Voltage Trigger (VSWITCH) to HSB Low
300
ns
Switching Waveform
Figure 11. AutoStore/Power Up RECALL
WE
Notes
12. tHRECALL starts from the time VCC rises above VSWITCH.
13. CE and OE low for output behavior.
14. CE and OE low and WE high for output behavior.
15. HSB is asserted low for 1us when VCAP drops through VSWITCH. If an SRAM Write has not taken place since the last nonvolatile cycle, HSB is released and no store
takes place.
[+] Feedback


Numéro de pièce similaire - STK22C48-NF45I

FabricantNo de pièceFiches techniqueDescription
logo
Simtek Corporation
STK22C48-NF45I SIMTEK-STK22C48-NF45I Datasheet
344Kb / 15P
   2Kx8 AutoStore nvSRAM
STK22C48-NF45I SIMTEK-STK22C48-NF45I Datasheet
316Kb / 16P
   2Kx8 AutoStore nvSRAM
STK22C48-NF45ITR SIMTEK-STK22C48-NF45ITR Datasheet
344Kb / 15P
   2Kx8 AutoStore nvSRAM
STK22C48-NF45ITR SIMTEK-STK22C48-NF45ITR Datasheet
316Kb / 16P
   2Kx8 AutoStore nvSRAM
More results

Description similaire - STK22C48-NF45I

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
CY22E016L CYPRESS-CY22E016L Datasheet
759Kb / 14P
   16-Kbit (2K x 8) nvSRAM
CY22E016L CYPRESS-CY22E016L_07 Datasheet
506Kb / 14P
   16 Kbit (2K x 8) nvSRAM
logo
List of Unclassifed Man...
STK25C48 ETC-STK25C48 Datasheet
84Kb / 8P
   2K X 8 AUTOSTORE NVSRAM
logo
Cypress Semiconductor
STK14C88-5 CYPRESS-STK14C88-5 Datasheet
535Kb / 17P
   256 Kbit (32K x 8) AutoStore nvSRAM
STK12C68 CYPRESS-STK12C68 Datasheet
751Kb / 20P
   64 Kbit (8K x 8) AutoStore nvSRAM
STK14C88-3 CYPRESS-STK14C88-3 Datasheet
618Kb / 17P
   256 Kbit (32K x 8) AutoStore nvSRAM
STK16C88 CYPRESS-STK16C88 Datasheet
468Kb / 14P
   256 Kbit (32K x 8) AutoStore nvSRAM
STK12C68-5 CYPRESS-STK12C68-5 Datasheet
591Kb / 18P
   64 Kbit (8K x 8) AutoStore nvSRAM
STK16C88-3 CYPRESS-STK16C88-3 Datasheet
456Kb / 14P
   256 Kbit (32K x 8) AutoStore nvSRAM
STK22C48 CYPRESS-STK22C48_11 Datasheet
1Mb / 17P
   16-Kbit (2 K 횞 8) AutoStore??nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com