Moteur de recherche de fiches techniques de composants électroniques |
|
UC2845AD8TRG4 Fiches technique(PDF) 10 Page - Texas Instruments |
|
|
UC2845AD8TRG4 Fiches technique(HTML) 10 Page - Texas Instruments |
10 / 11 page Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish MSL Peak Temp (3) UC3842ANG4 ACTIVE PDIP P 8 50 Green (RoHS & no Sb/Br) CU NIPDAU Level-NA-NA-NA UC3843AD ACTIVE SOIC D 14 50 None CU NIPDAU Level-1-220C-UNLIM UC3843AD8 ACTIVE SOIC D 8 75 None CU NIPDAU Level-1-220C-UNLIM UC3843AD8G4 ACTIVE SOIC D 8 75 None Call TI Call TI UC3843AD8TR ACTIVE SOIC D 8 2500 None CU NIPDAU Level-1-220C-UNLIM UC3843AD8TRG4 ACTIVE SOIC D 8 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM UC3843ADG4 ACTIVE SOIC D 14 50 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM UC3843ADTR ACTIVE SOIC D 14 2500 None CU NIPDAU Level-1-220C-UNLIM UC3843AJ ACTIVE CDIP JG 8 1 None A42 SNPB Level-NC-NC-NC UC3843AN ACTIVE PDIP P 8 50 Pb-Free (RoHS) CU SNPB Level-NC-NC-NC UC3843ANG4 ACTIVE PDIP P 8 50 Green (RoHS & no Sb/Br) CU NIPDAU Level-NA-NA-NA UC3844AD ACTIVE SOIC D 14 50 None CU NIPDAU Level-1-220C-UNLIM UC3844AD8 ACTIVE SOIC D 8 75 None CU NIPDAU Level-1-220C-UNLIM UC3844AD8TR ACTIVE SOIC D 8 2500 None CU NIPDAU Level-1-220C-UNLIM UC3844AD8TRG4 ACTIVE SOIC D 8 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM UC3844ADTR ACTIVE SOIC D 14 2500 None CU NIPDAU Level-1-220C-UNLIM UC3844ADW ACTIVE SOIC DW 16 40 None CU NIPDAU Level-2-220C-1 YEAR UC3844ADWTR ACTIVE SOIC DW 16 2000 None CU NIPDAU Level-2-220C-1 YEAR UC3844AN ACTIVE PDIP P 8 50 Pb-Free (RoHS) CU SNPB Level-NC-NC-NC UC3845AD ACTIVE SOIC D 14 50 None CU NIPDAU Level-1-220C-UNLIM UC3845AD8 ACTIVE SOIC D 8 75 None CU NIPDAU Level-1-220C-UNLIM UC3845AD8TR ACTIVE SOIC D 8 2500 None CU NIPDAU Level-1-220C-UNLIM UC3845ADTR ACTIVE SOIC D 14 2500 None CU NIPDAU Level-1-220C-UNLIM UC3845ADW ACTIVE SOIC DW 16 40 None CU NIPDAU Level-2-220C-1 YEAR UC3845ADWTR ACTIVE SOIC DW 16 2000 None CU NIPDAU Level-2-220C-1 YEAR UC3845AJ ACTIVE CDIP JG 8 1 None A42 SNPB Level-NC-NC-NC UC3845AN ACTIVE PDIP P 8 50 Pb-Free (RoHS) CU SNPB Level-NC-NC-NC UC3845ANG4 ACTIVE PDIP P 8 50 Green (RoHS & no Sb/Br) CU NIPDAU Level-NA-NA-NA (1) The marketing status values are defined as follows: ACTIVE: Product device recommended for new designs. LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect. NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design. PREVIEW: Device has been announced but is not in production. Samples may or may not be available. OBSOLETE: TI has discontinued the production of the device. (2) Eco Plan - May not be currently available - please check http://www.ti.com/productcontent for the latest availability information and additional product content details. None: Not yet available Lead (Pb-Free). Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements PACKAGE OPTION ADDENDUM www.ti.com 10-Mar-2005 Addendum-Page 3 |
Numéro de pièce similaire - UC2845AD8TRG4 |
|
Description similaire - UC2845AD8TRG4 |