Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STK17T88-RF45I Fiches technique(PDF) 4 Page - Cypress Semiconductor

No de pièce STK17T88-RF45I
Description  32K x 8 AutoStore nvSRAM with Real Time Clock
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYPRESS [Cypress Semiconductor]
Site Internet  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

STK17T88-RF45I Fiches technique(HTML) 4 Page - Cypress Semiconductor

  STK17T88-RF45I Datasheet HTML 1Page - Cypress Semiconductor STK17T88-RF45I Datasheet HTML 2Page - Cypress Semiconductor STK17T88-RF45I Datasheet HTML 3Page - Cypress Semiconductor STK17T88-RF45I Datasheet HTML 4Page - Cypress Semiconductor STK17T88-RF45I Datasheet HTML 5Page - Cypress Semiconductor STK17T88-RF45I Datasheet HTML 6Page - Cypress Semiconductor STK17T88-RF45I Datasheet HTML 7Page - Cypress Semiconductor STK17T88-RF45I Datasheet HTML 8Page - Cypress Semiconductor STK17T88-RF45I Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
STK17T88
Document Number: 001-52040 Rev. *A
Page 4 of 22
AC Test Conditions
Input Pulse Levels ....................................................0V to 3V
Input Rise and Fall Times
...................................................≤ 5ns
Input and Output Timing Reference Levels .................... 1.5V
Output Load..................................See Figure 2 and Figure 3
Capacitance
Figure 2. AC Output Loading
Figure 3. AC Output Loading for Tristate Specs (THZ, tLZ,
tWLQZ, tWHQZ, tGLQX, tGHQZ)
VOH
Output Logic “1”
Voltage
2.4
2.4
V
IOUT =– 2 mA
VOL
Output Logic “0”
Voltage
0.4
0.4
V
IOUT = 4 mA
TA
Operating Temper-
ature
0
70
– 40
85
°C
VCC
Operating Voltage
2.7
3.6
2.7
3.6
V
3.0V +20%, -10%
VCAP
Storage Capacitance
17
57
17
57
µFBetween V
CAP pin and VSS, 5V rated.
NVC
Nonvolatile STORE
operations
200
200
K
DATAR
Data Retention
20
20
Years At 55
°C
DC Characteristics (continued)
(VCC = 2.7V-3.6V)
Symbol
Parameter
Commercial
Industrial
Units
Notes
Min
Max
Min
Max
Symbol
Parameter[2]
Max
Units
Conditions
CIN
Input Capacitance
7
pF
∆V = 0 to 3V
COUT
Output Capacitance
7
pF
∆V = 0 to 3V
Note
2. These parameters are guaranteed but not tested.
[+] Feedback


Numéro de pièce similaire - STK17T88-RF45I

FabricantNo de pièceFiches techniqueDescription
logo
Simtek Corporation
STK17T88-RF45I SIMTEK-STK17T88-RF45I Datasheet
581Kb / 28P
   32K x 8 AutoStore nvSRAM
STK17T88-RF45I SIMTEK-STK17T88-RF45I Datasheet
535Kb / 29P
   32K x 8 AutoStore nvSRAM with Real-Time Clock
STK17T88-RF45ITR SIMTEK-STK17T88-RF45ITR Datasheet
581Kb / 28P
   32K x 8 AutoStore nvSRAM
STK17T88-RF45ITR SIMTEK-STK17T88-RF45ITR Datasheet
535Kb / 29P
   32K x 8 AutoStore nvSRAM with Real-Time Clock
More results

Description similaire - STK17T88-RF45I

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
STK1744 ETC-STK1744 Datasheet
315Kb / 12P
   32K x 8 AutoStore nvSRAM with Real-Time Clock
logo
Simtek Corporation
STK17T88 SIMTEK-STK17T88_08 Datasheet
535Kb / 29P
   32K x 8 AutoStore nvSRAM with Real-Time Clock
logo
Cypress Semiconductor
STK17TA8 CYPRESS-STK17TA8 Datasheet
787Kb / 23P
   128k X 8 AutoStore nvSRAM with Real Time Clock
logo
List of Unclassifed Man...
STK17T88 ETC-STK17T88 Datasheet
284Kb / 25P
   nvTime Event Data Recorder 32K x 8 AutoStore nvSRAM With Real-Time Clock
STK1743 ETC-STK1743 Datasheet
253Kb / 10P
   NV TIME 8K X 8 AUTOSTORE NVSRAM WITH REAL - TIME CLOCK
logo
Simtek Corporation
STK17TA8 SIMTEK-STK17TA8 Datasheet
685Kb / 28P
   128Kx8 Autostore nvSRAM With Real-Time Clock
logo
Cypress Semiconductor
CY14B256KA CYPRESS-CY14B256KA Datasheet
755Kb / 26P
   256 Kbit (32K x 8) nvSRAM with Real Time Clock
logo
Simtek Corporation
STK17TA8 SIMTEK-STK17TA8_08 Datasheet
647Kb / 29P
   128Kx8 Autostore nvSRAM With Real-Time Clock
logo
Cypress Semiconductor
CY14B256K CYPRESS-CY14B256K Datasheet
1Mb / 23P
   256-Kbit (32K x 8) nvSRAM with Real-Time-Clock
CY14B256K CYPRESS-CY14B256K_09 Datasheet
796Kb / 28P
   256 Kbit (32K x 8) nvSRAM with Real Time Clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com