Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STK12C68 Fiches technique(PDF) 7 Page - Cypress Semiconductor

No de pièce STK12C68
Description  64 Kbit (8K x 8) AutoStore nvSRAM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYPRESS [Cypress Semiconductor]
Site Internet  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

STK12C68 Fiches technique(HTML) 7 Page - Cypress Semiconductor

Back Button STK12C68 Datasheet HTML 3Page - Cypress Semiconductor STK12C68 Datasheet HTML 4Page - Cypress Semiconductor STK12C68 Datasheet HTML 5Page - Cypress Semiconductor STK12C68 Datasheet HTML 6Page - Cypress Semiconductor STK12C68 Datasheet HTML 7Page - Cypress Semiconductor STK12C68 Datasheet HTML 8Page - Cypress Semiconductor STK12C68 Datasheet HTML 9Page - Cypress Semiconductor STK12C68 Datasheet HTML 10Page - Cypress Semiconductor STK12C68 Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
STK12C68
Document Number: 001-51027 Rev. **
Page 7 of 20
Maximum Ratings
Exceeding maximum ratings may shorten the useful life of the
device. These user guidelines are not tested.
Storage Temperature ................................. –65
°C to +150°C
Temperature under Bias ............................. –55
°C to +125°C
Voltage on Input Relative to GND.....................–0.5V to 7.0V
Voltage on Input Relative to Vss............ –0.6V to VCC + 0.5V
Voltage on DQ0-7 or HSB .......................–0.5V to Vcc + 0.5V
Power Dissipation.......................................................... 1.0W
DC output Current (1 output at a time, 1s duration) .... 15 mA
Operating Range
Range
Ambient Temperature
VCC
Commercial
0
°C to +70°C
4.5V to 5.5V
Industrial
-40
°C to +85°C
4.5V to 5.5V
DC Electrical Characteristics
Over the operating range (VCC = 4.5V to 5.5V)
[4]
Parameter
Description
Test Conditions
Min
Max
Unit
ICC1
Average VCC Current
tRC = 25 ns
tRC = 35 ns
tRC = 45 ns
Dependent on output loading and cycle rate. Values obtained
without output loads.
IOUT = 0 mA.
85
75
65
mA
mA
mA
ICC2
Average VCC Current
during STORE
All Inputs Do Not Care, VCC = Max
Average current for duration tSTORE
3mA
ICC3
Average VCC Current at
tRC= 200 ns, 5V, 25°C
Typical
WE > (VCC – 0.2V). All other inputs cycling.
Dependent on output loading and cycle rate. Values obtained
without output loads.
10
mA
ICC4
Average VCAP Current
during AutoStore Cycle
All Inputs Do Not Care, VCC = Max
Average current for duration tSTORE
2mA
ISB1
[5]
VCC Standby Current
(Standby, Cycling TTL
Input Levels)
tRC = 25 ns, CE > VIH
tRC = 35 ns, CE > VIH
tRC = 45 ns, CE > VIH
27
24
20
mA
mA
mA
ISB2
[5]
VCC Standby Current
CE > (VCC – 0.2V). All others VIN < 0.2V or >
(VCC – 0.2V). Standby current level after
nonvolatile cycle is complete.
Inputs are static. f = 0 MHz.
Commercial
1.5
mA
Industrial
2.5
mA
IIX
Input Leakage Current VCC = Max, VSS < VIN < VCC
-1
+1
μA
IIX
Input Leakage Current VCC = Max, VSS < VIN < VCC
-1
+1
μA
IOZ
Off State Output
Leakage Current
VCC = Max, VSS < VIN < VCC, CE or OE > VIH or WE < VIL
-5
+5
μA
VIH
Input HIGH Voltage
2.2
VCC +
0.5
V
VIL
Input LOW Voltage
VSS – 0.5
0.8
V
VOH
Output HIGH Voltage
IOUT = –4 mA
2.4
V
VOL
Output LOW Voltage
IOUT = 8 mA
0.4
V
VBL
Logic ‘0’ Voltage on
HSB Output
IOUT = 3 mA
0.4
V
VCAP
Storage Capacitor
Between Vcap pin and Vss, 6V rated. 68 µF +20% nom.
54
260
µF
Notes
4. VCC reference levels throughout this data sheet refer to VCC if that is where the power supply connection is made, or VCAP if VCC is connected to ground.
5. CE > VIH does not produce standby current levels until any nonvolatile cycle in progress has timed out.
[+] Feedback


Numéro de pièce similaire - STK12C68

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
STK12C68 ETC-STK12C68 Datasheet
388Kb / 13P
   8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK12C68 ETC-STK12C68 Datasheet
125Kb / 12P
   8k x 8 AUTOSTORE NVSRAM QUANTUM TRAP CMOS NONVOLATILE STATIC RAM
logo
Simtek Corporation
STK12C68 SIMTEK-STK12C68 Datasheet
524Kb / 20P
   8Kx8 AutoStore nvSRAM
logo
Cypress Semiconductor
STK12C68 CYPRESS-STK12C68 Datasheet
1Mb / 24P
   64 Kbit (8K x 8) AutoStore nvSRAM 25 ns, 35 ns, and 45 ns access times
logo
List of Unclassifed Man...
STK12C68-40M ETC-STK12C68-40M Datasheet
72Kb / 10P
   CMOS NV SRAM 8K X 8 AUTOSTORE NONVOLATILE STATIC RAM
More results

Description similaire - STK12C68

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
STK12C68-5 CYPRESS-STK12C68-5 Datasheet
591Kb / 18P
   64 Kbit (8K x 8) AutoStore nvSRAM
CY14E064L CYPRESS-CY14E064L Datasheet
840Kb / 16P
   64-Kbit (8K x 8) nvSRAM
CY14E064L CYPRESS-CY14E064L_07 Datasheet
520Kb / 17P
   64 Kbit (8K x 8) nvSRAM
STK11C68 CYPRESS-STK11C68 Datasheet
556Kb / 16P
   64 Kbit (8K x 8) SoftStore nvSRAM
STK11C68-5 CYPRESS-STK11C68-5 Datasheet
536Kb / 15P
   64 Kbit (8K x 8) SoftStore nvSRAM
logo
List of Unclassifed Man...
STK15C68 ETC-STK15C68 Datasheet
76Kb / 9P
   8K x 8 AutoStore nvSRAM
logo
Cypress Semiconductor
STK14C88-5 CYPRESS-STK14C88-5 Datasheet
535Kb / 17P
   256 Kbit (32K x 8) AutoStore nvSRAM
STK14C88-3 CYPRESS-STK14C88-3 Datasheet
618Kb / 17P
   256 Kbit (32K x 8) AutoStore nvSRAM
STK16C88 CYPRESS-STK16C88 Datasheet
468Kb / 14P
   256 Kbit (32K x 8) AutoStore nvSRAM
STK16C88-3 CYPRESS-STK16C88-3 Datasheet
456Kb / 14P
   256 Kbit (32K x 8) AutoStore nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com