Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UC2877DWP Fiches technique(PDF) 2 Page - Texas Instruments

No de pièce UC2877DWP
Description  Phase Shift Resonant Controller
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

UC2877DWP Fiches technique(HTML) 2 Page - Texas Instruments

  UC2877DWP Datasheet HTML 1Page - Texas Instruments UC2877DWP Datasheet HTML 2Page - Texas Instruments UC2877DWP Datasheet HTML 3Page - Texas Instruments UC2877DWP Datasheet HTML 4Page - Texas Instruments UC2877DWP Datasheet HTML 5Page - Texas Instruments UC2877DWP Datasheet HTML 6Page - Texas Instruments UC2877DWP Datasheet HTML 7Page - Texas Instruments UC2877DWP Datasheet HTML 8Page - Texas Instruments UC2877DWP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
2
UC1875/6/7/8
UC2875/6/7/8
UC3875/6/7/8
Dil-20 (Top View) J
or N Package
ABSOLUTE MAXIMUM RATINGS
Supply Voltage (VC, VIN) ..........................20V
Output Current, Source or Sink
DC ......................................... 0.5A
Pulse (0.5
µs) ..................................3A
Analog I/0s
(Pins 1, 2, 3, 4, 5, 6, 7, 15, 16, 17, 18, 19) .... –0.3 to 5.3V
Storage Temperature Range ............. –65°C to +150°C
Junction Temperature ................... –55°C to +150°C
Lead Temperature (Soldering, 10 sec.) ............ +300°C
Note:
Pin references are to 20 pin packages. All voltages are
with respect to ground. Currents are positive into, neg-
ative out of, device terminals. Consult Unitrode
databook for information regarding thermal specifica-
tions and limitations of packages.
SOIC-28, (Top View)
DWP Package
CONNECTION DIAGRAMS
4
25
24
23
OUTA
2
31 28
22
21
5
6
7
8
9
12
14
13
15 16
N/C
N/C
OUTC
OUTD
N/C
DELAYSET C-D
SS
CS+
EA+
DELAYSET A-B
FREQSET
CLOCKSYNC
SLOPE
RAMP
E/A-
N/C
N/C
N/C
GND
10
11
17 18
20
19
27 26
OUTB
PWRGND
VIN
N/C
E/A OUT
VREF
N/C
VC
Additional features include an error amplifier with band-
width in excess of 7MHz, a 5V reference, provisions for
soft-starting, and flexible ramp generation and slope com-
pensation circuitry.
These devices are available in 20-pin DIP, 28-pin
“bat-wing” SOIC and 28 lead power PLCC plastic pack-
ages for operation over both 0°C to 70°C and –25°C to
+85°C temperature ranges; and in hermetically sealed
cerdip, surface mount, and ceramic leadless chip carrier
packages for –55°C to +125°C operation.
Device
UVLO
Turn-On
UVLO
Turn-Off
Delay
Set
UC1875
10.75
9.25V
Yes
UC1876
15.25V
9.25V
Yes
UC1877
10.75V
9.25V
No
UC1878
15.25V
9.25V
No
DESCRIPTION (cont.)
CLCC-28 (Top View) L Package


Numéro de pièce similaire - UC2877DWP

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC2877 TI1-UC2877 Datasheet
5Mb / 23P
[Old version datasheet]   Phase Shift Reasonant Controller
More results

Description similaire - UC2877DWP

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC2879DW TI1-UC2879DW Datasheet
459Kb / 15P
[Old version datasheet]   PHASE SHIFT RESONANT CONTROLLER
UC2875-EP TI1-UC2875-EP Datasheet
572Kb / 18P
[Old version datasheet]   PHASE SHIFT RESONANT CONTROLLER
UC1879 TI-UC1879 Datasheet
346Kb / 7P
[Old version datasheet]   Phase Shift Resonant Controller
UC2875-EP TI-UC2875-EP_15 Datasheet
552Kb / 18P
[Old version datasheet]   PHASE SHIFT RESONANT CONTROLLER
UC1875-SP TI1-UC1875-SP_15 Datasheet
791Kb / 36P
[Old version datasheet]   Rad-Tolerant Class-V, Phase Shift Resonant Controller
UC1875-SP TI1-UC1875-SP Datasheet
548Kb / 20P
[Old version datasheet]   RAD-TOLERANT CLASS-V, PHASE SHIFT RESONANT CONTROLLER
UC1875 TI1-UC1875_16 Datasheet
5Mb / 23P
[Old version datasheet]   Phase Shift Reasonant Controller
UCC2895-EP TI1-UCC2895-EP Datasheet
623Kb / 20P
[Old version datasheet]   BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
UCC2895-Q1 TI1-UCC2895-Q1 Datasheet
349Kb / 22P
[Old version datasheet]   BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
UCC2895-Q1 TI-UCC2895-Q1_15 Datasheet
838Kb / 24P
[Old version datasheet]   BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com