Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL54230IIZ-T Fiches technique(PDF) 9 Page - Intersil Corporation

No de pièce ISL54230IIZ-T
Description  Octal Multiprotocol Switch
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54230IIZ-T Fiches technique(HTML) 9 Page - Intersil Corporation

Back Button ISL54230IIZ-T Datasheet HTML 5Page - Intersil Corporation ISL54230IIZ-T Datasheet HTML 6Page - Intersil Corporation ISL54230IIZ-T Datasheet HTML 7Page - Intersil Corporation ISL54230IIZ-T Datasheet HTML 8Page - Intersil Corporation ISL54230IIZ-T Datasheet HTML 9Page - Intersil Corporation ISL54230IIZ-T Datasheet HTML 10Page - Intersil Corporation ISL54230IIZ-T Datasheet HTML 11Page - Intersil Corporation ISL54230IIZ-T Datasheet HTML 12Page - Intersil Corporation ISL54230IIZ-T Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
9
FN6825.2
May 28, 2009
Detailed Description
The ISL54230 is a multiprotocol switch containing eight
switches configured as a Quad DPDT. Each DPDT switch is
independently controlled by a logic pin. The ISL54230 has
four switches that are compliant in passing USB2.0 signals
and four switches with low rON that can be used to pass
analog or digital signals such as audio or UART. It is offered
in a 36 ball WLCSP or a 32 Ld 5mmx5mm TQFN package
for applications which require small package size such as
cellphones and PDAs.
The ISL54230 contains four switches capable of passing
USB2.0 Full-Speed and High-Speed signals with minimal
distortion, two 1
Ω switches and two 6Ω switches for
analog/digital signals. The USB capable switches were
designed with low capacitance and high bandwidth to pass
USB HS signals (480Mbps) with minimal edge and phase
distortion. The 1
Ω switches are designed for passing low
bandwidth signals (<8MHz) and are ideal for switching
power lines since the low ON-resistance minimizes power
dissipation. The 6
Ω switches are designed to pass audio or
data signals up to 100MHz while maintaining a low rON for
good THD performance.
In addition to the four independent logic control pins that
control each DPDT switch, the ISL54230 contains two Output
Enable (OE) logic pins that permits the IC to disable certain
switches giving the user a high degree of flexibility in signal
routing. Please see “OE Control Truth Table” on page 3 for an
explanation of the OE pins. All logic pins on the ISL54230 are
1.8V logic compatible up to a +3.3V supply.
Power Supply Considerations
The power supply connected to the VDD and GND pins
provides the DC bias voltage necessary to operate the IC.
The ISL54230 can be operated with a supply voltage in the
range of +2.0V to +5.5V. For USB applications, the supply
voltage should be in the range of +3.0V to +5.5V to ensure
proper signal levels on the USB data lines.
A decoupling capacitor in the range 0.01µF to 0.1µF should
be connected to the VDD supply pin of the IC to filter out any
power supply noise that may be present on the supply lines.
The capacitor should be place as closed as possible to the
VDD pin.
Supply Sequencing and Power-On Reset Protection
Proper power supply sequencing is necessary to protect the
ISL54230 from operating in fault conditions. The ISL54230
integrates Power-On Reset (POR) circuitry that prevents the
switches from turning ON until the supply voltage is at least
+1.4V. The POR has a 100mV hysteresis built in that will turn
the switches OFF when the supply has gone below +1.3V.
This function prevents signals from the switch input being
passed to the output when the device operating voltage has
not reached appropriate levels yet, protecting the switch
from fault conditions.
The POR circuitry also protects the switch from operating in
a fault condition should the power supply to the IC drop
below the POR threshold. Thus, the recommended
operational supply voltage is within +2.0V to +5.5V.
Operating at supply voltages below +2.0V may still be
functional but the noise margin between the POR threshold
and supply voltage will be reduced. The device may
FIGURE 6A. MEASUREMENT POINTS
FIGURE 6B. TEST CIRCUIT
FIGURE 6. SKEW TEST
Test Circuits and Waveforms (Continued)
DIN+
DIN-
OUT+
OUT-
50%
50%
90%
10%
10%
10%
10%
90%
90%
50%
90%
50%
tri
tfi
tro
tf0
tskew_i
tskew_o
OUT+
CL
COM2B
NO2A
GND
VDD
C
COM2A
CL
OUT-
DIN+
DIN-
|tro - tri| Delay Due to Switch for Rising Input and Rising Output Signals.
|tfo - tfi| Delay Due to Switch for Falling Input and Falling Output Signals
|tskew_0| Change in Skew through the Switch for Output Signals.
|tskew_i| Change in Skew through the Switch for Input Signals.
15.8
Ω
15.8
Ω
143
Ω
143
Ω
45
Ω
45
Ω
INx
VINx
OR NC2A
NO2B
OR NC2B
ISL54230


Numéro de pièce similaire - ISL54230IIZ-T

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ISL54230IIZ-T RENESAS-ISL54230IIZ-T Datasheet
1Mb / 18P
   Octal Multiprotocol Switch
More results

Description similaire - ISL54230IIZ-T

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ISL54230 RENESAS-ISL54230 Datasheet
1Mb / 18P
   Octal Multiprotocol Switch
logo
Intersil Corporation
ISL54230 INTERSIL-ISL54230 Datasheet
1Mb / 16P
   Octal Multiprotocol Switch
logo
Analog Devices
FIDO5200 AD-FIDO5200 Datasheet
378Kb / 19P
   Real-Time Ethernet Multiprotocol (REM) Switch
logo
Toshiba Semiconductor
TC7MB3244FK TOSHIBA-TC7MB3244FK_07 Datasheet
166Kb / 6P
   Octal Bus Switch
TC7MBD3244AFK TOSHIBA-TC7MBD3244AFK Datasheet
197Kb / 7P
   Octal Bus Switch
TC7MBD3245AFK TOSHIBA-TC7MBD3245AFK_07 Datasheet
178Kb / 7P
   Octal Bus Switch
logo
Nexperia B.V. All right...
CBT3245A-Q100 NEXPERIA-CBT3245A-Q100 Datasheet
222Kb / 12P
   Octal bus switch
logo
Fairchild Semiconductor
FST3245 FAIRCHILD-FST3245 Datasheet
110Kb / 6P
   Octal Bus Switch
logo
Toshiba Semiconductor
TC7MB3245FK TOSHIBA-TC7MB3245FK Datasheet
189Kb / 5P
   OCTAL BUS SWITCH
logo
NXP Semiconductors
CBT3245A PHILIPS-CBT3245A_15 Datasheet
383Kb / 16P
   Octal bus switch
Rev. 3-5 January 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com