Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL6115ACBZ-T Fiches technique(PDF) 9 Page - Intersil Corporation

No de pièce ISL6115ACBZ-T
Description  12V Power Distribution Controllers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6115ACBZ-T Fiches technique(HTML) 9 Page - Intersil Corporation

Back Button ISL6115ACBZ-T Datasheet HTML 2Page - Intersil Corporation ISL6115ACBZ-T Datasheet HTML 3Page - Intersil Corporation ISL6115ACBZ-T Datasheet HTML 4Page - Intersil Corporation ISL6115ACBZ-T Datasheet HTML 5Page - Intersil Corporation ISL6115ACBZ-T Datasheet HTML 6Page - Intersil Corporation ISL6115ACBZ-T Datasheet HTML 7Page - Intersil Corporation ISL6115ACBZ-T Datasheet HTML 8Page - Intersil Corporation ISL6115ACBZ-T Datasheet HTML 9Page - Intersil Corporation ISL6115ACBZ-T Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
FN6855.0
February 25, 2009
TABLE 3. BILL OF MATERIALS, ISL6115AEVAL1Z
COMPONENT
DESIGNATOR
COMPONENT NAME
COMPONENT DESCRIPTION
U1
N-FET
11.5m
Ω, 30V, 11.5A Logic Level N-Channel Power MOSFET or equivalent
R1
Load Current Sense Resistor
WSL-2512 10m
Ω 1W Metal Strip Resistor
R2
Gate Stability Resistor
20
Ω 0603 Chip Resistor
R3
Overcurrent Voltage Threshold Set Resistor 1.24k
Ω 0603 Chip Resistor (Vth = 24.8mV)
R4
PGOOD Pull up Resistor
10k
Ω 0603 Chip Resistor
C1
Gate Timing Capacitor
0.001µF 0402 Chip Capacitor (<2ms)
C2
IC Decoupling Capacitor
0.1µF 0402 Chip Capacitor
C3
Time Delay Set Capacitor
0.01µF 0402 Chip Capacitor (1ms)
J1
Bias Voltage Selection Jumper
Install if switched rail voltage is = +12V. Remove and provide separate +12V bias
voltage to U2 via VBIAS if ISL6116, ISL6117 or ISL6120 is being evaluated.
J2
PWRON Disable
Install J2 to disable U2. Connects PWRON to GND.
ISL6115A


Numéro de pièce similaire - ISL6115ACBZ-T

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL6115ACBZ-T INTERSIL-ISL6115ACBZ-T Datasheet
336Kb / 10P
   12V Power Distribution Controllers
April 23, 2010
logo
Renesas Technology Corp
ISL6115ACBZ-T RENESAS-ISL6115ACBZ-T Datasheet
503Kb / 10P
   12V Power Distribution Controllers
More results

Description similaire - ISL6115ACBZ-T

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL6115AIBZ INTERSIL-ISL6115AIBZ Datasheet
336Kb / 10P
   12V Power Distribution Controllers
April 23, 2010
logo
Renesas Technology Corp
ISL6115A RENESAS-ISL6115A Datasheet
503Kb / 10P
   12V Power Distribution Controllers
logo
Altera Corporation
ES1010SI ALTERA-ES1010SI Datasheet
889Kb / 11P
   12V Hot-Swap Power Distribution Controllers
logo
Intersil Corporation
HIP1015 INTERSIL-HIP1015 Datasheet
200Kb / 10P
   Power Distribution Controllers
ISL6115CB INTERSIL-ISL6115CB Datasheet
319Kb / 13P
   Power Distribution Controllers
April 29, 2010
HIP1015 INTERSIL-HIP1015_03 Datasheet
190Kb / 9P
   Power Distribution Controllers
logo
Renesas Technology Corp
ISL6115 RENESAS-ISL6115 Datasheet
716Kb / 14P
   Power Distribution Controllers
logo
Intersil Corporation
ISL6115CBZA-T INTERSIL-ISL6115CBZA-T Datasheet
321Kb / 13P
   Power Distribution Controllers
April 29, 2010
ISL6115 INTERSIL-ISL6115_07 Datasheet
278Kb / 12P
   Power Distribution Controllers
ISL6115CB INTERSIL-ISL6115CB Datasheet
319Kb / 13P
   Power Distribution Controllers
April 29, 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com