Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UC385TD-1 Fiches technique(PDF) 1 Page - Texas Instruments

No de pièce UC385TD-1
Description  FAST TRANSIENT REPONSE 5-A LOW-DROPOUT REGULATOR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

UC385TD-1 Fiches technique(HTML) 1 Page - Texas Instruments

  UC385TD-1 Datasheet HTML 1Page - Texas Instruments UC385TD-1 Datasheet HTML 2Page - Texas Instruments UC385TD-1 Datasheet HTML 3Page - Texas Instruments UC385TD-1 Datasheet HTML 4Page - Texas Instruments UC385TD-1 Datasheet HTML 5Page - Texas Instruments UC385TD-1 Datasheet HTML 6Page - Texas Instruments UC385TD-1 Datasheet HTML 7Page - Texas Instruments UC385TD-1 Datasheet HTML 8Page - Texas Instruments UC385TD-1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
UC2851, UC2852, UC2853, UC285ADJ, UC3851, UC3852, UC3853, UC385ADJ
FAST TRANSIENT RESPONSE 5A
LOW DROPOUT REGULATOR
SLUS212E − NOVEMBER 1999 − REVISED FEBRUARY 2004
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Fast Transient Response
D 10-mA to 5-A Load Current
D Short Circuit Protection
D Maximum Dropout of 500-mV at 5-A Load
Current
D Separate Bias (VB) and VIN Pins
D Available in Adjustable or Fixed Output
Voltages
D 5-Pin Package Allows Kelvin Sensing of
Load Voltage
D Reverse Current Protection
description
The UC385 is a low dropout linear regulator providing a quick response to fast load changes. Combined with
its precision onboard reference, the UC385 excels at driving GTL and BTL buses. Due to its fast response to
load transients, the total capacitance required to decouple the regulator’s output can be significantly decreased
when compared to standard LDO linear regulators.
Dropout voltage (VIN to VOUT) is only 490 mV maximum and 350 mV typical at 5-A load (0
°C to 100°C).
The onboard bandgap reference is stable with temperature and scaled for a 1.2 V input to the internal power
amplifier. The UC385 is available in fixed output voltages of 1.5 V, 2.1 V, or 2.5 V. The output voltage of the
adjustable version can be set with two external resistors. If the external resistors are omitted, the output voltage
defaults to 1.2 V.
block diagram
+
THERMAL
SHUTDOWN
1.2 V
BANDGAP
REFERENCE
R2
R1
3
5
SHORT
CIRCUIT
SENSE
2
1
4
UC382−ADJ
UC382−1 (1.5 V)
UC382−2 (2.1 V)
UC382−3 (2.5 V)
OPEN
0
2 k
500
2 k
1.5 k
2 k
2.16 k
R1
R2
ADJ
GND
VOUT
VIN
VB
UDG-00084
Copyright
 1998−2004, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
5-PIN TO-263
TD PACKAGE
(TOP VIEW)
5-PIN TO-220
T PACKAGE (TOP VIEW)
Note: Tab = Ground
All trademarks are the property of their respective owners.


Numéro de pièce similaire - UC385TD-1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC385TD-1 TI1-UC385TD-1 Datasheet
876Kb / 18P
[Old version datasheet]   FAST TRANSIENT RESPONSE 5A LOW-DROPOUT REGULATOR
More results

Description similaire - UC385TD-1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS7A7300 TI-TPS7A7300_15 Datasheet
1Mb / 29P
[Old version datasheet]   3-A, Fast-Transient, Low-Dropout Voltage Regulator
TPS7A7200 TI1-TPS7A7200_15 Datasheet
1Mb / 42P
[Old version datasheet]   2-A, Fast-Transient, Low-Dropout Voltage Regulator
TPS7A7300 TI1-TPS7A7300 Datasheet
1Mb / 28P
[Old version datasheet]   3-A, FAST-TRANSIENT, LOW-DROPOUT VOLTAGE REGULATOR
TPS7A7200-EP TI-TPS7A7200-EP_15 Datasheet
1Mb / 28P
[Old version datasheet]   2-A, FAST-TRANSIENT, LOW-DROPOUT VOLTAGE REGULATOR
TPS7A7200 TI-TPS7A7200_15 Datasheet
1Mb / 32P
[Old version datasheet]   2-A, Fast-Transient, Low-Dropout Voltage Regulator
TPS7A7200 TI1-TPS7A7200 Datasheet
1Mb / 29P
[Old version datasheet]   2-A, Fast-Transient, Low-Dropout Voltage Regulator
TPS7A7100 TI1-TPS7A7100 Datasheet
1Mb / 29P
[Old version datasheet]   1-A, Fast-Transient, Low-Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS2115 ADMOS-AMS2115 Datasheet
209Kb / 4P
   FAST TRANSIENT RESPONSE LOW DROPOUT REGULATOR
AMS2115 ADMOS-AMS2115_07 Datasheet
213Kb / 4P
   FAST TRANSIENT RESPONSE LOW DROPOUT REGULATOR
logo
Texas Instruments
TPS7A7300 TI1-TPS7A7300_16 Datasheet
1Mb / 37P
[Old version datasheet]   Fast-Transient, Low-Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com