Moteur de recherche de fiches techniques de composants électroniques |
|
UC2877L Fiches technique(PDF) 6 Page - Texas Instruments |
|
UC2877L Fiches technique(HTML) 6 Page - Texas Instruments |
6 / 19 page 6 UC1875/6/7/8 UC2875/6/7/8 UC3875/6/7/8 CLOCKSYNC (bi-directional clock and synchronization pin): Used as an output, this pin provides a clock signal. As an input, this pin provides a synchronization point. In its simplest usage, multiple devices, each with their own local oscillator frequency, may be connected together by the CLOCKSYNC pin and will synchronize on the fastest oscillator. This pin may also be used to synchronize the device to an external clock, provided the external signal is of higher frequency than the local oscillator. A resistor load may be needed on this pin to minimize the clock pulse width. E/AOUT (error amplifier output): This is is the gain stage for overall feedback control. Error amplifier output volt- age levels below 1 volt will force 0° phase shift. Since the error amplifier has a relatively low current drive capabil- ity, the output may be overridden by driving with a suffi- ciently low impedance source. CS+ (current sense):The non-inverting input to the cur- rent-fault comparator whose reference is set internally to a fixed 2.5V (separate from VREF). When the voltage at this pin exceeds 2.5V the current-fault latch is set, the outputs are forced OFF and a SOFT-START cycle is initi- ated. If a constant voltage above 2.5V is applied to this pin the outputs are disabled from switching and held in a low state until the CS+ pin is brought below 2.5V. The outputs may begin switching at 0 degrees phase shift be- fore the SOFTSTART pin begins to rise -- this condition will not prematurely deliver power to the load. FREQSET (oscillator frequency set pin): A resistor and a capacitor from FREQSET to GND will set the oscillator frequency. DELAYSET A-B, DELAYSET C-D (output delay control): The user programmed current flowing from these pins to GND set the turn-on delay for the corresponding output pair. This delay is introduced between turn-off of one switch and turn-on of another in the same leg of the bridge to provide a dead time in which the resonant switching of the external power switches takes place. Separate delays are provided for the two half-bridges to accommodate differences in the resonant capacitor charging currents. EA– (error amplifier inverting input): This is normally con- nected to the voltage divider resistors which sense the power supply output voltage level. EA+ (error amplifier non-inverting input): This is normally connected to a reference voltage used for comparison with the sensed power supply output voltage level at the EA+ pin. GND (signal ground):All voltages are measured with re- spect to GND. The timing capacitor, on the FREQSET pin, any bypass capacitor on the VREF pin, bypass ca- pacitors on VIN and the ramp capacitor, on the RAMP pin, should be connected directly to the ground plane near the signal ground pin. OUTA-OUTD (outputs A-D): The outputs are 2A to- tem-pole drivers optimized for both MOSFET gates and level-shifting transformers. The outputs operate as pairs with a nominal 50% duty-cycle. The A-B pair is intended to drive one half-bridge in the external power stage and is syncronized with the clock waveform. The C-D pair will drive the other half-bridge with switching phase shifted with respect to the A-B outputs. PWRGND (power ground):VC should be bypassed with a ceramic capacitor from the VC pin to the section of the ground plane that is connected to PWRGND. Any re- quired bulk reservoir capacitor should parallel this one. Power ground and signal ground may be joined at a sin- gle point to optimize noise rejection and minimize DC drops. RAMP (voltage ramp):This pin is the input to the PWM comparator. Connect a capacitor from here to GND. A voltage ramp is developed at this pin with a slope: dV dT S e ns e Voltage RC SLOPE R AMP = • Current mode control may be achieved with a minimum amount of external circuitry, in which case this pin pro- vides slope compensation. Because of the 1.3V offset between the ramp input and the PWM comparator, the error amplifier output voltage can not exceed the effective ramp peak voltage and duty cycle clamping is easily achievable with appropriate val- ues of RSLOPE and CRAMP. SLOPE (set ramp slope/slope compensation): A resistor from this pin to VCC will set the current used to generate the ramp. Connecting this resistor to the DC input line voltage will provide voltage feed-forward. SOFTSTART (soft start): SOFTSTART will remain at GND as long as VIN is below the UVLO threshold. SOFTSTART will be pulled up to about 4.8V by an inter- nal 9 µA current source when VIN becomes valid (assum- ing a non-fault condition). In the event of a current-fault (CS+ voltage exceeding 2.5V), SOFTSTART will be pulled to GND and them ramp to 4.8V. If a fault occurs during the SOFTSTART cycle, the outputs will be imme- diately disabled and SOFTSTART must charge fully prior to resetting the fault latch. For paralleled controllers, the SOFTSTART pins may be paralled to a single capacitor, but the charge currents will be additive. PIN DESCRIPTIONS |
Numéro de pièce similaire - UC2877L |
|
Description similaire - UC2877L |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |