Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CXM3560XR Fiches technique(PDF) 9 Page - Sony Corporation

No de pièce CXM3560XR
Description  SP10T Antenna Switch for GSM/UMTS Dual Mode Handsets
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SONY [Sony Corporation]
Site Internet  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXM3560XR Fiches technique(HTML) 9 Page - Sony Corporation

Back Button CXM3560XR Datasheet HTML 4Page - Sony Corporation CXM3560XR Datasheet HTML 5Page - Sony Corporation CXM3560XR Datasheet HTML 6Page - Sony Corporation CXM3560XR Datasheet HTML 7Page - Sony Corporation CXM3560XR Datasheet HTML 8Page - Sony Corporation CXM3560XR Datasheet HTML 9Page - Sony Corporation CXM3560XR Datasheet HTML 10Page - Sony Corporation CXM3560XR Datasheet HTML 11Page - Sony Corporation CXM3560XR Datasheet HTML 12Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
CXM3560XR
- 9 -
Electrical Characteristics are measured with all RF ports terminated in 50
Ω.
Isolation
ISO
TRx2
TRx2-Rx1
824 to 849MHz
30
62
dB
TRx2-Rx2
30
62
TRx2-Rx3
30
62
TRx2-Rx4
30
55
TRx2-TRx1
20
30
TRx2-TRx3
20
30
TRx2-TRx4
20
35
TRx2-Tx1
20
27
TRx2-Tx2
20
45
TRx2-Rx1
1710 to 1910MHz
30
58
TRx2-Rx2
30
58
TRx2-Rx3
30
55
TRx2-Rx4
30
45
TRx2-TRx1
18
23
TRx2-TRx3
18
24
TRx2-TRx4
18
28
TRx2-Tx1
17
19
TRx2-Tx2
20
34
TRx3
TRx3-Rx1
824 to 849MHz
30
62
TRx3-Rx2
30
62
TRx3-Rx3
30
62
TRx3-Rx4
30
57
TRx3-TRx1
20
30
TRx3-TRx2
20
35
TRx3-TRx4
20
32
TRx3-Tx1
20
26
TRx3-Tx2
20
45
TRx3-Rx1
1710 to 1910MHz
30
57
TRx3-Rx2
30
58
TRx3-Rx3
30
55
TRx3-Rx4
30
45
TRx3-TRx1
18
23
TRx3-TRx2
18
29
TRx3-TRx4
18
25
TRx3-Tx1
17
19
TRx3-Tx2
20
33
TRx4
TRx4-Rx1
824 to 849MHz
35
62
TRx4-Rx2
35
62
TRx4-Rx3
35
62
TRx4-Rx4
35
57
TRx4-TRx1
20
30
TRx4-TRx2
35
42
TRx4-TRx3
30
35
TRx4-Tx1
20
27
TRx4-Tx2
30
45
Item
Symbol
Path
Condition
Min.
Typ.
Max.
Unit
Active
Isolation


Numéro de pièce similaire - CXM3560XR

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXM3512EQ SONY-CXM3512EQ Datasheet
237Kb / 13P
   SP9T GSM/UMTS Dual Mode Antenna Switch
CXM3513ER SONY-CXM3513ER Datasheet
183Kb / 7P
   High Power DP3T Switch with Logic Control
CXM3517BER SONY-CXM3517BER Datasheet
227Kb / 10P
   SP7T Antenna Switch Module for GSM and UMTS or CDMA Dual Mode Handset
CXM3519ER SONY-CXM3519ER Datasheet
320Kb / 19P
   SP9T/10T Antenna Switch Module for GSM and UMTS/CDMA Dual Mode Handset
CXM3520BER SONY-CXM3520BER Datasheet
272Kb / 15P
   SP10T Antenna Switch Module for GSM and UMTS/CDMA Multi Mode Handset
More results

Description similaire - CXM3560XR

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXM3539XR SONY-CXM3539XR Datasheet
253Kb / 12P
   SP8T Antenna Switch for GSM/UMTS Dual Mode Handsets
CXM3520BER SONY-CXM3520BER Datasheet
272Kb / 15P
   SP10T Antenna Switch Module for GSM and UMTS/CDMA Multi Mode Handset
CXM3529XR SONY-CXM3529XR Datasheet
203Kb / 10P
   SP9T Antenna Switch for GSM/UMTS Dual Mode
CXG1198AEQ SONY-CXG1198AEQ Datasheet
143Kb / 11P
   SP8T GSM/UMTS Dual Mode Antenna Switch
CXM3512EQ SONY-CXM3512EQ Datasheet
237Kb / 13P
   SP9T GSM/UMTS Dual Mode Antenna Switch
CXG1230EQ SONY-CXG1230EQ Datasheet
213Kb / 13P
   SP9T GSM/UMTS Dual Mode Antenna Switch
CXM3543AER SONY-CXM3543AER Datasheet
306Kb / 26P
   3P10T Antenna Switch for GSM/UMTS Dual Mode Phones
CXM3524ER SONY-CXM3524ER Datasheet
301Kb / 29P
   3P10T Antenna Switch for GSM/UMTS Dual Mode Phones
CXM3525ER SONY-CXM3525ER Datasheet
278Kb / 14P
   DP10T Antenna Switch Module for GSM/UMTS Dual Mode Phones
CXG1194XR SONY-CXG1194XR Datasheet
79Kb / 6P
   SP4T Antenna Switch for GSM/UMTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com