Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CXM3520BER Fiches technique(PDF) 6 Page - Sony Corporation

No de pièce CXM3520BER
Description  SP10T Antenna Switch Module for GSM and UMTS/CDMA Multi Mode Handset
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SONY [Sony Corporation]
Site Internet  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXM3520BER Fiches technique(HTML) 6 Page - Sony Corporation

Back Button CXM3520BER Datasheet HTML 2Page - Sony Corporation CXM3520BER Datasheet HTML 3Page - Sony Corporation CXM3520BER Datasheet HTML 4Page - Sony Corporation CXM3520BER Datasheet HTML 5Page - Sony Corporation CXM3520BER Datasheet HTML 6Page - Sony Corporation CXM3520BER Datasheet HTML 7Page - Sony Corporation CXM3520BER Datasheet HTML 8Page - Sony Corporation CXM3520BER Datasheet HTML 9Page - Sony Corporation CXM3520BER Datasheet HTML 10Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
CXM3520BER
- 6 -
Recommended Circuit
(Top View)
Note) 1. No DC blocking capacitors are required on all RF ports.
2. DC levels of all RF ports are GND.
3. L1 inductor (22nH) and C1 capacitor (12pF) are recommended on Ant port for ESD protection.
4. C2 capacitor (100pF) is recommended.
C2
C1
L1
6
4
5
9
3
1
2
10
11
12
13
16
18
17
19
21
20
26
25
24
23
22
GND
GND
Rx4
Rx3
Rx2
Rx1
TRx1
GND
VQFN-26P PKG
(3.0mm
× 3.8mm × 0.8mm Typ.)
8
7
14
15
GND
Ant
GND
TRx4
TRx3
GND
TRx2
GND


Numéro de pièce similaire - CXM3520BER

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXM3524ER SONY-CXM3524ER Datasheet
301Kb / 29P
   3P10T Antenna Switch for GSM/UMTS Dual Mode Phones
CXM3525ER SONY-CXM3525ER Datasheet
278Kb / 14P
   DP10T Antenna Switch Module for GSM/UMTS Dual Mode Phones
CXM3529XR SONY-CXM3529XR Datasheet
203Kb / 10P
   SP9T Antenna Switch for GSM/UMTS Dual Mode
More results

Description similaire - CXM3520BER

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXM3517BER SONY-CXM3517BER Datasheet
227Kb / 10P
   SP7T Antenna Switch Module for GSM and UMTS or CDMA Dual Mode Handset
CXM3519ER SONY-CXM3519ER Datasheet
320Kb / 19P
   SP9T/10T Antenna Switch Module for GSM and UMTS/CDMA Dual Mode Handset
CXM3560XR SONY-CXM3560XR Datasheet
239Kb / 12P
   SP10T Antenna Switch for GSM/UMTS Dual Mode Handsets
CXM3540XR SONY-CXM3540XR Datasheet
177Kb / 7P
   High Linearity DP4T Antenna Switch for GSM/UMTS/CDMA
CXM3525ER SONY-CXM3525ER Datasheet
278Kb / 14P
   DP10T Antenna Switch Module for GSM/UMTS Dual Mode Phones
CXM3529XR SONY-CXM3529XR Datasheet
203Kb / 10P
   SP9T Antenna Switch for GSM/UMTS Dual Mode
CXM3531XR SONY-CXM3531XR Datasheet
222Kb / 10P
   SP4T Antenna Switch for CDMA/UMTS
CXG1198AEQ SONY-CXG1198AEQ Datasheet
143Kb / 11P
   SP8T GSM/UMTS Dual Mode Antenna Switch
CXM3512EQ SONY-CXM3512EQ Datasheet
237Kb / 13P
   SP9T GSM/UMTS Dual Mode Antenna Switch
CXG1194XR SONY-CXG1194XR Datasheet
79Kb / 6P
   SP4T Antenna Switch for GSM/UMTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com