Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CXA3741AUR Fiches technique(PDF) 8 Page - Sony Corporation

No de pièce CXA3741AUR
Description  High-speed Buffer Amplifier for CCD Image Sensor
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SONY [Sony Corporation]
Site Internet  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3741AUR Fiches technique(HTML) 8 Page - Sony Corporation

Back Button CXA3741AUR Datasheet HTML 4Page - Sony Corporation CXA3741AUR Datasheet HTML 5Page - Sony Corporation CXA3741AUR Datasheet HTML 6Page - Sony Corporation CXA3741AUR Datasheet HTML 7Page - Sony Corporation CXA3741AUR Datasheet HTML 8Page - Sony Corporation CXA3741AUR Datasheet HTML 9Page - Sony Corporation CXA3741AUR Datasheet HTML 10Page - Sony Corporation CXA3741AUR Datasheet HTML 11Page - Sony Corporation CXA3741AUR Datasheet HTML 12Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
CXA3741AUR
- 8 -
Description of Operation
Current Settings
1. Output Drive Current
The small signal output impedance of the OUT pin (Pin 14) can be set by connecting the IDRV0 pin (Pin 2)
or the IDRV1 pin (Pin 3) to VCC through a resistor.
The inflow current to the IDRV pin is multiplied by 10 times inside the IC, and flows as the output stage idling
current.
The IDRV pins have internal 50k
Ω resistors.
When the drive current setting switching pin DRVCNT (Pin 16) input logic is low, the inflow current to the
IDRV pin is set according to the current set by the IDRV0 pin (Pin 2).
When high, the inflow current to the IDRV pin is set according to the current set by the IDRV1 pin (Pin 3).
The above-mentioned inflow current to the IDRV pin can be calculated as follows.
IIDRV = (VCC – VBE
× 2)/(RIDRV + 50kΩ)
= (15 – 1.46)/270k
Ω
= 50.1
μA
Here, VCC = 15V, VBE = 0.73V (typ.), and RIDRV = 220k
Ω.
The small signal output impedance at this time can be calculated as follows.
ROUT = (26mV/(10
× IIDRV))/2
= (26mV/501
μA)/2
= 26
Ω
2. Sink Current for CCD with Open Source Output
The sink current of the IN pin (Pin 10) can be set by connecting the ISF0 pin (Pin 6) or the ISF1 pin (Pin 7)
to VCC through a resistor.
This sink current can be used as the CCD output stage source follower drive current.
The inflow current to the ISF pin is multiplied by 58 times inside the IC, and flows as the sink current.
The ISF pins have internal 50k
Ω resistors.
When the CCD source follower output sink current setting switching pin SFCNT (Pin 1) input logic is low,
the inflow current to the ISF pin is set according to the current set by the ISF0 pin (Pin 6).
When high, the inflow current to the ISF pin is set according to the current set by the ISF1 pin (Pin 7).
The above-mentioned inflow current to the ISF pin can be calculated as follows.
IISF = (VCC – VBE
× 2)/(RISF + 50kΩ)
= (15 – 1.46)/270k
Ω
= 50.1
μA
Here, VCC = 15V, VBE = 0.73V (typ.), and RISF = 220k
Ω.
The sink current at this time can be calculated as follows.
Isink = 58
× IISF
= 2.9mA
Note) This IC operation depends on IDRV and ISF.
This specification is described based on IDRV of 220k
Ω when VCC = 15V. However , set it to 180kΩ to
occur the same current when using under the condition that VCC = 13V.
[IDRV and ISF vs external resistor]
Current (
μA)
90
68
50
35
26
Unit
When VCC = 15V
100
150
220
330
470
k
Ω
When VCC = 13V
78
120
180
270
390
k
Ω


Numéro de pièce similaire - CXA3741AUR

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXA3785R SONY-CXA3785R Datasheet
452Kb / 47P
   Audio Driver for TV
CXA3791EN SONY-CXA3791EN Datasheet
228Kb / 13P
   High-speed Buffer Amplifier for CCD Image Sensor
CXA3796N SONY-CXA3796N Datasheet
373Kb / 19P
   Digital CCD Camera Head Amplifier
More results

Description similaire - CXA3741AUR

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXA3691AEN SONY-CXA3691AEN Datasheet
215Kb / 13P
   High-speed Buffer Amplifier for CCD Image Sensor
CXA3791EN SONY-CXA3791EN Datasheet
228Kb / 13P
   High-speed Buffer Amplifier for CCD Image Sensor
logo
Texas Instruments
VSP1000 TI1-VSP1000 Datasheet
513Kb / 14P
[Old version datasheet]   Low-Power, High-Speed Buffer for CCD Sensor
logo
Hamamatsu Corporation
C11165-01 HAMAMATSU-C11165-01_15 Datasheet
355Kb / 8P
   For CCD image sensor
S9037 HAMAMATSU-S9037 Datasheet
182Kb / 9P
   CCD image sensor High-speed operation, back-thinned FFT-CCD
logo
Toshiba Semiconductor
TCD2901D TOSHIBA-TCD2901D Datasheet
445Kb / 13P
   CCD IMAGE SENSOR
logo
Hamamatsu Corporation
S9037-0902 HAMAMATSU-S9037-0902_15 Datasheet
332Kb / 12P
   CCD image sensor
logo
Analog Devices
ADA4800 AD-ADA4800 Datasheet
221Kb / 16P
   Low Power, High Speed CCD Buffer Amplifier
REV. A
logo
ON Semiconductor
KAF-0261 ONSEMI-KAF-0261_16 Datasheet
276Kb / 14P
   CCD Image Sensor
March, 2016 ??Rev. 3
logo
Toshiba Semiconductor
TCD2553AD TOSHIBA-TCD2553AD Datasheet
501Kb / 14P
   CCD IMAGE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com