Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UC5601J Fiches technique(PDF) 2 Page - Texas Instruments

No de pièce UC5601J
Description  SCSI Active Terminator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

UC5601J Fiches technique(HTML) 2 Page - Texas Instruments

  UC5601J Datasheet HTML 1Page - Texas Instruments UC5601J Datasheet HTML 2Page - Texas Instruments UC5601J Datasheet HTML 3Page - Texas Instruments UC5601J Datasheet HTML 4Page - Texas Instruments UC5601J Datasheet HTML 5Page - Texas Instruments UC5601J Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ABSOLUTE MAXIMUM RATINGS
Termpwr Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +7V
Signal Line Voltage. . . . . . . . . . . . . . . . . . . . . . . . . . . 0V to +7V
Regulator Output Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1A
Storage Temperature . . . . . . . . . . . . . . . . . . .
−−65°C to +150°C
Operating Temperature . . . . . . . . . . . . . . . . .
−−55°C to +150°C
Lead Temperature (Soldering, 10 Sec.) . . . . . . . . . . . . . +300°C
RECOMMENDED OPERATING CONDITIONS
Termpwr Voltage . . . . . . . . . . . . . . . . . . . . . . . . . 4.0V to 5.25V
Signal Line Voltage. . . . . . . . . . . . . . . . . . . . . . . . . . . 0V to +3V
Disconnect Input Voltage . . . . . . . . . . . . . . . . . . 0V to Termpwr
CONNECTION DIAGRAMS
UC5601
Note: Drawings are not to scale.
Unless otherwise specified all voltages are with respect to
Ground. Currents are positive into, negative out of the speci-
fied terminal.
Consult Packaging Section of Unitrode Integrated Circuits dat-
abook for thermal limitations and considerations of packages.
* QP package pins 12 - 18 serve as both heatsink and signal
ground.
* DWP package pin 28 serves as signal ground; pins 7, 8, 9,
20, 21, 22 serve as heatsink/ground.
SOIC-28 (Top View)
DWP Package
DIL-24 (Top View)
N or J Package
PLCC-28 (Top View)
QP Package
2


Numéro de pièce similaire - UC5601J

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC5601 TI1-UC5601 Datasheet
389Kb / 9P
[Old version datasheet]   SCSI Active Terminator
UC5601DWP TI1-UC5601DWP Datasheet
389Kb / 9P
[Old version datasheet]   SCSI Active Terminator
UC5601DWPG4 TI1-UC5601DWPG4 Datasheet
389Kb / 9P
[Old version datasheet]   SCSI Active Terminator
UC5601DWPTR TI1-UC5601DWPTR Datasheet
389Kb / 9P
[Old version datasheet]   SCSI Active Terminator
UC5601DWPTRG4 TI1-UC5601DWPTRG4 Datasheet
389Kb / 9P
[Old version datasheet]   SCSI Active Terminator
More results

Description similaire - UC5601J

FabricantNo de pièceFiches techniqueDescription
logo
Micro Linear Corporatio...
ML6509 MICRO-LINEAR-ML6509 Datasheet
232Kb / 10P
   Active SCSI Terminator
logo
Texas Instruments
UC5602 TI-UC5602 Datasheet
361Kb / 6P
[Old version datasheet]   SCSI Active Terminator
UC5601 TI1-UC5601_15 Datasheet
389Kb / 9P
[Old version datasheet]   SCSI Active Terminator
logo
Rohm
BH9595FP-Y ROHM-BH9595FP-Y Datasheet
69Kb / 6P
   SCSI active terminator
logo
Panasonic Semiconductor
AN8612NSR PANASONIC-AN8612NSR Datasheet
56Kb / 5P
   SCSI Active Terminator IC
AN8612NSB PANASONIC-AN8612NSB Datasheet
65Kb / 7P
   SCSI active terminator IC
logo
Micrel Semiconductor
MIC5204 MICREL-MIC5204_02 Datasheet
40Kb / 8P
   SCSI-II Active Terminator
logo
Microsemi Corporation
LX5203 MICROSEMI-LX5203 Datasheet
147Kb / 4P
   9-LINE SCSI ACTIVE TERMINATOR
logo
Texas Instruments
UC5603DP TI-UC5603DP Datasheet
332Kb / 11P
[Old version datasheet]   9-LINE SCSI ACTIVE TERMINATOR
logo
ON Semiconductor
MC34268 ONSEMI-MC34268 Datasheet
115Kb / 8P
   SCSI-2 Active Terminator Regulator
April, 2000 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com