Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CXB1828ER Fiches technique(PDF) 3 Page - Sony Corporation

No de pièce CXB1828ER
Description  2.5Gbps Laser Diode Driver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SONY [Sony Corporation]
Site Internet  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXB1828ER Fiches technique(HTML) 3 Page - Sony Corporation

  CXB1828ER Datasheet HTML 1Page - Sony Corporation CXB1828ER Datasheet HTML 2Page - Sony Corporation CXB1828ER Datasheet HTML 3Page - Sony Corporation CXB1828ER Datasheet HTML 4Page - Sony Corporation CXB1828ER Datasheet HTML 5Page - Sony Corporation CXB1828ER Datasheet HTML 6Page - Sony Corporation CXB1828ER Datasheet HTML 7Page - Sony Corporation CXB1828ER Datasheet HTML 8Page - Sony Corporation CXB1828ER Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
– 3 –
CXB1828ER
Pin Description
Pin
No.
Symbol
Typical pin
voltage (V)
DC
Description
I/O
Equivalent circuit
2
3
Vcc2
10k
10k
VEE2
4
Vcc2
VEE2
5
Vcc2
VEE2
1
Vcc2
3.3
Positive power supply.
2
SHUTDOWNB
0 or Vcc
I
TTL input.
The modulation current and bias
current is shut down by inputting
the Low voltage to this pin. High
level when open.
3
SHUTDOWN
0 or Vcc
TTL input.
The modulation current and bias
current is shut down by inputting
the High voltage to this pin. High
level when left open.
4
ALARM
O
TTL output.
High when the abnomality is
detected from the OP_IN pin
voltage. The abnormal voltage of
OP_IN is Vop < 0.3V or Vop > 1.8V.
5
RREF
Connect an external resistor of
18k
Ω between this pin and Vcc.
I


Numéro de pièce similaire - CXB1828ER

FabricantNo de pièceFiches techniqueDescription
logo
Samsung semiconductor
CXB1828ER SAMSUNG-CXB1828ER Datasheet
254Kb / 20P
   2.5Gbps Laser Diode Driver
More results

Description similaire - CXB1828ER

FabricantNo de pièceFiches techniqueDescription
logo
Samsung semiconductor
CXB1828ER SAMSUNG-CXB1828ER Datasheet
254Kb / 20P
   2.5Gbps Laser Diode Driver
logo
Micrel Semiconductor
SY88212L MICREL-SY88212L_10 Datasheet
414Kb / 10P
   3.3V, 2.5Gbps Laser Diode Driver
SY88922 MICREL-SY88922_11 Datasheet
485Kb / 6P
   SDH/SONET 2.5Gbps LASER DIODE DRIVER
SY88922V MICREL-SY88922V Datasheet
42Kb / 5P
   5V/3.3V 2.5Gbps LASER DIODE DRIVER
SY88232L MICREL-SY88232L_10 Datasheet
701Kb / 18P
   2.5Gbps Laser Diode Driver with Integrated
SY88922 MICREL-SY88922_06 Datasheet
479Kb / 6P
   SDH/SONET 2.5Gbps LASER DIODE DRIVER
SY88922V MICREL-SY88922V_06 Datasheet
455Kb / 5P
   5V/3.3V 2.5Gbps LASER DIODE DRIVER
SY88922 MICREL-SY88922 Datasheet
84Kb / 8P
   SDH/SONET 2.5Gbps LASER DIODE DRIVER
SY88232L MICREL-SY88232L Datasheet
879Kb / 18P
   2.5Gbps Laser Diode Driver with Integrated Limiting Amplifier
logo
Mitsubishi Electric Sem...
ML7XX34 MITSUBISHI-ML7XX34 Datasheet
212Kb / 2P
   2.5Gbps InGaAsP DFB LASER DIODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com