Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CXA3067AM Fiches technique(PDF) 8 Page - Sony Corporation

No de pièce CXA3067AM
Description  Wide Band FSK Receiver
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SONY [Sony Corporation]
Site Internet  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3067AM Fiches technique(HTML) 8 Page - Sony Corporation

Back Button CXA3067AM Datasheet HTML 4Page - Sony Corporation CXA3067AM Datasheet HTML 5Page - Sony Corporation CXA3067AM Datasheet HTML 6Page - Sony Corporation CXA3067AM Datasheet HTML 7Page - Sony Corporation CXA3067AM Datasheet HTML 8Page - Sony Corporation CXA3067AM Datasheet HTML 9Page - Sony Corporation CXA3067AM Datasheet HTML 10Page - Sony Corporation CXA3067AM Datasheet HTML 11Page - Sony Corporation CXA3067AM Datasheet HTML 12Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
—8—
CXA3067AM
Item
Symbol
Pin No.
Circuit
Conditions
Min.
Typ.
Max.
Unit
No.
Mixer output resistance
Limiter input resistance
Limiter voltage gain
FSK Data
output voltage “H”
FSK Data
output voltage “L”
FSK Data output rise time
FSK Data output fall time
Oscillation frequency
VT output voltage range
Charge pump current
REFCLOCK input level 1
REFCLOCK input level 2
REFOSC loop gain
FSET1/2/3 “Hi” level
input voltage
FSET1/2/3 “Low” level
input voltage
FSET1/2/3 “Hi” level
input current
FSET1/2/3 “Low” level
input current
RDSW “Low” level
input voltage
RDSW “Low” level
input current
REFSW “Low” level
input voltage
rL (mix)
r
π (lim)
Glim
OUTH
OUTL
Tr
Tf
OSC
VT
Icp
CLK 1
CLK 2
Gref
FSETVH
FSETVL
FSETIH
FSETIL
RDVL
RDIL
REFVL
10
12
15
19, 20
19, 20
19, 20
19, 20
7, 8
6
5
1
1
1, 2
3, 29, 30
3, 29, 30
3, 29, 30
3, 29, 30
4
4
28
IF=10.7 MHz
IF=10.7 MHz
IF=10.7 MHz
Source current
→ SW2 : OFF
SW3 : OFF
Sink current
→ SW2 : ON
SW3 : ON
Sin wave input
Square wave input
Vin2=14 MHz
FSET “Hi”=V5=5 V
FSET “Low”=V5=0 V
RDSW “L”=V6=0 V
222
332
442
222
332
442
70
dB
3.8
4.1
V
0.22
0.6
V
12
30
nsec
12
30
nsec
40
315
MHz
0.3
2.5
VCC
V
±25
±50
±75
µA
0.3
0.4
3.0
Vp-p
0.3
0.4
3.0
Vp-p
30
dB
3.8
VCC
V
0
0.4
V
100
250
380
µA
–380
–250
–100
µA
0
0.4
V
–122
–83
–43
µA
0
0.4
V
6
2
2
2
2
7
3
1
1
1
1
1
1
1
Load Capacitance=2 pF
Load Resistance=10 k
Ω,
fMOD=10 kHz, fDEV=±75 kHz,
±50 kHz
Load Capacitance=2 pF
Load Resistance=10 k
Ω,
fMOD=10 kHz, fDEV=±75 kHz,
±50 kHz
Load Capacitance=2 pF
Load Resistance=10 k
Ω,
fMOD=10 kHz, fDEV=±75 kHz,
±50 kHz
Load Capacitance=2 pF
Load Resistance=10 k
Ω,
fMOD=10 kHz, fDEV=±75 kHz,
±50 kHz


Numéro de pièce similaire - CXA3067AM

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXA3067 SONY-CXA3067 Datasheet
386Kb / 24P
   Wide Band FSK Receiver
CXA3067M SONY-CXA3067M Datasheet
386Kb / 24P
   Wide Band FSK Receiver
More results

Description similaire - CXA3067AM

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXA3067M SONY-CXA3067M Datasheet
386Kb / 24P
   Wide Band FSK Receiver
logo
Analog Devices
ADF7902BRUZ AD-ADF7902BRUZ Datasheet
447Kb / 12P
   ISM Band FSK Receiver IC
REV. 0
logo
List of Unclassifed Man...
RFM01 ETC2-RFM01 Datasheet
537Kb / 31P
   Universal ISM Band FSK Receiver
logo
Princeton Technology Co...
PT4330 PTC-PT4330 Datasheet
180Kb / 6P
   Low Power ISM Band FM/FSK Receiver
logo
List of Unclassifed Man...
SSRX3930 ETC-SSRX3930 Datasheet
142Kb / 7P
   LOW POWER ISM BAND FM/FSK RECEIVER IC
RX3930 ETC-RX3930 Datasheet
126Kb / 8P
   Low Power ISM-band FM/FSK Receiver IC
logo
Sanyo Semicon Device
LA7775M SANYO-LA7775M Datasheet
74Kb / 5P
   Wideband FSK Receiver
logo
List of Unclassifed Man...
RRF1-XXX-Y ETC2-RRF1-XXX-Y Datasheet
25Kb / 2P
   FSK Superhet Receiver
logo
LANSDALE Semiconductor ...
ML3356 LANSDALE-ML3356_08 Datasheet
276Kb / 9P
   Wideband FSK Receiver
logo
Motorola, Inc
MC3356 MOTOROLA-MC3356_1 Datasheet
211Kb / 8P
   Wideband FSK Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com