Moteur de recherche de fiches techniques de composants électroniques |
|
UC285TDKTTT-2 Fiches technique(PDF) 5 Page - Texas Instruments |
|
UC285TDKTTT-2 Fiches technique(HTML) 5 Page - Texas Instruments |
5 / 13 page UC2851, UC2852, UC2853, UC285ADJ, UC3851, UC3852, UC3853, UC385ADJ FAST TRANSIENT RESPONSE 5A LOW DROPOUT REGULATOR SLUS212E − NOVEMBER 1999 − REVISED FEBRUARY 2004 5 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 APPLICATION INFORMATION The UC385 is easy to use. The adjustable version requires two resistors to set the output voltage. The fixed versions of the UC385 require no external resistors. All versions of the UC385 require decoupling capacitors on the input and output. In a typical application, VB and VIN are driven from switching power supplies which may have large filter capacitors at their outputs. If the UC385 is further than 12 inches from the power supply, it is recommended to add local decoupling as close as possible to the linear regulator. Decouple the output of the UC385 with at least 100 µF of high quality tantalum or Sanyo OSCON capacitors close to the VOUT pin for maximum stability. Many applications involving ultrafast GTL or BTL applications require additional capacitance close to the load. The exact amount will vary according to speed and magnitude of the load transients and the tolerance allowed for transients on VOUT. When specifying the decoupling capacitors, the series resistance of the capacitor bank is an important factor in its ability to filter load transients. The UC385 allows for Kelvin sensing the voltage at the load. This improves regulation performance and eliminates the voltage drops due to wire trace resistance. This voltage drop must be added to the headroom (VIN to VOUT and VB to VOUT). The dropout of 350 mV is measured at the pins and does not include additional drops due to trace resistance. OPEN LOOP PHASE vs. FREQUENCY f − Frequency − Hz 10 M 1 M 100 k 10 k 1 k 100 −180 −90 0 Figure 3 CO = 100 µF IL = 1 A Figure 4 OPEN LOOP GAIN vs. FREQUENCY 10 M 1 M 100 k 10 k 1 k 100 −10 0 10 20 30 40 50 60 70 f − Frequency − Hz CO = 100 µF IL = 1 A |
Numéro de pièce similaire - UC285TDKTTT-2 |
|
Description similaire - UC285TDKTTT-2 |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |