Moteur de recherche de fiches techniques de composants électroniques |
|
UC285TDKTTT-1 Fiches technique(PDF) 9 Page - Texas Instruments |
|
|
UC285TDKTTT-1 Fiches technique(HTML) 9 Page - Texas Instruments |
9 / 13 page PACKAGING INFORMATION Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish MSL Peak Temp (3) UC285T-1 ACTIVE TO-220 KC 5 50 None CU SN Level-NA-NA-NA UC285T-2 ACTIVE TO-220 KC 5 50 None CU SN Level-NA-NA-NA UC285T-3 ACTIVE TO-220 KC 5 50 None CU SN Level-NA-NA-NA UC285T-ADJ ACTIVE TO-220 KC 5 50 None CU SN Level-NA-NA-NA UC285TD-1 OBSOLETE DDPAK/ TO-263 KTT 5 None Call TI Call TI UC285TD-2 OBSOLETE DDPAK/ TO-263 KTT 5 None Call TI Call TI UC285TD-3 OBSOLETE DDPAK/ TO-263 KTT 5 None Call TI Call TI UC285TD-ADJ OBSOLETE DDPAK/ TO-263 KTT 5 None Call TI Call TI UC285TDKTTT-1 ACTIVE DDPAK/ TO-263 KTT 5 50 None CU SN Level-2-220C-1 YEAR UC285TDKTTT-2 ACTIVE DDPAK/ TO-263 KTT 5 50 None CU SN Level-2-220C-1 YEAR UC285TDKTTT-3 ACTIVE DDPAK/ TO-263 KTT 5 50 None CU SN Level-2-220C-1 YEAR UC285TDKTTT-ADJ ACTIVE DDPAK/ TO-263 KTT 5 50 None CU SN Level-2-220C-1 YEAR UC285TDTR-1 ACTIVE DDPAK/ TO-263 KTT 5 500 None Call TI Call TI UC285TDTR-2 ACTIVE DDPAK/ TO-263 KTT 5 500 None Call TI Call TI UC285TDTR-3 ACTIVE DDPAK/ TO-263 KTT 5 500 None Call TI Call TI UC285TDTR-ADJ ACTIVE DDPAK/ TO-263 KTT 5 500 None CU SN Level-2-220C-1 YEAR UC385T-1 ACTIVE TO-220 KC 5 50 None CU SN Level-NA-NA-NA UC385T-2 ACTIVE TO-220 KC 5 50 None CU SN Level-NA-NA-NA UC385T-3 ACTIVE TO-220 KC 5 50 None CU SN Level-NA-NA-NA UC385T-ADJ ACTIVE TO-220 KC 5 50 None CU SN Level-NA-NA-NA UC385TD-1 OBSOLETE DDPAK/ TO-263 KTT 5 None Call TI Call TI UC385TD-2 OBSOLETE DDPAK/ TO-263 KTT 5 None Call TI Call TI UC385TD-3 OBSOLETE DDPAK/ TO-263 KTT 5 None Call TI Call TI UC385TD-ADJ OBSOLETE DDPAK/ TO-263 KTT 5 None Call TI Call TI UC385TDKTTT-1 ACTIVE DDPAK/ TO-263 KTT 5 50 None CU SN Level-2-220C-1 YEAR UC385TDKTTT-2 ACTIVE DDPAK/ TO-263 KTT 5 50 None CU SN Level-2-220C-1 YEAR UC385TDKTTT-3 ACTIVE DDPAK/ TO-263 KTT 5 50 None CU SN Level-2-220C-1 YEAR UC385TDKTTT-ADJ ACTIVE DDPAK/ TO-263 KTT 5 50 None CU SN Level-2-220C-1 YEAR PACKAGE OPTION ADDENDUM www.ti.com 9-Dec-2004 Addendum-Page 1 |
Numéro de pièce similaire - UC285TDKTTT-1 |
|
Description similaire - UC285TDKTTT-1 |