Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UC285TD-ADJ Fiches technique(PDF) 2 Page - Texas Instruments

No de pièce UC285TD-ADJ
Description  FAST TRANSIENT REPONSE 5-A LOW-DROPOUT REGULATOR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

UC285TD-ADJ Fiches technique(HTML) 2 Page - Texas Instruments

  UC285TD-ADJ Datasheet HTML 1Page - Texas Instruments UC285TD-ADJ Datasheet HTML 2Page - Texas Instruments UC285TD-ADJ Datasheet HTML 3Page - Texas Instruments UC285TD-ADJ Datasheet HTML 4Page - Texas Instruments UC285TD-ADJ Datasheet HTML 5Page - Texas Instruments UC285TD-ADJ Datasheet HTML 6Page - Texas Instruments UC285TD-ADJ Datasheet HTML 7Page - Texas Instruments UC285TD-ADJ Datasheet HTML 8Page - Texas Instruments UC285TD-ADJ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
UC2851, UC2852, UC2853, UC285ADJ, UC3851, UC3852, UC3853, UC385ADJ
FAST TRANSIENT RESPONSE 5A
LOW DROPOUT REGULATOR
SLUS212E − NOVEMBER 1999 − REVISED FEBRUARY 2004
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature (unless otherwise noted)
VIN
7.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage
1.2 V to −6.0 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Junction temperature
−55
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature (soldering, 10 seconds)
300
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
AVAILABLE OPTIONS(1)
PACKAGED DEVICES
TJ
TO-220 (T)
TO−263 (TD)(2)
TJ
OUTPUT VOLTAGE
OUTPUT VOLTAGE
1.5 V
2.1 V
2.5 V
1.2 V or ADJ
1.5 V
2.1 V
2.5 V
1.2 V or ADJ
–40
°C to 100°C
285T-1
285T-2
285T-3
285T-ADJ
285TD-1
285TD-2
285TD-3
285TD-ADJ
0
°C to 100°C
385T-1
385T-2
385T-3
385T-ADJ
385TD-1
385TD-2
385TD-3
385TD-ADJ
1. For more package and ordering information, see the Package Option Addendum located at the end of this data sheet.
2. For 50 piece reel, add KTTT (e.g., UC285TDKTTT−1); for 500 piece reel, add TR (e.g., UC285TDTR−1).
electrical characteristics unless otherwise stated, these parameters apply for TA = −40°C to 100°C
for the UC285-x series and 0
°C to 100°C for the UC385-x, VB = 5 V; VIN = 3.3 V, VOUT = 2.5 V, TA = TJ.
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
UC385-3 Fixed 2.5 V, 5-A Family
Output voltage
UC385-3
IVOUT = 100 mA
2.475
2.5
2.525
V
Output voltage
UC285-3
IVOUT = 100 mA
2.45
2.5
2.525
V
Load regulation
IVOUT = 10 mA to 5 A
0.5
4
mV
VIN PSRR
80
110
dB
VB PSRR
50
65
dB
VIN dropout voltage (VIN - VOUT)
IVOUT = 5 A,
TJ = 25°C
350
425
mV
VIN dropout voltage (VIN - VOUT)
UC385-3
IVOUT = 5 A
350
490
mV
UC285-3
IVOUT = 5 A
350
500
mV
VB dropout (VB - VOUT)
UC385-3
IVOUT = 5 A
1.8
2.1
V
VB dropout (VB - VOUT)
UC285-3
IVOUT = 5 A
1.8
2.2
V
Short circuit current limit
5.1
7.5
A
VB current
IVOUT = 10 mA
8
15
mA
VB current
IVOUT = 5 A
40
100
mA
VIN current
IVOUT = 5 A
4.9
4.96
A
UC385-2 Fixed 2.1 V, 5-A Family
Output voltage
UC385-2
IVOUT = 100 mA
2.079
2.1
2.121
V
Output voltage
UC285-2
IVOUT = 100 mA
2.058
2.1
2.121
V
Load regulation
IVOUT = 10 mA to 5 A
0.5
4
mV
VIN PSRR
80
110
dB
VB PSRR
50
67
dB


Numéro de pièce similaire - UC285TD-ADJ

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC285TD-ADJ TI1-UC285TD-ADJ Datasheet
876Kb / 18P
[Old version datasheet]   FAST TRANSIENT RESPONSE 5A LOW-DROPOUT REGULATOR
More results

Description similaire - UC285TD-ADJ

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS7A7300 TI-TPS7A7300_15 Datasheet
1Mb / 29P
[Old version datasheet]   3-A, Fast-Transient, Low-Dropout Voltage Regulator
TPS7A7200 TI1-TPS7A7200_15 Datasheet
1Mb / 42P
[Old version datasheet]   2-A, Fast-Transient, Low-Dropout Voltage Regulator
TPS7A7300 TI1-TPS7A7300 Datasheet
1Mb / 28P
[Old version datasheet]   3-A, FAST-TRANSIENT, LOW-DROPOUT VOLTAGE REGULATOR
TPS7A7200-EP TI-TPS7A7200-EP_15 Datasheet
1Mb / 28P
[Old version datasheet]   2-A, FAST-TRANSIENT, LOW-DROPOUT VOLTAGE REGULATOR
TPS7A7200 TI-TPS7A7200_15 Datasheet
1Mb / 32P
[Old version datasheet]   2-A, Fast-Transient, Low-Dropout Voltage Regulator
TPS7A7200 TI1-TPS7A7200 Datasheet
1Mb / 29P
[Old version datasheet]   2-A, Fast-Transient, Low-Dropout Voltage Regulator
TPS7A7100 TI1-TPS7A7100 Datasheet
1Mb / 29P
[Old version datasheet]   1-A, Fast-Transient, Low-Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS2115 ADMOS-AMS2115 Datasheet
209Kb / 4P
   FAST TRANSIENT RESPONSE LOW DROPOUT REGULATOR
AMS2115 ADMOS-AMS2115_07 Datasheet
213Kb / 4P
   FAST TRANSIENT RESPONSE LOW DROPOUT REGULATOR
logo
Texas Instruments
TPS7A7300 TI1-TPS7A7300_16 Datasheet
1Mb / 37P
[Old version datasheet]   Fast-Transient, Low-Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com