Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UC2878N Fiches technique(PDF) 7 Page - Texas Instruments

No de pièce UC2878N
Description  Phase Shift Resonant Controller
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

UC2878N Fiches technique(HTML) 7 Page - Texas Instruments

Back Button UC2878N Datasheet HTML 3Page - Texas Instruments UC2878N Datasheet HTML 4Page - Texas Instruments UC2878N Datasheet HTML 5Page - Texas Instruments UC2878N Datasheet HTML 6Page - Texas Instruments UC2878N Datasheet HTML 7Page - Texas Instruments UC2878N Datasheet HTML 8Page - Texas Instruments UC2878N Datasheet HTML 9Page - Texas Instruments UC2878N Datasheet HTML 10Page - Texas Instruments UC2878N Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
7
UC1875/6/7/8
UC2875/6/7/8
UC3875/6/7/8
VC (output switch supply voltage):This pin supplies
power to the output drivers and their associated bias cir-
cuitry. Connect VC to a stable source above 3V for nor-
mal operation, above 12V for best performance. This
supply should be bypassed directly to the PWRGND pin
with low ESR, low ESL capacitors.
VIN (primary chip supply voltage):
This pin supplies
power to the logic and analog circuitry on the integrated
circuit that is not directly associated with driving the out-
put stages. Connect VIN to a stable source above 12V
for normal operation. To ensure proper chip functionality,
these devices will be inactive until VIN exceeds the up-
per undervoltage lockout threshold. This pin should by
bypassed directly to the GND pin with low ESR, low ESL
capacitors.
NOTE: When VIN exceeds the UVLO threshold the sup-
ply current (IIN) will jump from about 100µA to a current
in excess of 20
µA. If the UC1875 is not connected to a
well bypassed supply, it may immediately enter UVLO
again.
VREF: This pin is an accurate 5V voltage reference. This
output is capable of delivering about 60mA to peripheral
circuitry and is internally short circuit current limited.
VREF is disabled while VIN is low enough to force the
chip into UVLO. The circuit is also in UVLO until VREF
reaches approximately 4.75V. For best results bypass
VREF with a 0.1
µF, low ESR, low ESL, capacitor to the
GND pin.
PIN DESCRIPTIONS (cont.)
When power is applied to the circuit and VIN is below
the upper UVLO threshold, IIN will be below 600µA, the
reference generator will be off, the fault latch is reset,
the soft-start pin is discharged, and the outputs are ac-
tively held low. When VIN exceeds the upper UVLO
threshold, the reference generator turns on. All else re-
mains in the shut-down mode until the output of the ref-
erence, VREF, exceeds 4.75V.
APPLICATION INFORMATION
Undervoltage Lockout Section
UDG-99136
GATE
REFERENCE
GENERATOR
VIN
10.75V/9.25V
VREF
GND
INTERNAL
BIAS
4.75V
TO SOFT-
START
LOGIC
Simplified Oscillator Schematic
UDG-95077
UDG-95079
UDG-95078
The
high
frequency
oscillator
may
be
either
free-running
or
externally
synchronized.
For
free-running operation, the frequency is set via an ex-
ternal resistor and capacitor to ground from the
FREQSET pin.


Numéro de pièce similaire - UC2878N

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC2878 TI1-UC2878 Datasheet
5Mb / 23P
[Old version datasheet]   Phase Shift Reasonant Controller
More results

Description similaire - UC2878N

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC2879DW TI1-UC2879DW Datasheet
459Kb / 15P
[Old version datasheet]   PHASE SHIFT RESONANT CONTROLLER
UC2875-EP TI1-UC2875-EP Datasheet
572Kb / 18P
[Old version datasheet]   PHASE SHIFT RESONANT CONTROLLER
UC1879 TI-UC1879 Datasheet
346Kb / 7P
[Old version datasheet]   Phase Shift Resonant Controller
UC2875-EP TI-UC2875-EP_15 Datasheet
552Kb / 18P
[Old version datasheet]   PHASE SHIFT RESONANT CONTROLLER
UC1875-SP TI1-UC1875-SP_15 Datasheet
791Kb / 36P
[Old version datasheet]   Rad-Tolerant Class-V, Phase Shift Resonant Controller
UC1875-SP TI1-UC1875-SP Datasheet
548Kb / 20P
[Old version datasheet]   RAD-TOLERANT CLASS-V, PHASE SHIFT RESONANT CONTROLLER
UC1875 TI1-UC1875_16 Datasheet
5Mb / 23P
[Old version datasheet]   Phase Shift Reasonant Controller
UCC2895-EP TI1-UCC2895-EP Datasheet
623Kb / 20P
[Old version datasheet]   BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
UCC2895-Q1 TI1-UCC2895-Q1 Datasheet
349Kb / 22P
[Old version datasheet]   BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
UCC2895-Q1 TI-UCC2895-Q1_15 Datasheet
838Kb / 24P
[Old version datasheet]   BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com