Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UC2877N Fiches technique(PDF) 9 Page - Texas Instruments

No de pièce UC2877N
Description  Phase Shift Resonant Controller
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

UC2877N Fiches technique(HTML) 9 Page - Texas Instruments

Back Button UC2877N Datasheet HTML 5Page - Texas Instruments UC2877N Datasheet HTML 6Page - Texas Instruments UC2877N Datasheet HTML 7Page - Texas Instruments UC2877N Datasheet HTML 8Page - Texas Instruments UC2877N Datasheet HTML 9Page - Texas Instruments UC2877N Datasheet HTML 10Page - Texas Instruments UC2877N Datasheet HTML 11Page - Texas Instruments UC2877N Datasheet HTML 12Page - Texas Instruments UC2877N Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
9
UC1875/6/7/8
UC2875/6/7/8
UC3875/6/7/8
In each of the output stages, transistors Q3 through Q6
form a high-speed totem-pole driver which will source
or sink more than one amp peak with a total delay of
approximately 30 nanoseconds. To ensure a low output
level prior to turn-on, transistors Q7 through Q9 form a
self-biased driver to hold Q6 on prior to the supply
reaching its turn-on threshold. This circuit is operable
when the chip supply is zero. Q6 is also turned on and
held low with a signal from the fault logic portion of the
chip.
APPLICATION INFORMATION (cont.)
Delay Blocks And Output Stages
The delay providing the dead-time is accomplished with
C1 which must discharge to VTH before the output can
go high. The time is defined by the current sources, I1,
which is programmed by an external resistor, RTD. The
voltage on the Delay Set pins is internally regulated to
2.5V and the range of dead time control is
from 50 to 200 nanoseconds. NOTE: There is no way
to disable the delay circuitry, and the delay time must
be programmed.
The four outputs of the UC1875/6/7/8 interface to the full bridge converter switches as shown below:
Output Switch Orientation
UDG-95083
UDG-95082
3 Winding Bifilar, AWG 30 Kynar Insulation


Numéro de pièce similaire - UC2877N

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC2877 TI1-UC2877 Datasheet
5Mb / 23P
[Old version datasheet]   Phase Shift Reasonant Controller
More results

Description similaire - UC2877N

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC2879DW TI1-UC2879DW Datasheet
459Kb / 15P
[Old version datasheet]   PHASE SHIFT RESONANT CONTROLLER
UC2875-EP TI1-UC2875-EP Datasheet
572Kb / 18P
[Old version datasheet]   PHASE SHIFT RESONANT CONTROLLER
UC1879 TI-UC1879 Datasheet
346Kb / 7P
[Old version datasheet]   Phase Shift Resonant Controller
UC2875-EP TI-UC2875-EP_15 Datasheet
552Kb / 18P
[Old version datasheet]   PHASE SHIFT RESONANT CONTROLLER
UC1875-SP TI1-UC1875-SP_15 Datasheet
791Kb / 36P
[Old version datasheet]   Rad-Tolerant Class-V, Phase Shift Resonant Controller
UC1875-SP TI1-UC1875-SP Datasheet
548Kb / 20P
[Old version datasheet]   RAD-TOLERANT CLASS-V, PHASE SHIFT RESONANT CONTROLLER
UC1875 TI1-UC1875_16 Datasheet
5Mb / 23P
[Old version datasheet]   Phase Shift Reasonant Controller
UCC2895-EP TI1-UCC2895-EP Datasheet
623Kb / 20P
[Old version datasheet]   BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
UCC2895-Q1 TI1-UCC2895-Q1 Datasheet
349Kb / 22P
[Old version datasheet]   BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
UCC2895-Q1 TI-UCC2895-Q1_15 Datasheet
838Kb / 24P
[Old version datasheet]   BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com