Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UC285TD-2 Fiches technique(PDF) 8 Page - Texas Instruments

No de pièce UC285TD-2
Description  FAST TRANSIENT REPONSE 5-A LOW-DROPOUT REGULATOR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

UC285TD-2 Fiches technique(HTML) 8 Page - Texas Instruments

Back Button UC285TD-2 Datasheet HTML 4Page - Texas Instruments UC285TD-2 Datasheet HTML 5Page - Texas Instruments UC285TD-2 Datasheet HTML 6Page - Texas Instruments UC285TD-2 Datasheet HTML 7Page - Texas Instruments UC285TD-2 Datasheet HTML 8Page - Texas Instruments UC285TD-2 Datasheet HTML 9Page - Texas Instruments UC285TD-2 Datasheet HTML 10Page - Texas Instruments UC285TD-2 Datasheet HTML 11Page - Texas Instruments UC285TD-2 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
UC2851, UC2852, UC2853, UC285ADJ, UC3851, UC3852, UC3853, UC385ADJ
FAST TRANSIENT RESPONSE 5A
LOW DROPOUT REGULATOR
SLUS212E − NOVEMBER 1999 − REVISED FEBRUARY 2004
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
UDG-00087
4
5
1
2
3
ADJ
VOUT
VB
VIN
GND
4.7
µF
+5 V
330
µF
OSCON
UC385−1
Kelvin
Sense
Point
2.2
µF
Ceramic
+1.5 V
Output
+
+
Figure 9. Typical UC385-1, -2, or -3 Application


Numéro de pièce similaire - UC285TD-2

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC285TD-2 TI1-UC285TD-2 Datasheet
876Kb / 18P
[Old version datasheet]   FAST TRANSIENT RESPONSE 5A LOW-DROPOUT REGULATOR
More results

Description similaire - UC285TD-2

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS7A7300 TI-TPS7A7300_15 Datasheet
1Mb / 29P
[Old version datasheet]   3-A, Fast-Transient, Low-Dropout Voltage Regulator
TPS7A7200 TI1-TPS7A7200_15 Datasheet
1Mb / 42P
[Old version datasheet]   2-A, Fast-Transient, Low-Dropout Voltage Regulator
TPS7A7300 TI1-TPS7A7300 Datasheet
1Mb / 28P
[Old version datasheet]   3-A, FAST-TRANSIENT, LOW-DROPOUT VOLTAGE REGULATOR
TPS7A7200-EP TI-TPS7A7200-EP_15 Datasheet
1Mb / 28P
[Old version datasheet]   2-A, FAST-TRANSIENT, LOW-DROPOUT VOLTAGE REGULATOR
TPS7A7200 TI-TPS7A7200_15 Datasheet
1Mb / 32P
[Old version datasheet]   2-A, Fast-Transient, Low-Dropout Voltage Regulator
TPS7A7200 TI1-TPS7A7200 Datasheet
1Mb / 29P
[Old version datasheet]   2-A, Fast-Transient, Low-Dropout Voltage Regulator
TPS7A7100 TI1-TPS7A7100 Datasheet
1Mb / 29P
[Old version datasheet]   1-A, Fast-Transient, Low-Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS2115 ADMOS-AMS2115 Datasheet
209Kb / 4P
   FAST TRANSIENT RESPONSE LOW DROPOUT REGULATOR
AMS2115 ADMOS-AMS2115_07 Datasheet
213Kb / 4P
   FAST TRANSIENT RESPONSE LOW DROPOUT REGULATOR
logo
Texas Instruments
TPS7A7300 TI1-TPS7A7300_16 Datasheet
1Mb / 37P
[Old version datasheet]   Fast-Transient, Low-Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com