Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL54217 Fiches technique(PDF) 5 Page - Intersil Corporation

No de pièce ISL54217
Description  USB 2.0 High-Speed x 2Channels/Stereo Audio Dual SP3T (Dual 3-to-1 Multiplexer)
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54217 Fiches technique(HTML) 5 Page - Intersil Corporation

  ISL54217_09 Datasheet HTML 1Page - Intersil Corporation ISL54217_09 Datasheet HTML 2Page - Intersil Corporation ISL54217_09 Datasheet HTML 3Page - Intersil Corporation ISL54217_09 Datasheet HTML 4Page - Intersil Corporation ISL54217_09 Datasheet HTML 5Page - Intersil Corporation ISL54217_09 Datasheet HTML 6Page - Intersil Corporation ISL54217_09 Datasheet HTML 7Page - Intersil Corporation ISL54217_09 Datasheet HTML 8Page - Intersil Corporation ISL54217_09 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
5
FN6817.3
May 4, 2009
ON-Resistance, rON
VDD = 3.3V, USB1 mode (C0 = 0.5V, C1 = 1.4V) or USB2
Mode (C0 = 1.4V, C1 = 0.5V), ICOMx = 40mA,
VD+ or VD- = 3.3V (see Figure 4, Note 12)
+25
-
9.8
20
Ω
Full
-
-
25
Ω
OFF Leakage Current, ID+(OFF) or
ID-(OFF)
VDD = 3.6V, All OFF Mode (C0 = 0.5V, C1 = 0.5V), VCOM-
or VCOM+ = 0.5V, 0V, VD+ or VD- = 0V, 0.5V, L = R = float
25
-15
0.11
15
nA
Full
-20
-
20
nA
ON Leakage Current, IDX
VDD = 3.3V, USB1 mode (C0 = 0.5V, C1 = 1.4V) or USB2
Mode (C0 = 1.4V, C1 = 0.5V), VD+ or VD- = 2.7V,
COM- = COM+ = Float, L and R = float
25
-20
2.4
20
nA
Full
-25
-
25
nA
DPDT DYNAMIC CHARACTERISTICS
ALL OFF to USB or USB to All OFF
Address Transition Time, tTRANS
VDD = 2.7V, RL = 50Ω, CL = 10pF, (see Figure 1)
25
-
175
-
ns
Audio to USB1 Address Transition
Time, tTRANS
VDD = 2.7V, RL = 50Ω, CL = 10pF, (see Figure 1)
25
-
12
-
µs
Break-Before-Make Time Delay, tD
VDD = 3.6V, RL = 50Ω, CL = 10pF, (see Figure 2)
25
-
52
-
ns
Skew, (tSKEWOUT - tSKEWIN)VDD = 3.0V, USB1 mode (C0 = 0V, C1 = VDD) or USB2
Mode (C0 = VDD, C1 = 0V), RL = 45Ω, CL = 10pF,
tR = tF = 500ps at 480Mbps, (Duty Cycle = 50%)
(see Figure 7)
25
-
75
-
ps
Total Jitter, tJ
VDD =3.0V, USB1 mode (C0 = 0V, C1 = VDD) or USB2
Mode (C0 = VDD, C1 = 0V), RL = 45Ω, CL = 10pF,
tR = tF = 500ps at 480Mbps
25
-
210
-
ps
Rise/Fall Degradation (Propagation
Delay), tPD
VDD = 3.0V, USB1 mode (C0 = 0V, C1 = VDD) or USB2
Mode (C0 = VDD, C1 = 0V), RL = 45Ω, CL = 10pF,
(see Figure 7)
25
-
250
-
ps
Audio Crosstalk
R to COM-, L to COM+
VDD = 3.0V, Audio Mode (C0 = VDD, C1 = VDD),
RL =32Ω, f = 20Hz to 20kHz, VR or VL = 0.707VRMS,
(see Figure 6)
25
-
-88
-
dB
Crosstalk
(Audio to USB, USB to Audio)
VDD = 3.0V, RL = 50Ω, f = 100kHz
25
-
-98
-
dB
OFF-Isolation
VDD = 3.0V, RL = 50Ω, f = 100kHz
25
-
95.5
-
dB
Audio OFF-Isolation
(All OFF Mode)
VDD = 3.0V, C0 = 0V, C1 = 0V, RL = 32Ω, f = 20Hz to
20kHz
25
-
115
-
dB
Audio OFF-Isolation
(Mute Mode)
VDD = 3.0V, C1 = VDD , C0 = 0V, RL = 32Ω, f = 20Hz to
20kHz
25
-
105
-
dB
Audio OFF-Isolation
(Mute Mode)
VDD = 3.0V, C1 = VDD , C0 = 0V, RL = 20kΩ, f = 20Hz to
20kHz
25
-
77
-
dB
Total Harmonic Distortion
f = 20Hz to 20kHz, VDD = 3.0V, C0 = VDD, C1 = VDD,
L or R = 0.707VRMS (2VP-P), RL = 32Ω
25
-
0.045
-
%
Total Harmonic Distortion
f = 20Hz to 20kHz, VDD = 3.0V, C0 = VDD, C1 = VDD,
5mW into RL = 32Ω
25
-
0.025
-
%
Click and Pop
VDD = 3.3V, Audio Mute (C0 = 0V, C1 = 0V), RL =1kΩ,
L or R = 0 to 1.25V DC step or 1.25V to 0V DC step,
(see Figure 8)
25
-
75
-
µVp
Click and Pop
VDD = 3.3V, C0, C1 = 0.5Hz Square Wave, RL = 1kΩ ,
L or R = AC coupled to ground, (see Figure 9)
25
-
520
-
µVp
USB Switch -3dB Bandwidth
Signal = 0dBm, 0.2VDC offset, RL = 50Ω, CL = 5pF
25
-
700
-
MHz
Audio Switch -3dB Bandwidth
Signal = 0dBm, RL = 50Ω, CL = 5pF
25
-
330
-
MHz
1D+/1D- OFF Capacitance,
C1D+OFF, C1D-OFF
f = 1MHz, VDD = 3.0V, C0 = VDD, C1 = VDD, VD- or
VD+ = VCOMx = 0V (see Figure 5)
25
-
3
-
pF
L/R OFF Capacitance, CLOFF,
CROFF
f = 1MHz, VDD = 3.0V, C0 = 0V, C1 = VDD,
L or R = COMx = 0V (see Figure 5)
25
-
5
-
pF
Electrical Specifications - 2.7V to 3.6V Supply Test Conditions: VDD = +3.0V, GND = 0V, VC0H, VC1H = 1.4V, VC0L, VC1L= 0.5V,
(Note 8), Unless Otherwise Specified. (Continued)
PARAMETER
TEST CONDITIONS
TEMP
(°C)
MIN
(Notes 9, 10) TYP
MAX
(Notes 9, 10) UNITS
ISL54217


Numéro de pièce similaire - ISL54217_09

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL54217EVAL1Z INTERSIL-ISL54217EVAL1Z Datasheet
1Mb / 24P
   USB 2.0 High-Speed x 2 Channels/Stereo Audio Dual SP3T Dual 3-to-1 Multiplexer
ISL54217EVAL1Z INTERSIL-ISL54217EVAL1Z Datasheet
1Mb / 24P
   USB 2.0 High-Speed x 2 Channels/Stereo Audio Dual SP3T (Dual 3-to-1 Multiplexer)
June 17, 2010
logo
Renesas Technology Corp
ISL54217EVAL1Z RENESAS-ISL54217EVAL1Z Datasheet
1Mb / 24P
   USB 2.0 High-Speed x 2 Channels/Stereo Audio Dual SP3T (Dual 3-to-1 Multiplexer)
logo
Intersil Corporation
ISL54217IRTZ INTERSIL-ISL54217IRTZ Datasheet
1Mb / 24P
   USB 2.0 High-Speed x 2 Channels/Stereo Audio Dual SP3T Dual 3-to-1 Multiplexer
ISL54217IRTZ INTERSIL-ISL54217IRTZ Datasheet
1Mb / 24P
   USB 2.0 High-Speed x 2 Channels/Stereo Audio Dual SP3T (Dual 3-to-1 Multiplexer)
June 17, 2010
More results

Description similaire - ISL54217_09

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL54217IRUZ-T INTERSIL-ISL54217IRUZ-T Datasheet
1Mb / 24P
   USB 2.0 High-Speed x 2 Channels/Stereo Audio Dual SP3T (Dual 3-to-1 Multiplexer)
June 17, 2010
ISL54214 INTERSIL-ISL54214 Datasheet
1Mb / 22P
   USB 2.0 High-Speed x 2 Channels/Stereo Audio Dual SP3T Dual 3-to-1 Multiplexer
ISL54217 INTERSIL-ISL54217 Datasheet
1Mb / 24P
   USB 2.0 High-Speed x 2 Channels/Stereo Audio Dual SP3T Dual 3-to-1 Multiplexer
logo
Renesas Technology Corp
ISL54214 RENESAS-ISL54214 Datasheet
1Mb / 22P
   USB 2.0 High-Speed x 2 Channels/Stereo Audio Dual SP3T (Dual 3 to 1 Multiplexer)
logo
Intersil Corporation
ISL54214IRUZ-T INTERSIL-ISL54214IRUZ-T Datasheet
1Mb / 22P
   USB 2.0 High-Speed x 2 Channels/Stereo Audio Dual SP3T (Dual 3 to 1 Multiplexer)
June 28, 2010
logo
Renesas Technology Corp
ISL54217 RENESAS-ISL54217 Datasheet
1Mb / 24P
   USB 2.0 High-Speed x 2 Channels/Stereo Audio Dual SP3T (Dual 3-to-1 Multiplexer)
logo
Intersil Corporation
ISL54216 INTERSIL-ISL54216 Datasheet
971Kb / 17P
   USB 2.0 High-Speed/UART Dual SP3T (Dual 3 to 1 Multiplexer)
logo
Renesas Technology Corp
ISL54216 RENESAS-ISL54216 Datasheet
1Mb / 17P
   USB 2.0 High-Speed/UART Dual SP3T (Dual 3 to 1 Multiplexer)
logo
Fairchild Semiconductor
FSUSB63 FAIRCHILD-FSUSB63 Datasheet
1Mb / 3P
   3:1 High-Speed USB 2.0 Switch / Multiplexer
logo
ON Semiconductor
FSUSB63 ONSEMI-FSUSB63 Datasheet
874Kb / 11P
   3:1 High-Speed USB 2.0 Switch / Multiplexer
December-2017, Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com