Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UC2874Q-2 Fiches technique(PDF) 6 Page - Texas Instruments

No de pièce UC2874Q-2
Description  High Efficiency, Synchronous, Step-down Buck Controllers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

UC2874Q-2 Fiches technique(HTML) 6 Page - Texas Instruments

Back Button UC2874Q-2 Datasheet HTML 2Page - Texas Instruments UC2874Q-2 Datasheet HTML 3Page - Texas Instruments UC2874Q-2 Datasheet HTML 4Page - Texas Instruments UC2874Q-2 Datasheet HTML 5Page - Texas Instruments UC2874Q-2 Datasheet HTML 6Page - Texas Instruments UC2874Q-2 Datasheet HTML 7Page - Texas Instruments UC2874Q-2 Datasheet HTML 8Page - Texas Instruments UC2874Q-2 Datasheet HTML 9Page - Texas Instruments UC2874Q-2 Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
UC1874-1,-2
UC2874-1,-2
UC3874-1,-2
VREF: VREF is the output of the precision reference.
The output is capable of supplying 20mA to peripheral
circuitry and is internally short circuit current limited.
VREF is disabled and low whenever VCC is below the
UVLO threshold, and when SS is pulled below 0.5V. A
VREF “good” comparator senses VREF and disables the
PWM stage until VREF has attained approximately 90%
of its nominal value. Bypass VREF to GND with a 0.1mF
ceramic capacitor for best performance.
VSNS: This pin is the inverting input of the voltage ampli-
fier and serves as the output voltage feedback point for
the synchronous regulator. It senses the output voltage
through a voltage divider which produces a nominal 2.0V.
OPERATION: Refer to 5V, 25W Application Schematic
The UC3874 employs a fixed frequency average current
mode control buck topology to convert a higher battery
voltage down to a tightly regulated output voltage.
Spe-
cial design techniques allow this bipolar IC to deliver ex-
ceptional performance while consuming approximately
6mA of supply current over an input voltage range of 4.5
to 35 volts. Fixed frequency operation allows synchroni-
zation to an existing system clock, and easier filtering.
Average current mode control provides inherent slope
compensation and accurate short circuit current limiting.
An additional benefit is its ability to maintain a constant
regulator gain regardless of whether the inductor current
is continuous or discontinuous.
The output inductor current is sensed by an external low
value shunt resistor (Rsense).
This signal at full load
current should be no larger than 100mV in order to mini-
mize sensing losses. The differential voltage across
Rsense is amplified by the internal X10 instrumentation
amplifier. The common mode input range for this ampli-
fier extends from GND to VCC in order to maintain accu-
rate current sensing under normal conditions as well as
abnormal conditions such as output short circuit and low
drop out (LDO) modes. The output of the X10 instrumen-
tation amplifier is applied to the inverting input of the cur-
rent
amplifier
through
an
external
resistor.
The
converter’s output voltage feedback is applied to the
APPLICATION DIAGRAM
UDG-95006-1


Numéro de pièce similaire - UC2874Q-2

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC2874Q-2 TI1-UC2874Q-2 Datasheet
417Kb / 12P
[Old version datasheet]   High Efficiency, Synchronous, Step-down (Buck) Controllers
More results

Description similaire - UC2874Q-2

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC3874N-2G4 TI1-UC3874N-2G4 Datasheet
417Kb / 12P
[Old version datasheet]   High Efficiency, Synchronous, Step-down (Buck) Controllers
UC3874N-2G4 TI-UC3874N-2G4 Datasheet
417Kb / 12P
[Old version datasheet]   High Efficiency, Synchronous, Step-down (Buck) Controllers
UC1874-1 TI-UC1874-1 Datasheet
409Kb / 10P
[Old version datasheet]   High Efficiency, Synchronous, Step-down (Buck) Controllers
logo
Linear Technology
LTC1147-5 LINER-LTC1147-5_15 Datasheet
228Kb / 16P
   High Efficiency Step-Down Switching Regulator Controllers
logo
Analog Devices
ADP1147 AD-ADP1147 Datasheet
195Kb / 12P
   High Efficiency Step-Down Switching Regulator Controllers
REV. 0
logo
Linear Technology
LTC1147-3.3 LINER-LTC1147-3.3_15 Datasheet
228Kb / 16P
   High Efficiency Step-Down Switching Regulator Controllers
LTC1147L LINER-LTC1147L_15 Datasheet
228Kb / 16P
   High Efficiency Step-Down Switching Regulator Controllers
LTC1147-3.3 LINER-LTC1147-3.3 Datasheet
218Kb / 16P
   High Efficiency Step-Down Switching Regulator Controllers
logo
Eutech Microelectronics...
EUP7117 EUTECH-EUP7117 Datasheet
108Kb / 1P
   High Efficiency, Synchronous Step-Down Controller
logo
Semtech Corporation
SC4602A SEMTECH-SC4602A Datasheet
353Kb / 18P
   High Efficiency Synchronous, Step Down Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com