Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UC3875J Fiches technique(PDF) 5 Page - Texas Instruments

No de pièce UC3875J
Description  Phase Shift Resonant Controller
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

UC3875J Fiches technique(HTML) 5 Page - Texas Instruments

  UC3875J Datasheet HTML 1Page - Texas Instruments UC3875J Datasheet HTML 2Page - Texas Instruments UC3875J Datasheet HTML 3Page - Texas Instruments UC3875J Datasheet HTML 4Page - Texas Instruments UC3875J Datasheet HTML 5Page - Texas Instruments UC3875J Datasheet HTML 6Page - Texas Instruments UC3875J Datasheet HTML 7Page - Texas Instruments UC3875J Datasheet HTML 8Page - Texas Instruments UC3875J Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
5
UC1875/6/7/8
UC2875/6/7/8
UC3875/6/7/8
Note 1: Phase shift percentage (0% = 0°, 100% = 180°) is defined as
θ=
200
T
Φ
%, where q is the phase shift, and F and T are de-
fined in Figure 1. At 0% phase shift,
F is the output skew.
Note 2: Delay time is defined as delay = T (1/2–(duty cycle)), where T is defined in Fig. 1.
Note 3: Ramp offset voltage has a temperature coefficient of about –4mV/°C.
Note 4: Zero phase shift voltage has a temperature coefficient of about –2mV/°C.
Note 5: Delay time can be programmed via resistors from the delay set pins to ground. Delay time
62 5 10 12
.
IDELAY
sec. Where
IDELAY =
De lay s e t voltage
RDELAY
The recommended range for IDELAY is 25mA £ IDELAY £ 1mA
Note 6: Ramp delay to output time is defined in Fig. 2.
Note 7: Not production tested at -55°C.
Duty Cycle = t/T
Period = T
TDHL (A to C) = TDHL (B to D) = Φ
Phase Shift, Output Skew & Delay Time Definitions
UDG-95074
Figure 1
Figure 2
UDG-95075
ELECTRICAL CHARACTERISTICS: Unless otherwise stated, –55°C < TA < 125°C for the UC1875/6/7/8, –25°C < TA <
85°C for the UC2875/6/7/8 and 0°C < TA < 70°C for the UC3875/6/7/8, VC = VIN = 12V, RFREQSET = 12kΩ,CFREQSET = 330pF,
RSLOPE = 12kΩ,CRAMP = 200pF, CDELAYSET A-B =CDELAYSET C-D = 0.01µF, IDELAYSET A-B =IDELAYSET C-D = –500µA, TA =TJ.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Soft-Start/Reset Delay
Charge Current
VSOFTSTART = 0.5V
–20
–9
–3
µA
Discharge Current
VSOFTSTART = 1V
120
230
µA
Restart Threshold
4.3
4.7
V
Discharge Level
300
mV
Output Drivers
Output Low Level
IOUT = 50mA
0.2
0.4
V
IOUT = 500mA
1.2
2.6
V
Output High Level
IOUT = –50mA
1.5
2.5
V
IOUT = –500mA
1.7
2.6
V
Delay Set (UC1875 and UC1876 only)
Delay Set Voltage
IDELAY = –500µA
2.3
2.4
2.6
V
Delay Time, (Note 8)
IDELAY = –250µA (Note 5) (UC3875/6/7/8,
UC2875/6/7/8)
150
250
400
nsec
IDELAY = –250µA (Note 5) (UC1875/6/7/8)
150
250
600
nsec


Numéro de pièce similaire - UC3875J

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC3875 TI1-UC3875 Datasheet
5Mb / 23P
[Old version datasheet]   Phase Shift Reasonant Controller
logo
Unisonic Technologies
UC3875A UTC-UC3875A Datasheet
333Kb / 10P
   LOW COST POWER-SAVING MODE PWM CONTROLLER
UC3875AG-D08-T UTC-UC3875AG-D08-T Datasheet
333Kb / 10P
   LOW COST POWER-SAVING MODE PWM CONTROLLER
UC3875AG-S08-R UTC-UC3875AG-S08-R Datasheet
333Kb / 10P
   LOW COST POWER-SAVING MODE PWM CONTROLLER
UC3875AL-D08-T UTC-UC3875AL-D08-T Datasheet
333Kb / 10P
   LOW COST POWER-SAVING MODE PWM CONTROLLER
More results

Description similaire - UC3875J

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC2879DW TI1-UC2879DW Datasheet
459Kb / 15P
[Old version datasheet]   PHASE SHIFT RESONANT CONTROLLER
UC2875-EP TI1-UC2875-EP Datasheet
572Kb / 18P
[Old version datasheet]   PHASE SHIFT RESONANT CONTROLLER
UC1879 TI-UC1879 Datasheet
346Kb / 7P
[Old version datasheet]   Phase Shift Resonant Controller
UC2875-EP TI-UC2875-EP_15 Datasheet
552Kb / 18P
[Old version datasheet]   PHASE SHIFT RESONANT CONTROLLER
UC1875-SP TI1-UC1875-SP_15 Datasheet
791Kb / 36P
[Old version datasheet]   Rad-Tolerant Class-V, Phase Shift Resonant Controller
UC1875-SP TI1-UC1875-SP Datasheet
548Kb / 20P
[Old version datasheet]   RAD-TOLERANT CLASS-V, PHASE SHIFT RESONANT CONTROLLER
UC1875 TI1-UC1875_16 Datasheet
5Mb / 23P
[Old version datasheet]   Phase Shift Reasonant Controller
UCC2895-EP TI1-UCC2895-EP Datasheet
623Kb / 20P
[Old version datasheet]   BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
UCC2895-Q1 TI1-UCC2895-Q1 Datasheet
349Kb / 22P
[Old version datasheet]   BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
UCC2895-Q1 TI-UCC2895-Q1_15 Datasheet
838Kb / 24P
[Old version datasheet]   BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com