Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UC2906 Fiches technique(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No de pièce UC2906
Description  Sealed Lead-Acid Battery Charger
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

UC2906 Fiches technique(HTML) 3 Page - Texas Instruments

  UC2906 Datasheet HTML 1Page - Texas Instruments UC2906 Datasheet HTML 2Page - Texas Instruments UC2906 Datasheet HTML 3Page - Texas Instruments UC2906 Datasheet HTML 4Page - Texas Instruments UC2906 Datasheet HTML 5Page - Texas Instruments UC2906 Datasheet HTML 6Page - Texas Instruments UC2906 Datasheet HTML 7Page - Texas Instruments UC2906 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
PARAMETER
TEST CONDITIONS
UC2906
UC3906
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
Driver
Minimum Supply to Source
Differential
Pin 16 = +VIN, IO = 10mA
2.0
2.2
2.0
2.2
V
Maximum Output Current
Pin 16 to Pin 15 = 2V
25
40
25
40
mA
Saturation Voltage
0.2
0.45
0.2
0.45
V
Current Limit Amplifier
Input Bias Current
0.2
1.0
0.2
1.0
µA
Threshold Voltage
Offset below +VIN
225
250
275
225
250
275
mV
Threshold Supply Sensitivity
+VIN = 5 to 40V
0.03
0.25
0.03
0.25
%/V
Voltage Sense Comparator
Threshold Voltage
As a function of VREF, L1 = RESET
0.945
0.95
0.955
0.945
0.95
0.955
V/V
As a function of VREF, L1 = SET
0.895
0.90
0.905
0.895
0.90
0.905
V/V
Input Bias Current
Total Input Bias at Thresholds
-0.5
-0.2
-0.5
-0.2
µA
Current Sense Comparator
Input Bias Current
0.1
0.5
0.1
0.5
µA
Input Offset Current
0.01
0.2
0.01
0.2
µA
Input Offset Voltage
Referenced to Pin 2, IOUT = 1mA
202530202530
mV
Offset Supply Sensitivity
+VIN = 5 to 40V
0.05
0.35
0.05
0.35
%/V
Offset Common Mode Sensitivity CMV = 2V to +VIN
0.05
0.35
0.05
0.35
%/V
Maximum Output Current
VOUT = 2V
25
40
25
40
mA
Output Saturation Voltage
IOUT = 10mA
0.2
0.45
0.2
0.45
V
Enable Comparator
Threshold Voltage
As a function of VREF
0.99
1.0
1.01
0.99
1.0
1.01
V/V
Input Bias Current
-0.5
-0.2
-0.5
-0.2
µA
Trickle Bias Maximum Output
Current
VOUT = +VIN
− 3V
25
40
25
40
mA
Trickle Bias Maximum Output
Voltage
Volts below +VIN, IOUT = 10mA
2.0
2.6
2.0
2.6
V
Trickle Bias Reverse Hold-Off
Voltage
+VIN = 0V, IOUT = -10
µA
6.3
7.0
6.3
7.0
V
Over-Charge Terminate Input
Threshold Voltage
0.7
1.0
1.3
0.7
1.0
1.3
V
Internal Pull-Up Current
At Threshold
10
10
µA
Open Collector Outputs (Pins 7, 9, and 10)
Maximum Output Current
VOUT = 2V
2.5
5
2.5
5
mA
Saturation Voltage
IOUT = 1.6mA
0.25
0.45
0.25
0.45
V
IOUT = 50
µA
0.03
0.05
0.03
0.05
V
Leakage Current
VOUT = 40V
13
13
µA
ELECTRICAL CHARACTERISTICS: Unless otherwise stated, these specifications apply for TA = -40°C to +70°C for the
UC2906 and 0°C to +70°C for the UC3906, +VIN = 10V, TA = TJ.
UC2906
UC3906
3


Numéro de pièce similaire - UC2906

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC2906DW TI-UC2906DW Datasheet
4Mb / 17P
[Old version datasheet]   Sealed Lead-Acid Battery Charger
UC2906DW TI1-UC2906DW Datasheet
3Mb / 17P
[Old version datasheet]   Sealed Lead-Acid Battery Charger
UC2906DWG4 TI-UC2906DWG4 Datasheet
4Mb / 17P
[Old version datasheet]   Sealed Lead-Acid Battery Charger
UC2906DWG4 TI1-UC2906DWG4 Datasheet
3Mb / 17P
[Old version datasheet]   Sealed Lead-Acid Battery Charger
UC2906DWTR TI-UC2906DWTR Datasheet
4Mb / 17P
[Old version datasheet]   Sealed Lead-Acid Battery Charger
More results

Description similaire - UC2906

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC3906N TI-UC3906N Datasheet
4Mb / 17P
[Old version datasheet]   Sealed Lead-Acid Battery Charger
logo
Power Sonic Corporation
PSC-61000A-C POWER-SONIC-PSC-61000A-C Datasheet
334Kb / 1P
   Sealed Lead Acid Battery Charger
logo
Texas Instruments
UC2906N TI1-UC2906N Datasheet
3Mb / 17P
[Old version datasheet]   Sealed Lead-Acid Battery Charger
logo
Power Sonic Corporation
PSC-6500A-C POWER-SONIC-PSC-6500A-C Datasheet
335Kb / 1P
   Sealed Lead Acid Battery Charger
PSC-124000A-C POWER-SONIC-PSC-124000A-C Datasheet
337Kb / 1P
   Sealed Lead Acid Battery Charger
logo
Silver Telecom 2019
AG103 SILVERTEL-AG103 Datasheet
459Kb / 19P
   Intelligent Sealed Lead Acid Solar Battery Charger
logo
Power Sonic Corporation
PSC-121000A-C POWER-SONIC-PSC-121000A-C Datasheet
334Kb / 1P
   Sealed Lead Acid Battery Charger A-C Battery Charger Series
logo
Silver Telecom 2019
AG102 SILVERTEL-AG102 Datasheet
287Kb / 15P
   Intelligent Sealed Lead Acid Battery Charger Module
logo
CUI INC
DTB120150UC CUI-DTB120150UC Datasheet
1Mb / 6P
   LEAD ACID BATTERY CHARGER
logo
Kasin Electronics Corpo...
KA35S281 KASIN-KA35S281 Datasheet
1Mb / 19P
   Lead-Acid Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com