Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UC2846Q Fiches technique(PDF) 4 Page - Texas Instruments

No de pièce UC2846Q
Description  Current Mode PWM Controller
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

UC2846Q Fiches technique(HTML) 4 Page - Texas Instruments

  UC2846Q Datasheet HTML 1Page - Texas Instruments UC2846Q Datasheet HTML 2Page - Texas Instruments UC2846Q Datasheet HTML 3Page - Texas Instruments UC2846Q Datasheet HTML 4Page - Texas Instruments UC2846Q Datasheet HTML 5Page - Texas Instruments UC2846Q Datasheet HTML 6Page - Texas Instruments UC2846Q Datasheet HTML 7Page - Texas Instruments UC2846Q Datasheet HTML 8Page - Texas Instruments UC2846Q Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
UC1846/7
UC2846/7
UC3846/7
Note 2. These parameters, although guaranteed over the recommended operating conditions, are not 100% tested in production.
Note 3. Parameter measured at trip point of latch with VPIN 5 = VREF, VPIN 6 = 0V.
Note 4. Amplifier gain defined as: G
V
V
PIN
PIN
= ∆
7
4
;
VPIN4 = 0 to 1.0V
Note 5. Applies to UC1846/UC2846/UC3846 only due to polarity of outputs.
Note 6. Current into Pin 1 guaranteed to latch circuit in shutdown state.
Note 7. Current into Pin 1 guaranteed not to latch circuit in shutdown state.
UC1846/UC1847
UC3846/UC3847
PARAMETER
TEST CONDITIONS
UC2846/UC2847
MIN.
TYP.
MAX.
MIN.
TYP.
MAX. UNITS
Shutdown Terminal Section (cont.)
Maximum Non-Latching
(Note 7)
Current (IPIN 1)
1.5
0.8
1.5
0.8
mA
Delay to Outputs
TJ=25°C (Note 2)
300
600
300
600
ns
Output Section
Collector-Emitter Voltage
40
40
V
Collector Leakage Current
VC=40V (Note 5)
200
200
µA
Output Low Level
ISINK=20mA
0.1
0.4
0.1
0.4
V
ISINK=100mA
0.4
2.1
0.4
2.1
V
Output High Level
ISOURCE=20mA
13
13.5
13
13.5
V
ISOURCE=100mA
12
13.5
12
13.5
V
Rise Time
CL=1nF, TJ=25°C (Note 2)
50
300
50
300
ns
Fall Time
CL=1nF, TJ=25°C (Note 2)
50
300
50
300
ns
Under-Voltage Lockout Section
Start-Up Threshold
7.7
8.0
7.7
8.0
V
Threshold Hysteresis
0.75
0.75
V
Total Standby Current
Supply Current
17
21
17
21
mA
Oscillator Circuit
Output deadtime is determined by the external capacitor, CT, according to the formula:
τµ
µ
ds
T
f
()
(
)
=
145C
ID
ID -
3.6
RT (k )
.
For large values of RT:
τµ
µ
ds
T
f
()
(
)
≈145C
.
Oscillator frequency is approximated by the formula: fT kHz
RT k
CT
f
()
()
(
)
2.2
Ωµ
.
ELECTRICAL
CHARACTERISTICS (cont.)
(Unless otherwise stated, these specifications apply for TA=-55°C to +125°C for UC1846/7;
-40°C to +85°C for the UC2846/7; and 0°C to +70°C for the UC3846/7; VIN=15V, RT=10k,
CT=4.7nF, TA=TJ.)
APPLICATIONS DATA
ID = Oscillator discharge current at 25°C is typically 7.5.


Numéro de pièce similaire - UC2846Q

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC2846QTR TI-UC2846QTR Datasheet
3Mb / 15P
[Old version datasheet]   Current Mode PWM Controller
UC2846QTR TI1-UC2846QTR Datasheet
3Mb / 15P
[Old version datasheet]   Current Mode PWM Controller
UC2846QTR TI1-UC2846QTR Datasheet
3Mb / 13P
[Old version datasheet]   Current Mode PWM Controller
UC2846QTR TI-UC2846QTR Datasheet
3Mb / 13P
[Old version datasheet]   Current Mode PWM Controller
UC2846QTR TI1-UC2846QTR Datasheet
1Mb / 24P
[Old version datasheet]   Current Mode PWM Controller
More results

Description similaire - UC2846Q

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
UC3842 PHILIPS-UC3842 Datasheet
74Kb / 8P
   Current-mode PWM controller
August 31, 1994
logo
Daewoo Semiconductor
DBL3842 DAEWOO-DBL3842 Datasheet
467Kb / 8P
   CURRENT MODE PWM CONTROLLER
logo
BCD Semiconductor Manuf...
AP384XC BCDSEMI-AP384XC Datasheet
176Kb / 13P
   CURRENT MODE PWM CONTROLLER
logo
Cystech Electonics Corp...
MC7731N6 CYSTEKEC-MC7731N6 Datasheet
363Kb / 10P
   Current Mode PWM Controller
logo
BCD Semiconductor Manuf...
AP3842C BCDSEMI-AP3842C Datasheet
359Kb / 14P
   CURRENT MODE PWM CONTROLLER
logo
Texas Instruments
UC1846AJ TI-UC1846AJ Datasheet
3Mb / 13P
[Old version datasheet]   Current Mode PWM Controller
UC3844Q TI1-UC3844Q Datasheet
708Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
UC1843 TI-UC1843 Datasheet
937Kb / 3P
[Old version datasheet]   Current Mode PWM Controller
UC2846J TI-UC2846J Datasheet
463Kb / 8P
[Old version datasheet]   Current Mode PWM Controller
logo
List of Unclassifed Man...
AMC3842B ETC-AMC3842B Datasheet
365Kb / 10P
   CURRENT MODE PWM CONTROLLER
CM3842 ETC-CM3842 Datasheet
638Kb / 12P
   CURRENT MODE PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com