Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UC285-1 Fiches technique(PDF) 10 Page - Texas Instruments

No de pièce UC285-1
Description  FAST TRANSIENT REPONSE 5-A LOW-DROPOUT REGULATOR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

UC285-1 Fiches technique(HTML) 10 Page - Texas Instruments

Back Button UC285-1 Datasheet HTML 5Page - Texas Instruments UC285-1 Datasheet HTML 6Page - Texas Instruments UC285-1 Datasheet HTML 7Page - Texas Instruments UC285-1 Datasheet HTML 8Page - Texas Instruments UC285-1 Datasheet HTML 9Page - Texas Instruments UC285-1 Datasheet HTML 10Page - Texas Instruments UC285-1 Datasheet HTML 11Page - Texas Instruments UC285-1 Datasheet HTML 12Page - Texas Instruments UC285-1 Datasheet HTML 13Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
UC385TDTR-1
ACTIVE
DDPAK/
TO-263
KTT
5
500
None
CU SN
Level-2-220C-1 YEAR
UC385TDTR-2
ACTIVE
DDPAK/
TO-263
KTT
5
500
None
CU SN
Level-2-220C-1 YEAR
UC385TDTR-3
ACTIVE
DDPAK/
TO-263
KTT
5
500
None
CU SN
Level-2-220C-1 YEAR
UC385TDTR-ADJ
ACTIVE
DDPAK/
TO-263
KTT
5
500
None
CU SN
Level-2-220C-1 YEAR
UC385TH-ADJ
OBSOLETE
TO-220
KC
5
None
Call TI
Call TI
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - May not be currently available - please check http://www.ti.com/productcontent for the latest availability information and additional
product content details.
None: Not yet available Lead (Pb-Free).
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Green (RoHS & no Sb/Br): TI defines "Green" to mean "Pb-Free" and in addition, uses package materials that do not contain halogens,
including bromine (Br) or antimony (Sb) above 0.1% of total product weight.
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDECindustry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
9-Dec-2004
Addendum-Page 2


Numéro de pièce similaire - UC285-1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC285-1 TI1-UC285-1 Datasheet
876Kb / 18P
[Old version datasheet]   FAST TRANSIENT RESPONSE 5A LOW-DROPOUT REGULATOR
UC285-1 TI1-UC285-1_16 Datasheet
876Kb / 18P
[Old version datasheet]   FAST TRANSIENT RESPONSE 5A LOW-DROPOUT REGULATOR
More results

Description similaire - UC285-1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS7A7300 TI-TPS7A7300_15 Datasheet
1Mb / 29P
[Old version datasheet]   3-A, Fast-Transient, Low-Dropout Voltage Regulator
TPS7A7200 TI1-TPS7A7200_15 Datasheet
1Mb / 42P
[Old version datasheet]   2-A, Fast-Transient, Low-Dropout Voltage Regulator
TPS7A7300 TI1-TPS7A7300 Datasheet
1Mb / 28P
[Old version datasheet]   3-A, FAST-TRANSIENT, LOW-DROPOUT VOLTAGE REGULATOR
TPS7A7200-EP TI-TPS7A7200-EP_15 Datasheet
1Mb / 28P
[Old version datasheet]   2-A, FAST-TRANSIENT, LOW-DROPOUT VOLTAGE REGULATOR
TPS7A7200 TI-TPS7A7200_15 Datasheet
1Mb / 32P
[Old version datasheet]   2-A, Fast-Transient, Low-Dropout Voltage Regulator
TPS7A7200 TI1-TPS7A7200 Datasheet
1Mb / 29P
[Old version datasheet]   2-A, Fast-Transient, Low-Dropout Voltage Regulator
TPS7A7100 TI1-TPS7A7100 Datasheet
1Mb / 29P
[Old version datasheet]   1-A, Fast-Transient, Low-Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS2115 ADMOS-AMS2115 Datasheet
209Kb / 4P
   FAST TRANSIENT RESPONSE LOW DROPOUT REGULATOR
AMS2115 ADMOS-AMS2115_07 Datasheet
213Kb / 4P
   FAST TRANSIENT RESPONSE LOW DROPOUT REGULATOR
logo
Texas Instruments
TPS7A7300 TI1-TPS7A7300_16 Datasheet
1Mb / 37P
[Old version datasheet]   Fast-Transient, Low-Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com