Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UC285-1 Fiches technique(PDF) 5 Page - Texas Instruments

No de pièce UC285-1
Description  FAST TRANSIENT REPONSE 5-A LOW-DROPOUT REGULATOR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

UC285-1 Fiches technique(HTML) 5 Page - Texas Instruments

  UC285-1 Datasheet HTML 1Page - Texas Instruments UC285-1 Datasheet HTML 2Page - Texas Instruments UC285-1 Datasheet HTML 3Page - Texas Instruments UC285-1 Datasheet HTML 4Page - Texas Instruments UC285-1 Datasheet HTML 5Page - Texas Instruments UC285-1 Datasheet HTML 6Page - Texas Instruments UC285-1 Datasheet HTML 7Page - Texas Instruments UC285-1 Datasheet HTML 8Page - Texas Instruments UC285-1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
UC2851, UC2852, UC2853, UC285ADJ, UC3851, UC3852, UC3853, UC385ADJ
FAST TRANSIENT RESPONSE 5A
LOW DROPOUT REGULATOR
SLUS212E − NOVEMBER 1999 − REVISED FEBRUARY 2004
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
The UC385 is easy to use. The adjustable version requires two resistors to set the output voltage. The fixed
versions of the UC385 require no external resistors. All versions of the UC385 require decoupling capacitors
on the input and output. In a typical application, VB and VIN are driven from switching power supplies which
may have large filter capacitors at their outputs. If the UC385 is further than 12 inches from the power supply,
it is recommended to add local decoupling as close as possible to the linear regulator.
Decouple the output of the UC385 with at least 100
µF of high quality tantalum or Sanyo OSCON capacitors
close to the VOUT pin for maximum stability. Many applications involving ultrafast GTL or BTL applications
require additional capacitance close to the load. The exact amount will vary according to speed and magnitude
of the load transients and the tolerance allowed for transients on VOUT. When specifying the decoupling
capacitors, the series resistance of the capacitor bank is an important factor in its ability to filter load transients.
The UC385 allows for Kelvin sensing the voltage at the load. This improves regulation performance and
eliminates the voltage drops due to wire trace resistance. This voltage drop must be added to the headroom
(VIN to VOUT and VB to VOUT). The dropout of 350 mV is measured at the pins and does not include additional
drops due to trace resistance.
OPEN LOOP PHASE
vs.
FREQUENCY
f − Frequency − Hz
10 M
1 M
100 k
10 k
1 k
100
−180
−90
0
Figure 3
CO = 100 µF
IL = 1 A
Figure 4
OPEN LOOP GAIN
vs.
FREQUENCY
10 M
1 M
100 k
10 k
1 k
100
−10
0
10
20
30
40
50
60
70
f − Frequency − Hz
CO = 100 µF
IL = 1 A


Numéro de pièce similaire - UC285-1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC285-1 TI1-UC285-1 Datasheet
876Kb / 18P
[Old version datasheet]   FAST TRANSIENT RESPONSE 5A LOW-DROPOUT REGULATOR
UC285-1 TI1-UC285-1_16 Datasheet
876Kb / 18P
[Old version datasheet]   FAST TRANSIENT RESPONSE 5A LOW-DROPOUT REGULATOR
More results

Description similaire - UC285-1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS7A7300 TI-TPS7A7300_15 Datasheet
1Mb / 29P
[Old version datasheet]   3-A, Fast-Transient, Low-Dropout Voltage Regulator
TPS7A7200 TI1-TPS7A7200_15 Datasheet
1Mb / 42P
[Old version datasheet]   2-A, Fast-Transient, Low-Dropout Voltage Regulator
TPS7A7300 TI1-TPS7A7300 Datasheet
1Mb / 28P
[Old version datasheet]   3-A, FAST-TRANSIENT, LOW-DROPOUT VOLTAGE REGULATOR
TPS7A7200-EP TI-TPS7A7200-EP_15 Datasheet
1Mb / 28P
[Old version datasheet]   2-A, FAST-TRANSIENT, LOW-DROPOUT VOLTAGE REGULATOR
TPS7A7200 TI-TPS7A7200_15 Datasheet
1Mb / 32P
[Old version datasheet]   2-A, Fast-Transient, Low-Dropout Voltage Regulator
TPS7A7200 TI1-TPS7A7200 Datasheet
1Mb / 29P
[Old version datasheet]   2-A, Fast-Transient, Low-Dropout Voltage Regulator
TPS7A7100 TI1-TPS7A7100 Datasheet
1Mb / 29P
[Old version datasheet]   1-A, Fast-Transient, Low-Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS2115 ADMOS-AMS2115 Datasheet
209Kb / 4P
   FAST TRANSIENT RESPONSE LOW DROPOUT REGULATOR
AMS2115 ADMOS-AMS2115_07 Datasheet
213Kb / 4P
   FAST TRANSIENT RESPONSE LOW DROPOUT REGULATOR
logo
Texas Instruments
TPS7A7300 TI1-TPS7A7300_16 Datasheet
1Mb / 37P
[Old version datasheet]   Fast-Transient, Low-Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com