Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UC2901D Fiches technique(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No de pièce UC2901D
Description  Isolated Feedback Generator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

UC2901D Fiches technique(HTML) 1 Page - Texas Instruments

  UC2901D Datasheet HTML 1Page - Texas Instruments UC2901D Datasheet HTML 2Page - Texas Instruments UC2901D Datasheet HTML 3Page - Texas Instruments UC2901D Datasheet HTML 4Page - Texas Instruments UC2901D Datasheet HTML 5Page - Texas Instruments UC2901D Datasheet HTML 6Page - Texas Instruments UC2901D Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
UC1901
UC2901
UC3901
Isolated Feedback Generator
FEATURES
• An Amplitude-Modulation System for
Transformer Coupling an Isolated
Feedback Error Signal
• Low-Cost Alternative to Optical
Couplers
• Internal 1% Reference and Error
Amplifier
• Internal Carrier Oscillator Usable to
5MHz
• Modulator Synchronizable to an
External Clock
• Loop Status Monitor
DESCRIPTION
The UC1901 family is designed to solve many of the problems associ-
ated with closing a feedback control loop across a voltage isolation
boundary. As a stable and reliable alternative to an optical coupler, these
devices feature an amplitude modulation system which allows a loop er-
ror signal to be coupled with a small RF transformer or capacitor.
The programmable, high-frequency oscillator within the UC1901 series
permits the use of smaller, less expensive transformers which can readily
be built to meet the isolation requirements of today's line-operated power
systems. As an alternative to RF operation, the external clock input to
these devices allows synchronization to a system clock or to the switch-
ing frequency of a SMPS.
An additional feature is a status monitoring circuit which provides an active-
low output when the sensed error voltage is within
±10% of the reference.
The DRIVERA output, DRIVERB output, and STATUS output are disabled
until the input supply has reached a sufficient level to allow proper operation
of the device.
Since these devices can also be used as a DC driver for optical couplers,
the benefits of 4.5 to 40V supply operation, a 1% accurate reference, and a
high gain general purpose amplifier offer advantages even though an AC
system may not be desired.
µ
µ
µ
UC1901 SIMPLIFIED SCHEMATIC
11/98
UDG-98080


Numéro de pièce similaire - UC2901D

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC2901D TI1-UC2901D Datasheet
599Kb / 12P
[Old version datasheet]   Isolated Feedback Generator
UC2901DG4 TI1-UC2901DG4 Datasheet
599Kb / 12P
[Old version datasheet]   Isolated Feedback Generator
UC2901DTR TI1-UC2901DTR Datasheet
599Kb / 12P
[Old version datasheet]   Isolated Feedback Generator
UC2901DTR/80209 TI1-UC2901DTR/80209 Datasheet
599Kb / 12P
[Old version datasheet]   Isolated Feedback Generator
UC2901DTR/80209G4 TI1-UC2901DTR/80209G4 Datasheet
599Kb / 12P
[Old version datasheet]   Isolated Feedback Generator
More results

Description similaire - UC2901D

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC2901-EP TI-UC2901-EP_15 Datasheet
266Kb / 10P
[Old version datasheet]   ISOLATED FEEDBACK GENERATOR
UC1901 TI1-UC1901_11 Datasheet
599Kb / 12P
[Old version datasheet]   Isolated Feedback Generator
UC2901-EP TI1-UC2901-EP Datasheet
249Kb / 9P
[Old version datasheet]   ISOLATED FEEDBACK GENERATOR
logo
Analog Devices
ADUM3070 AD-ADUM3070_V01 Datasheet
763Kb / 20P
   Isolated Switching Regulator With Integrated Feedback
Rev. A
ADUM4070 AD-ADUM4070 Datasheet
561Kb / 20P
   Isolated Switching Regulator with Integrated Feedback
Rev. 0
logo
Maxim Integrated Produc...
MAX5058 MAXIM-MAX5058 Datasheet
460Kb / 25P
   Parallelable Secondary-Side Synchronous Rectifier Driver and Feedback-Generator Controller ICs
Rev 0; 10/03
logo
Linear Technology
LT1228 LINER-LT1228_12 Datasheet
666Kb / 22P
   100MHz Current Feedback
logo
Analog Devices
AD8001 AD-AD8001_17 Datasheet
329Kb / 17P
   Current Feedback Amplifier
AD8004 AD-AD8004_17 Datasheet
449Kb / 17P
   Current Feedback Amplifier
logo
Texas Instruments
TPS5904 TI-TPS5904 Datasheet
118Kb / 10P
[Old version datasheet]   OPTOISOLATED FEEDBACK AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com