Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UC2902 Fiches technique(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No de pièce UC2902
Description  Load Share Controller
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

UC2902 Fiches technique(HTML) 5 Page - Texas Instruments

  UC2902 Datasheet HTML 1Page - Texas Instruments UC2902 Datasheet HTML 2Page - Texas Instruments UC2902 Datasheet HTML 3Page - Texas Instruments UC2902 Datasheet HTML 4Page - Texas Instruments UC2902 Datasheet HTML 5Page - Texas Instruments UC2902 Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
UC1902
UC2902
UC3902
UNITRODE CORPORATION
7 CONTINENTAL BLVD. • MERRIMACK, NH 03054
TEL. (603) 424-2410 FAX (603) 424-3460
The values of five passive components must be deter-
mined to configure the UC3902 load share controller.
The output and return lines of each converter are con-
nected together at the load, with current sense resistor
RSENSE inserted in each negative return line. Another re-
sistor, RADJ, is also inserted in each positive remote
sense line. The differential share bus terminals (SHARE+
and SHARE–) of each UC3902 are connected together
respectively, and the SHARE– node is also connected to
the system ground. A typical application is illustrated in
Figure 1.
The load share controller design can be executed by fol-
lowing the next few steps:
Step 1.
()
()
R
V
AI
SENSE
SHARE
CSA
O
=
max
max
where ACSA is 40, the gain of the current sense amplifier.
At full load, the voltage drop across the RSENSE resistor
is IO (max) • RSENSE. Taking into account the gain of the
current sense amplifier, the voltage at full load on the
current share bus,
()
()
VA
I
R
SHARE
CSA
O
SENSE
max
max
=•
.
This voltage must stay 1.5V below VCC or below 10V
whichever is smaller. VSHARE represents an upper limit
but the designer should select the full scale share bus
voltage keeping in mind that every volt on the load share
bus will increase the master controller’s supply current by
approximately 100mA times the number of slave units
connected parallel.
Step 2.
()
()
R
V
I
G
ADJ
ADJ
=
max
max
Care must be taken to ensure that IADJ(max) is low
enough to ensure that both the drive current and power
dissipation are within the UC3902’s capability. For most
applications, an IADJ(max) current between 5mA and
10mA is acceptable. In a typical application, a 360
Ω RG
resistor from the ADJR pin to ground sets IADJ(max) to
approximately 5mA.
Step 3.
()
()
()
RADJ
VI
R
I
O
O
SENSE
ADJ
=
max –
max
max
RADJ must be low enough to not affect the normal opera-
tion of the converter’s voltage feedback loop. Typical
RADJ values are in the 20Ω to100Ω range depending on
VO, ∆VO(max) and the selected IADJ(max) value.
Step 4.
()
C
G
fC
R
R
R
R
AA
fC
C
MADJ
G
SENSE
LOAD
CSA
PWR
=
••
••
2
π
The share loop compensation capacitor, CC is calculated
to produce the desired share loop unity gain crossover
frequency,
fC.
The
share
loop
error
amplifier’s
transconductance, GM is nominally 4.5ms. The values of
the resistors are already known. Typically, fC will be set
at least an order of magnitude below the converter’s
closed loop bandwidth. The load share circuit is primarily
intended to compensate for each converter’s initial output
voltage tolerance and temperature drift, not differences in
their transient response. The term APWR(fC) is the gain
of the power supply measured at the desired share loop
crossover frequency, fC. This gain can be measured by
injecting the measurement signal between the positive
output and the positive sense terminal of the power sup-
ply.
Step 5.
R
fC C
C
C
=
••
1
2
π
A resistor in series with CC is required to boost the phase
margin of the load share loop. The zero is placed at the
load share loop crossover frequency, fC.
When the system is powered up, the converter with the
highest output voltage will tend to source the most cur-
rent and take control of the share bus. The other convert-
ers will increase their output voltages until their output
currents are proportional to the share bus voltage minus
50mV. The converter which in functioning as the master
may change due to warmup drift and differences in load
and line transient response of each converter.
ADDITIONAL INFORMATION
Please refer to the following Unitrode topic for additional
application information.
[1] Application Note U-163,
The UC3902 Load Share
Controller and Its Performance in Distributed Power Sys-
tems by Laszlo Balogh.
APPLICATION INFORMATION (cont.)


Numéro de pièce similaire - UC2902

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC2902 TI1-UC2902 Datasheet
305Kb / 10P
[Old version datasheet]   LOAD SHARE CONTROLLER
UC2902D TI1-UC2902D Datasheet
305Kb / 10P
[Old version datasheet]   LOAD SHARE CONTROLLER
UC2902DG4 TI1-UC2902DG4 Datasheet
305Kb / 10P
[Old version datasheet]   LOAD SHARE CONTROLLER
UC2902DTR TI1-UC2902DTR Datasheet
305Kb / 10P
[Old version datasheet]   LOAD SHARE CONTROLLER
UC2902N TI1-UC2902N Datasheet
305Kb / 10P
[Old version datasheet]   LOAD SHARE CONTROLLER
More results

Description similaire - UC2902

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC1907 TI-UC1907 Datasheet
169Kb / 8P
[Old version datasheet]   LOAD SHARE CONTROLLER
UC3902D TI1-UC3902D Datasheet
305Kb / 10P
[Old version datasheet]   LOAD SHARE CONTROLLER
UC3907N TI1-UC3907N Datasheet
357Kb / 12P
[Old version datasheet]   LOAD SHARE CONTROLLER
logo
Linear Technology
LTC4350 LINER-LTC4350 Datasheet
186Kb / 16P
   Hot Swappable Load Share Controller
LTC4350 LINER-LTC4350_15 Datasheet
245Kb / 18P
   Hot Swappable Load Share Controller
LTC4350 LINER-LTC4350_1 Datasheet
241Kb / 18P
   Hot Swappable Load Share Controller
logo
Texas Instruments
UCC29002DR TI-UCC29002DR Datasheet
1Mb / 28P
[Old version datasheet]   ADVANCED 8-PIN LOAD-SHARE CONTROLLER
UCC39002DR TI1-UCC39002DR Datasheet
1,023Kb / 27P
[Old version datasheet]   ADVANCED 8-PIN LOAD-SHARE CONTROLLER
UCC29002 TI1-UCC29002_16 Datasheet
1Mb / 30P
[Old version datasheet]   Advanced 8-Pin Load-Share Controller
logo
STMicroelectronics
L6615 STMICROELECTRONICS-L6615 Datasheet
392Kb / 20P
   HIGH/LOW SIDE LOAD SHARE CONTROLLER
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com