Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UC3827DWTR-2 Fiches technique(PDF) 1 Page - Texas Instruments

No de pièce UC3827DWTR-2
Description  Buck Current/Voltage Fed Push-Pull PWM Controllers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

UC3827DWTR-2 Fiches technique(HTML) 1 Page - Texas Instruments

  UC3827DWTR-2 Datasheet HTML 1Page - Texas Instruments UC3827DWTR-2 Datasheet HTML 2Page - Texas Instruments UC3827DWTR-2 Datasheet HTML 3Page - Texas Instruments UC3827DWTR-2 Datasheet HTML 4Page - Texas Instruments UC3827DWTR-2 Datasheet HTML 5Page - Texas Instruments UC3827DWTR-2 Datasheet HTML 6Page - Texas Instruments UC3827DWTR-2 Datasheet HTML 7Page - Texas Instruments UC3827DWTR-2 Datasheet HTML 8Page - Texas Instruments UC3827DWTR-2 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
www.ti.com
FEATURES
DESCRIPTION
RD
Q
S
20
DELAY
23
GND 11
VCC
REF 15
RT 17
CT 18
SYNC 19
CSA− 9
CSA+ 8
SS 4
CSAO 7
CEA− 13
VEA− 16
VEA+ 14
22
24
3
2
1
RAMP
CEA+
12
CEAO
VEAO
10
PULL
PGND
PUSH
SRC
BUCK
V+
DELAY
DELAY
T
Q
Q
REF
&
UVLO
SS
INHBT
UV
OSC
500 kHz
MAX
6
5
21
Current Sense
Amplifier
ILIM Comparator
+3 V
Current Error
Amplifier
PWM Comparator
0.7 V
Flying
Driver
Push/Pull
Drivers
OSC
UVLO
Voltage Error
Amplifier
UC1827-1, UC1827-2
UC2827-1, UC2827-2
UC3827-1, UC3827-2
SLUS365A – APRIL 1999 – REVISED AUGUST 2005
BUCK CURRENT/VOLTAGE FED PUSH-PULL
PWM CONTROLLERS
Ideal for Multiple Output and/or High
The UC3827 family of controller devices provides an
Voltage Output Voltage Converters
integrated control solution for cascaded buck and
push-pull converters. These converters are known as
Up to 500 kHz Operation
current fed or voltage fed push-pull converters and
High Voltage, High Current Floating
are ideally suited for multiple output and/or high
Driver for Buck Converter Stage
voltage output applications. In both current fed and
UC3827-1 Current Fed Controller has
voltage fed modes, the push-pull switches are driven
Push-Pull Drivers with Overlapping
at 50% nominal duty cycles and at one half the
switching frequency of the buck stage. In the current
Conduction Periods
fed mode, the two switches are driven with a speci-
UC3827-2 Voltage Fed Controller has
fied over-lap period to prevent ringing and voltage
Push-Pull Drivers with Nonoverlapping
stress on the devices. In the voltage fed mode, the
Conduction Periods
two switches are driven with a specified gap time
Average Current Mode, Peak Current
between the switches to prevent shorting the trans-
Mode or Voltage Mode with Input
former across the energy storage capacitor and to
prohibit excessive currents flowing through the de-
Voltage Feedforward Control for Buck
vices.
Power Stage
Wide Bandwidth, Low Offset,
The converter's output voltage is regulated by pulse
Differential Current Sense Amplifier
width modulation of the buck switch. The UC3827
contains complete protection and PWM control func-
Precise Short Circuit Current Control
tions for the buck converter. Easy control of the
floating switch is accomplished by the floating drive
circuitry. The gate drive waveform is level shifted to
support an input voltage up to 72 VDC.
BLOCK DIAGRAM
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 1999–2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Numéro de pièce similaire - UC3827DWTR-2

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC3827DW-1 TI1-UC3827DW-1 Datasheet
760Kb / 16P
[Old version datasheet]   BUCK CURRENT/VOLTAGE FED PUSH-PULL PWM CONTROLLERS
UC3827DW-1G4 TI1-UC3827DW-1G4 Datasheet
760Kb / 16P
[Old version datasheet]   BUCK CURRENT/VOLTAGE FED PUSH-PULL PWM CONTROLLERS
UC3827DW-2 TI1-UC3827DW-2 Datasheet
760Kb / 16P
[Old version datasheet]   BUCK CURRENT/VOLTAGE FED PUSH-PULL PWM CONTROLLERS
UC3827DW-2G4 TI1-UC3827DW-2G4 Datasheet
760Kb / 16P
[Old version datasheet]   BUCK CURRENT/VOLTAGE FED PUSH-PULL PWM CONTROLLERS
More results

Description similaire - UC3827DWTR-2

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC2827-1 TI1-UC2827-1 Datasheet
760Kb / 16P
[Old version datasheet]   BUCK CURRENT/VOLTAGE FED PUSH-PULL PWM CONTROLLERS
logo
Micrel Semiconductor
MIC3832 MICREL-MIC3832 Datasheet
107Kb / 10P
   Current-Fed PWM Controllers
logo
Linear Technology
LTC3723-1 LINER-LTC3723-1 Datasheet
339Kb / 20P
   Synchronous Push-Pull PWM Controllers
LTC3723-2 LINER-LTC3723-2_15 Datasheet
344Kb / 20P
   Synchronous Push-Pull PWM Controllers
LTC3723-1 LINER-LTC3723-1_15 Datasheet
344Kb / 20P
   Synchronous Push-Pull PWM Controllers
logo
Texas Instruments
UCD8220 TI-UCD8220 Datasheet
2Mb / 32P
[Old version datasheet]   DIGITALLY MANAGED PUSH-PULL ANALOG PWM CONTROLLERS
UCD8220 TI1-UCD8220_16 Datasheet
752Kb / 28P
[Old version datasheet]   DIGITALLY MANAGED PUSH-PULL ANALOG PWM CONTROLLERS
UCD8220-Q1 TI1-UCD8220-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   DIGITALLY MANAGED PUSH-PULL ANALOG PWM CONTROLLERS
UCC38083PW TI1-UCC38083PW Datasheet
936Kb / 26P
[Old version datasheet]   8-PIN CURRENT MODE PUSH-PULL PWM CONTROLLERS WITH PROGAMMABLE SLOPE COMPENSATION
UCC28083 TI-UCC28083 Datasheet
429Kb / 19P
[Old version datasheet]   8-PIN CURRENT MODE PUSH-PULL PWM CONTROLLERS WITH PROGRAMMABLE SLOPE COMPENSATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com