Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UC2886 Fiches technique(PDF) 5 Page - Texas Instruments

No de pièce UC2886
Description  Average Current Mode PWM Controller IC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

UC2886 Fiches technique(HTML) 5 Page - Texas Instruments

  UC2886 Datasheet HTML 1Page - Texas Instruments UC2886 Datasheet HTML 2Page - Texas Instruments UC2886 Datasheet HTML 3Page - Texas Instruments UC2886 Datasheet HTML 4Page - Texas Instruments UC2886 Datasheet HTML 5Page - Texas Instruments UC2886 Datasheet HTML 6Page - Texas Instruments UC2886 Datasheet HTML 7Page - Texas Instruments UC2886 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
UC1886
UC2886
UC3886
OSCILLATOR
The UC3886 oscillator is a saw tooth. The rising edge
is governed by a current controlled by RT flowing into
the capacitor CT. The falling edge of the sawtooth sets
the dead time for the output. Selection of RT should be
done first, based on desired maximum duty cycle. CT
can then be chosen based on the desired frequency,
FS, and the value of RT. The design equations are:
D
V
RT
mA
MAX =
1
20
40
–
.
.
()
()
F
VmA RT
V
CT
V RT
mA
OSC =
••
••
20
40
20
18
4 0
..
– .
..
Configuring the Current Sense Amplifier
The UC3886 Current Sense Amplifier is used to amplify
a differential current sense signal across a low value
current sense resistor, RSENSE. This amplifier must be
set up as a differential amplifier as shown.
The Current Sense Amplifier gain, GCSA, is given by the
ratio of R2/R1. The output of the Current Sense Ampli-
fier at the ISO pin is given by
VV
V
R
R
ISO
BUF
SENSE
=+
• 2
1
The Current Sense Amplifier gain, GCSA, must be pro-
grammed to be greater than or equal to 5.0 (14dB), as
this amplifier is not stable with gain below 5.0. The Cur-
rent Sense Amplifier gain is limited on the high side by
its Gain-Bandwidth product of 2.5MHz. Therefore GCSA
must be programmed between
GCSA_MIN = 5.0
and
GCSA_MAX = 2.5MHz/FSWITCH
APPLICATION INFORMATION
Figure 1. Oscillator
UDG-96022
0.88
0.90
0.92
0.94
0.96
0.98
1.00
0
20
40
60
80
100
120
R6 (kΩ)
Figure 2. Programming Maximum Duty Cycle with RT
10
100
1000
0
20
40
60
80
100
RT (kΩ)
100pF
220pF
470pF
1nF
Figure 3. Programming Switching Frequency with CT
0.000
0.100
0.200
0.300
0.400
0.500
0.600
100
300
500
700
900
1100
CT (pF)
RT = 5k
RT = 100k
Figure 4. Deadtime vs. CT and RT


Numéro de pièce similaire - UC2886

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC2886 TI1-UC2886 Datasheet
257Kb / 9P
[Old version datasheet]   Average Current Mode PWM Controller IC
UC2886D TI1-UC2886D Datasheet
206Kb / 9P
[Old version datasheet]   Average Current Mode PWM Controller IC
UC2886DG4 TI1-UC2886DG4 Datasheet
206Kb / 9P
[Old version datasheet]   Average Current Mode PWM Controller IC
UC2886 TI1-UC2886_14 Datasheet
257Kb / 9P
[Old version datasheet]   Average Current Mode PWM Controller IC
More results

Description similaire - UC2886

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC3886N TI1-UC3886N Datasheet
206Kb / 9P
[Old version datasheet]   Average Current Mode PWM Controller IC
UC2886 TI1-UC2886_14 Datasheet
257Kb / 9P
[Old version datasheet]   Average Current Mode PWM Controller IC
UC3848N TI-UC3848N Datasheet
1,002Kb / 17P
[Old version datasheet]   Average Current Mode PWM Controller
UC1848 TI-UC1848 Datasheet
359Kb / 9P
[Old version datasheet]   Average Current Mode PWM Controller
UC1848 TI1-UC1848_14 Datasheet
512Kb / 13P
[Old version datasheet]   Average Current Mode PWM Controller
UCC1839 TI-UCC1839 Datasheet
210Kb / 6P
[Old version datasheet]   Secondary Side Average Current Mode Controller
UCC2839 TI1-UCC2839_13 Datasheet
252Kb / 7P
[Old version datasheet]   Secondary Side Average Current Mode Controller
UC1849 TI-UC1849 Datasheet
542Kb / 11P
[Old version datasheet]   Secondary Side Average Current Mode Controller
UC1826 TI-UC1826 Datasheet
506Kb / 11P
[Old version datasheet]   Secondary Side Average Current Mode Controller
UC2849DW TI-UC2849DW Datasheet
532Kb / 21P
[Old version datasheet]   SECONDARY SIDE AVERAGE CURRENT MODE CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com