Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UC2879 Fiches technique(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No de pièce UC2879
Description  Phase Shift Resonant Controller
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

UC2879 Fiches technique(HTML) 3 Page - Texas Instruments

  UC2879 Datasheet HTML 1Page - Texas Instruments UC2879 Datasheet HTML 2Page - Texas Instruments UC2879 Datasheet HTML 3Page - Texas Instruments UC2879 Datasheet HTML 4Page - Texas Instruments UC2879 Datasheet HTML 5Page - Texas Instruments UC2879 Datasheet HTML 6Page - Texas Instruments UC2879 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
UC1879
UC2879
UC3879
ELECTRICAL CHARACTERISTICS Unless specified; VC = VIN = VUVSEL =12V, CT = 470pF, RT = 9.53k, RDELSETA-B =
RDELSEC-D = 4.8k, CDELSETA-B =CDELSETC-D = 0.01µF, TA =TJ.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Undervoltage Lockout
Start Threshold
VUVSEL = VIN
9
10.75
12.5
V
VUVSEL = Open
12.5
15.25
16.5
V
UVLO Hysteresis
VUVSEL = VIN
1.15
1.75
2.15
V
VUVSEL = Open
5.2
6
7.4
V
Input Bias, UVSEL Pin
VUVSEL =VIN=8V
30
µA
Supply Current
IVIN Startup
VIN = VUVSEL = 8V, VC = 18V, IDELSETA-B =
IDELSETC-D =0
150
600
µA
IVC Startup
VIN = VUVSEL = 8V, VC = 18V, IDELSETA-B =
IDELSETC-D =0
10
100
µA
IVIN Operating
UC3879, UC2879
23
33
mA
UC1879
23
36
mA
IVC Operating
48
mA
Voltage Reference
Output Voltage
TJ = +25°C
4.92
5
5.08
V
Line Regulation
11V < VIN < 18V
1
10
mV
Load Regulation
IVREF = –10mA
5
20
mV
Total Variation
Line, Load, Temperature
4.875
5.125
V
Short Circuit Current
VREF = 0V, TJ =25°C
–60
–15
mA
Error Amplifier
Error Amplifier Input Voltage
2.4
2.5
2.6
V
Input Bias Current
0.6
3
µA
AVOL
1V < VCOMP <4V
60
90
dB
PSRR
11V < VIN < 18V
85
100
dB
Output Sink Current
VCOMP = 1V
1
2.5
mA
Output Source Current
VCOMP =4V
−1.3
−0.5
mA
Output Voltage High
ICOMP = –0.5mA
4
4.7
5
V
Output Voltage Low
ICOMP = 1mA
0
0.5
1
V
Slew Rate
TA = +25°C
6
11
V/
µs
PWM Comparator
RAMP Offset Voltage
TJ =25°C, Note 3
1.1
1.25
1.4
V
PWM Phase Shift,
VCOMP >VRAMPpeak +VRAMPoffset
98
99.7
102
%
TDELSETA-B, TDELSETC-D = 0, Note 1
VCOMP < Zero Phase Shift Voltage
0
0.3
2
%
Output Skew,
VCOMP >VRAMPpeak +VRAMPoffset
10
ns
TDELSETA-B, TDELSETC-D = 0, Note 1
VCOMP < Zero Phase Shift Voltage
10
ns
Ramp to Output Delay, TDELSETA-B =0,
TDELSETC-D =0
UC3879, UC2879
115
250
ns
UC1879
115
300
ns
Oscillator
Initial Accuracy
TA =25°C
180
200
220
kHz
Voltage Stability
11V < VIN < 18V
1
2
%
Total Variation
Line, Temperature
160
200
240
kHz
CLKSYNC Threshold
2.3
2.5
2.7
V
Clock Out High
2.8
4
V
Clock Out Low
0.5
1
1.5
V
Clock Out Pulse Width
400
600
ns
Ramp Valley Voltage
0.2
0.4
V


Numéro de pièce similaire - UC2879

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC2879DW TI1-UC2879DW Datasheet
459Kb / 15P
[Old version datasheet]   PHASE SHIFT RESONANT CONTROLLER
UC2879DWG4 TI1-UC2879DWG4 Datasheet
459Kb / 15P
[Old version datasheet]   PHASE SHIFT RESONANT CONTROLLER
UC2879DWTR TI1-UC2879DWTR Datasheet
459Kb / 15P
[Old version datasheet]   PHASE SHIFT RESONANT CONTROLLER
UC2879DWTRG4 TI1-UC2879DWTRG4 Datasheet
459Kb / 15P
[Old version datasheet]   PHASE SHIFT RESONANT CONTROLLER
UC2879J TI1-UC2879J Datasheet
459Kb / 15P
[Old version datasheet]   PHASE SHIFT RESONANT CONTROLLER
More results

Description similaire - UC2879

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC2879DW TI1-UC2879DW Datasheet
459Kb / 15P
[Old version datasheet]   PHASE SHIFT RESONANT CONTROLLER
UC2875-EP TI1-UC2875-EP Datasheet
572Kb / 18P
[Old version datasheet]   PHASE SHIFT RESONANT CONTROLLER
UC1875 TI-UC1875 Datasheet
743Kb / 19P
[Old version datasheet]   Phase Shift Resonant Controller
UC2875-EP TI-UC2875-EP_15 Datasheet
552Kb / 18P
[Old version datasheet]   PHASE SHIFT RESONANT CONTROLLER
UC1875-SP TI1-UC1875-SP_15 Datasheet
791Kb / 36P
[Old version datasheet]   Rad-Tolerant Class-V, Phase Shift Resonant Controller
UC1875-SP TI1-UC1875-SP Datasheet
548Kb / 20P
[Old version datasheet]   RAD-TOLERANT CLASS-V, PHASE SHIFT RESONANT CONTROLLER
UC1875 TI1-UC1875_16 Datasheet
5Mb / 23P
[Old version datasheet]   Phase Shift Reasonant Controller
UCC2895-EP TI1-UCC2895-EP Datasheet
623Kb / 20P
[Old version datasheet]   BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
UCC2895-Q1 TI1-UCC2895-Q1 Datasheet
349Kb / 22P
[Old version datasheet]   BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
UCC2895-Q1 TI-UCC2895-Q1_15 Datasheet
838Kb / 24P
[Old version datasheet]   BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com