Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UC2879 Fiches technique(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No de pièce UC2879
Description  Phase Shift Resonant Controller
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

UC2879 Fiches technique(HTML) 5 Page - Texas Instruments

  UC2879 Datasheet HTML 1Page - Texas Instruments UC2879 Datasheet HTML 2Page - Texas Instruments UC2879 Datasheet HTML 3Page - Texas Instruments UC2879 Datasheet HTML 4Page - Texas Instruments UC2879 Datasheet HTML 5Page - Texas Instruments UC2879 Datasheet HTML 6Page - Texas Instruments UC2879 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
UC1879
UC2879
UC3879
PIN DESCRIPTIONS
CLKSYNC (Bi-directional Clock and Synchronization):
Used as an output, CLKSYNC provides a clock signal. As
an input, this pin provides a synchronization point.
Multiple UC3879s, each with their own local oscillator
frequency, may be connected together by the CLKSYNC
pin, and they will synchronize to the fastest oscillator.
This pin may also be used to synchronize the UC3879 to
an external clock, provided the frequency of the external
signal is higher than the frequency of the local oscillator.
CLKSYNC is internally connected to an emitter follower
pull-up and a current source pull-down (300
µA typical).
Therefore an external resistor to GND can be used to
improve the CLKSYNC pin’s ability to drive capacitive
loads.
COMP (Error Amplifier Output): This pin is the output of
the gain stage for overall feedback control. Error amplifier
output voltage levels below 0.9 volt forces zero phase
shift. Since the error amplifier has a relatively low current
drive capability, the output may be overridden by driving it
with a sufficiently low impedance source.
CT (Oscillator Frequency Set): After choosing RT to set
the required upper end of the linear duty cycle range, the
timing capacitor (CT) value is calculated to set the
oscillator frequency as follows:
CT
Dlin
RT f
=
••
108
.
Connect the timing capacitor directly between CT and
GND. Use a high quality ceramic capacitor with low ESL
and ESR for best results. A minimum CT value of 200pF
insures good accuracy and less susceptibility to circuit
layout parasitics. The oscillator and PWM are designed to
provide practical operation to 600kHz.
CS (Current Sense): This pin is the non-inverting input to
the two current fault comparators whose references are
set internally to fixed values of 2.0V and 2.5V. When the
voltage at this pin exceeds 2.0V, and the error amplifier
output voltage exceeds the voltage on the ramp input, the
phase shift limiting overcurrent comparator will limit the
phase shifting on a cycle-by-cycle basis. When the
voltage at this pin exceeds 2.5V, the current fault latch is
set, the outputs are forced OFF, and a soft start cycle is
initiated. If a constant voltage above 2.5V is applied to
this pin the outputs are disabled and held low. When CS
is brought below 2.5V, the outputs will begin switching at
0 degrees phase shift before the SS pin begins to rise.
This condition will not prematurely deliver power to the
load.
DELSETA-B, DELSETC-D (Output Delay Control): The
user programmed currents from these pins to GND set
the turn on delay for the corresponding output pair. This
delay is introduced between the turn off of one switch
and the turn on of another in the same leg of the bridge
to allow resonant switching to take place. Separate
delays
are
provided
for
the
two
half-bridges
to
accommodate differences in the resonant capacitor
charging currents.
EA– (Error Amplifier Inverting Input): This is normally
connected to the voltage divider resistors which sense
the
power
supply
output
voltage
level. The
loop
compensation components are connected between this
pin and COMP.
GND (Signal Ground): All voltages are measured with
respect to GND. The timing capacitor on CT, and bypass
capacitors on VREF and VIN should be connected
directly to the ground plane near GND.
OUTA – OUTD (Outputs A-D): The outputs are 100mA
totem pole output drivers optimized to drive FET driver
ICs. The outputs operate as pairs with a nominal 50%
duty cycle. The A-B pair is intended to drive one
half-bridge
in
the
external
power
stage
and
is
synchronized to the clock waveform. The C-D pair drives
the other half-bridge with switching phase shifted with
respect to the A-B outputs.
PWRGND (Power Ground): VC should be bypassed with
a ceramic capacitor from VC to the section of the ground
plane that is connected to PWRGND. Any required bulk
reservoir capacitor should be connected in parallel.
PWRGND and GND should be connected at a single
point near the chip to optimize noise rejection and
minimize DC voltage drops.
RAMP (Voltage Ramp): This pin is the input to the PWM
comparator. Connect it to CT for voltage mode control.
For current mode control, connect RAMP to CS and also
to the output of the current sense transformer circuit.
Slope compensation can be achieved by injecting a
portion of the ramp voltage from CT to RAMP.


Numéro de pièce similaire - UC2879

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC2879DW TI1-UC2879DW Datasheet
459Kb / 15P
[Old version datasheet]   PHASE SHIFT RESONANT CONTROLLER
UC2879DWG4 TI1-UC2879DWG4 Datasheet
459Kb / 15P
[Old version datasheet]   PHASE SHIFT RESONANT CONTROLLER
UC2879DWTR TI1-UC2879DWTR Datasheet
459Kb / 15P
[Old version datasheet]   PHASE SHIFT RESONANT CONTROLLER
UC2879DWTRG4 TI1-UC2879DWTRG4 Datasheet
459Kb / 15P
[Old version datasheet]   PHASE SHIFT RESONANT CONTROLLER
UC2879J TI1-UC2879J Datasheet
459Kb / 15P
[Old version datasheet]   PHASE SHIFT RESONANT CONTROLLER
More results

Description similaire - UC2879

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC2879DW TI1-UC2879DW Datasheet
459Kb / 15P
[Old version datasheet]   PHASE SHIFT RESONANT CONTROLLER
UC2875-EP TI1-UC2875-EP Datasheet
572Kb / 18P
[Old version datasheet]   PHASE SHIFT RESONANT CONTROLLER
UC1875 TI-UC1875 Datasheet
743Kb / 19P
[Old version datasheet]   Phase Shift Resonant Controller
UC2875-EP TI-UC2875-EP_15 Datasheet
552Kb / 18P
[Old version datasheet]   PHASE SHIFT RESONANT CONTROLLER
UC1875-SP TI1-UC1875-SP_15 Datasheet
791Kb / 36P
[Old version datasheet]   Rad-Tolerant Class-V, Phase Shift Resonant Controller
UC1875-SP TI1-UC1875-SP Datasheet
548Kb / 20P
[Old version datasheet]   RAD-TOLERANT CLASS-V, PHASE SHIFT RESONANT CONTROLLER
UC1875 TI1-UC1875_16 Datasheet
5Mb / 23P
[Old version datasheet]   Phase Shift Reasonant Controller
UCC2895-EP TI1-UCC2895-EP Datasheet
623Kb / 20P
[Old version datasheet]   BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
UCC2895-Q1 TI1-UCC2895-Q1 Datasheet
349Kb / 22P
[Old version datasheet]   BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
UCC2895-Q1 TI-UCC2895-Q1_15 Datasheet
838Kb / 24P
[Old version datasheet]   BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com