Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UC2875 Fiches technique(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No de pièce UC2875
Description  Phase Shift Resonant Controller
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

UC2875 Fiches technique(HTML) 8 Page - Texas Instruments

Back Button UC2875 Datasheet HTML 4Page - Texas Instruments UC2875 Datasheet HTML 5Page - Texas Instruments UC2875 Datasheet HTML 6Page - Texas Instruments UC2875 Datasheet HTML 7Page - Texas Instruments UC2875 Datasheet HTML 8Page - Texas Instruments UC2875 Datasheet HTML 9Page - Texas Instruments UC2875 Datasheet HTML 10Page - Texas Instruments UC2875 Datasheet HTML 11Page - Texas Instruments UC2875 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
8
UC1875/6/7/8
UC2875/6/7/8
UC3875/6/7/8
APPLICATION INFORMATION (cont.)
Synchronizing The Oscillator
The CLOCKSYNC pin of the oscillator may be used to synchronize multiple UC1875 devices simply by connecting
the CLOCKSYNC of each UC1875 to the others:
Syncing to external TTL/CMOS
All ICs will sync to chip with the fastest local oscillator.
R1&RN may be needed to keep sync pulse narrow due to capacitance on line.
R1&RN may also be needed to properly terminate RSYNC line.
Although each UC1875/6/7/8 has a local oscillator fre-
quency, the group of devices will synchronize to the
fastest oscillator driving the CLOCKSYNC pin. This ar-
rangement allows the synchronizing connection be-
tween ICs to be broken without any local loss of
functionality.
Synchronizing the device to an external clock signal
may be accomplished with a minimum of external cir-
cuitry, as shown in the previous figure.
Capacitive loading on the CLOCKSYNC pin will in-
crease the clock pulse width, and may adversely effect
system performance. Therefore, a resistor to ground
from the CLOCKSYNC pin is optional, but may be re-
quired to offset capacitive loading on this pin. These re-
sistors are shown in the oscillator schematics as R1,
RN.
ICs will sync to fastest chip or TTL clock if it is higher frequency.
R&RN may be needed for same reasons as above
UDG-95080
UDG-95081
1875/6/7/8s only


Numéro de pièce similaire - UC2875

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC2875 TI1-UC2875 Datasheet
5Mb / 23P
[Old version datasheet]   Phase Shift Reasonant Controller
UC2875-EP TI1-UC2875-EP Datasheet
572Kb / 18P
[Old version datasheet]   PHASE SHIFT RESONANT CONTROLLER
UC2875-EP TI-UC2875-EP_15 Datasheet
552Kb / 18P
[Old version datasheet]   PHASE SHIFT RESONANT CONTROLLER
UC2875DWP TI1-UC2875DWP Datasheet
5Mb / 23P
[Old version datasheet]   Phase Shift Reasonant Controller
UC2875DWPG4 TI1-UC2875DWPG4 Datasheet
5Mb / 23P
[Old version datasheet]   Phase Shift Reasonant Controller
More results

Description similaire - UC2875

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC2879DW TI1-UC2879DW Datasheet
459Kb / 15P
[Old version datasheet]   PHASE SHIFT RESONANT CONTROLLER
UC2875-EP TI1-UC2875-EP Datasheet
572Kb / 18P
[Old version datasheet]   PHASE SHIFT RESONANT CONTROLLER
UC1879 TI-UC1879 Datasheet
346Kb / 7P
[Old version datasheet]   Phase Shift Resonant Controller
UC2875-EP TI-UC2875-EP_15 Datasheet
552Kb / 18P
[Old version datasheet]   PHASE SHIFT RESONANT CONTROLLER
UC1875-SP TI1-UC1875-SP_15 Datasheet
791Kb / 36P
[Old version datasheet]   Rad-Tolerant Class-V, Phase Shift Resonant Controller
UC1875-SP TI1-UC1875-SP Datasheet
548Kb / 20P
[Old version datasheet]   RAD-TOLERANT CLASS-V, PHASE SHIFT RESONANT CONTROLLER
UC1875 TI1-UC1875_16 Datasheet
5Mb / 23P
[Old version datasheet]   Phase Shift Reasonant Controller
UCC2895-EP TI1-UCC2895-EP Datasheet
623Kb / 20P
[Old version datasheet]   BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
UCC2895-Q1 TI1-UCC2895-Q1 Datasheet
349Kb / 22P
[Old version datasheet]   BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
UCC2895-Q1 TI-UCC2895-Q1_15 Datasheet
838Kb / 24P
[Old version datasheet]   BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com