Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UC2872 Fiches technique(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No de pièce UC2872
Description  Resonant Lamp Ballast Controller
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

UC2872 Fiches technique(HTML) 5 Page - Texas Instruments

  UC2872 Datasheet HTML 1Page - Texas Instruments UC2872 Datasheet HTML 2Page - Texas Instruments UC2872 Datasheet HTML 3Page - Texas Instruments UC2872 Datasheet HTML 4Page - Texas Instruments UC2872 Datasheet HTML 5Page - Texas Instruments UC2872 Datasheet HTML 6Page - Texas Instruments UC2872 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
UC1872
UC2872
UC3872
Figure 1. Typical application.
UDG-93018-2
A unique protection feature incorporated in the UC3872
is the Open Lamp Detect circuit. An open lamp interrupts
the current feedback loop and causes very high second-
ary voltage. Operation in this mode will usually break-
down the transformer’s insulation, causing permanent
damage to the converter. The open lamp detect circuit,
shown in Figure 3 senses the lamp current feedback sig-
nal at the error amplifier’s input, and shuts down the out-
puts if insufficient signal is present. Soft start circuitry
limits initial turn-on currents and blanks the open lamp
detect signal.
Other features are included to minimize external circuitry
requirements. A logic level enable pin shuts down the IC,
allowing direct connection to a battery. During shut-
down, the IC typically draws less than 1
µA. The UC3872,
operating from 4.5V to 24V, is compatible with almost all
battery voltages used in portable computers and auto-
motive applications. Undervoltage lockout circuitry dis-
ables
operation
until
sufficient
supply
voltage
is
available, and a 1% voltage reference insures accurate
operation.
APPLICATION INFORMATION (cont.)


Numéro de pièce similaire - UC2872

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC2872 TI1-UC2872 Datasheet
387Kb / 11P
[Old version datasheet]   Resonant Lamp Ballast Controller
UC2872DW TI1-UC2872DW Datasheet
387Kb / 11P
[Old version datasheet]   Resonant Lamp Ballast Controller
UC2872DW TI-UC2872DW Datasheet
387Kb / 11P
[Old version datasheet]   Resonant Lamp Ballast Controller
UC2872DWG4 TI1-UC2872DWG4 Datasheet
387Kb / 11P
[Old version datasheet]   Resonant Lamp Ballast Controller
UC2872DWTR TI1-UC2872DWTR Datasheet
387Kb / 11P
[Old version datasheet]   Resonant Lamp Ballast Controller
More results

Description similaire - UC2872

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC1872 TI1-UC1872_09 Datasheet
387Kb / 11P
[Old version datasheet]   Resonant Lamp Ballast Controller
UC2872DW TI-UC2872DW Datasheet
387Kb / 11P
[Old version datasheet]   Resonant Lamp Ballast Controller
logo
Fairchild Semiconductor
FAN7544 FAIRCHILD-FAN7544 Datasheet
1Mb / 14P
   Simple Ballast Controller
KA7541 FAIRCHILD-KA7541 Datasheet
95Kb / 14P
   Simple Ballast Controller
logo
Micro Linear Corporatio...
ML4831 MICRO-LINEAR-ML4831 Datasheet
325Kb / 14P
   Electronic Ballast Controller
logo
AUK corp
S6510P AUK-S6510P Datasheet
340Kb / 6P
   SIMPLE BALLAST CONTROLLER
logo
Micro Linear Corporatio...
ML4830 MICRO-LINEAR-ML4830 Datasheet
218Kb / 15P
   Electronic Ballast Controller
logo
AUK corp
S6510 AUK-S6510 Datasheet
316Kb / 6P
   SIMPLE BALLAST CONTROLLER
logo
Champion Microelectroni...
CM6900G CHAMP-CM6900G Datasheet
226Kb / 12P
   Resonant Controller
logo
Princeton Technology Co...
PT5631 PTC-PT5631_10 Datasheet
391Kb / 4P
   Dimming Ballast Controller IC
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com