Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UC2871 Fiches technique(PDF) 3 Page - Texas Instruments

No de pièce UC2871
Description  Resonant Fluorescent Lamp Driver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

UC2871 Fiches technique(HTML) 3 Page - Texas Instruments

  UC2871 Datasheet HTML 1Page - Texas Instruments UC2871 Datasheet HTML 2Page - Texas Instruments UC2871 Datasheet HTML 3Page - Texas Instruments UC2871 Datasheet HTML 4Page - Texas Instruments UC2871 Datasheet HTML 5Page - Texas Instruments UC2871 Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Open Lamp Detect Section
Soft Start Threshold
VEA(-) = 0V
2.9
3.4
3.8
V
Error Amp Threshold
VSS = 4.2V
0.7
1.0
1.3
V
Soft Start Current
VSS = 2V
10
20
40
µA
Error Amp 2 Section
Input Offset Voltage
VO = 2V
0
10
mV
Input Bias Current
-0.2
-1
µA
Input Offset Current
0.5
µA
Open Loop Gain
VO = 0.5 to 3V
65
90
dB
Output High
VID = 100mV, VO = 2V
3.6
4
4.4
V
Output Low
VID = -100mv, VO = 2V
0.1
0.2
V
Output Source Current
VID = 100mV, VO = 2V
-350
-500
µA
Output Sink Current
VID = -100mV, VO = 2V
10
20
mA
Common Mode Range
0VIN-2V
V
Unity Gain Bandwidth
TJ = 25
°C (Note 4)
1
MHz
Isense Section
Threshold
0.475
0.525
0.575
V
Output Section
Output Low Level
IOUT = 0, Outputs A and B
0.05
0.2
V
IOUT = 10mA
0.1
0.4
V
IOUT = 100mA
1.5
2.2
V
Output High Level
IOUT = 0, Outputs C and D
14.7
14.9
V
IOUT = -10mA
13.5
14.3
V
IOUT = -100mA
12.5
13.5
V
Rise Time
TJ = 25
°C, Cl = 1nF(Note 4)
30
80
ns
Fall Time
TJ = 25
°C, Cl = 1nF(Note 4)
30
80
ns
Output Dynamics
Out A and B Duty Cycle
48
49.9
50
%
Out C Max Duty Cycle
VEA1(-) = 1V
100
%
Out C Min Duty Cycle
VEA1(-) = 2V
0
%
Out D Max Duty Cycle
VEA2(+)- VEA2(-) = 100mV
92
96
%
Out D Min Duty Cycle
VEA2(+)- VEA2(-) = -100mV
0
%
Under Voltage Lockout Section
Start-Up Threshold
3.7
4.2
4.5
V
Hysterisis
120
200
280
mV
Enable Section
Input High Threshold
2V
Input low Threshold
0.8
V
Input Current
VENABLE = 5V
150
400
µA
Supply Current Section
VCC Supply Current
VCC = 20V
8
14
mA
VC Supply Current
VC=20V
7
12
mA
ICC Disabled
VCC = 20V, VENABLE = 0V
1
10
µA
UC1871
UC2871
UC3871
ELECTRICAL
CHARACTERISTICS (cont.)
Unless otherwise stated, these parameters apply for TA = -55
°C to +125°C for the UC1871;
-25
°C to +85°C for the UC2871; 0°C to +70°C for the UC3871; VCC = 5V, VC = 15V,
VENABLE = 5V, CT = 1nF, Zero Det = 1V.
Note 3: Unless otherwise specified, all voltages are with respect to ground.
Currents are positive into, and negative out of the specified terminal.
Note 4: Guaranteed by design but not 100% tested in production.
Note 5: Impedance below specified maximum guarantees proper operation of the Open Lamp Detect.
3


Numéro de pièce similaire - UC2871

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC2871 TI1-UC2871 Datasheet
1,014Kb / 14P
[Old version datasheet]   Resonant Fluorescent Lamp Driver
UC2871DW TI1-UC2871DW Datasheet
1,014Kb / 14P
[Old version datasheet]   Resonant Fluorescent Lamp Driver
UC2871DWG4 TI1-UC2871DWG4 Datasheet
1,014Kb / 14P
[Old version datasheet]   Resonant Fluorescent Lamp Driver
UC2871N TI1-UC2871N Datasheet
1,014Kb / 14P
[Old version datasheet]   Resonant Fluorescent Lamp Driver
UC2871NG4 TI1-UC2871NG4 Datasheet
1,014Kb / 14P
[Old version datasheet]   Resonant Fluorescent Lamp Driver
More results

Description similaire - UC2871

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC1871-12 TI1-UC1871-12 Datasheet
1,014Kb / 14P
[Old version datasheet]   Resonant Fluorescent Lamp Driver
logo
Monolithic Power System...
MP1010B MPS-MP1010B Datasheet
35Kb / 1P
   Cold Cathode Fluorescent Lamp Driver
MP1011A MPS-MP1011A Datasheet
128Kb / 6P
   Cold Cathode Fluorescent Lamp Driver
HR2000 MPS-HR2000 Datasheet
992Kb / 20P
   Fluorescent Lamp HB Driver with PFC
logo
Texas Instruments
UCC3973PWTRG4 TI1-UCC3973PWTRG4 Datasheet
895Kb / 24P
[Old version datasheet]   BiCMOS Cold Cathode Fluorescent Lamp Driver Controller
UCC1972 TI1-UCC1972_13 Datasheet
895Kb / 24P
[Old version datasheet]   BiCMOS Cold Cathode Fluorescent Lamp Driver Controller
UCC1972 TI-UCC1972 Datasheet
308Kb / 17P
[Old version datasheet]   BiCMOS Cold Cathode Fluorescent Lamp Driver Controller
logo
Cirrus Logic
CRD1601-120W CIRRUS-CRD1601-120W Datasheet
290Kb / 12P
   High-efficiency PFC Fluorescent Lamp Driver Reference Design
logo
NXP Semiconductors
UBA2017 PHILIPS-UBA2017 Datasheet
530Kb / 29P
   600 V fluorescent lamp driver with linear dimming function
Rev. 2-15 May 2012
logo
Texas Instruments
UC1872 TI1-UC1872_09 Datasheet
387Kb / 11P
[Old version datasheet]   Resonant Lamp Ballast Controller
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com