Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UC2871 Fiches technique(PDF) 2 Page - Texas Instruments

No de pièce UC2871
Description  Resonant Fluorescent Lamp Driver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

UC2871 Fiches technique(HTML) 2 Page - Texas Instruments

  UC2871 Datasheet HTML 1Page - Texas Instruments UC2871 Datasheet HTML 2Page - Texas Instruments UC2871 Datasheet HTML 3Page - Texas Instruments UC2871 Datasheet HTML 4Page - Texas Instruments UC2871 Datasheet HTML 5Page - Texas Instruments UC2871 Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Reference Section
Output Voltage
TJ=25
°C
2.963
3.000
3.037
V
Overtemp
2.940
3.000
3.060
V
Line Regulation
VCC = 4.75V to 18V
10
mV
Load Regulation
Io=0 to -5mA
10
mV
Oscillator Section
Free Running Freq
TJ=25
°C
576878
kHz
Max Sync Frequency
TJ=25
°C
160
200
240
kHz
Charge Current
VCT = 1.5V
180
200
220
µA
Voltage Stability
2%
Temperature Stability
48
%
Zero Detect Threshold
0.46
0.5
0.56
V
Error Amp 1 Section
Input Voltage
VO = 2V
1.445
1.475
1.505
V
Input Bias Current
-0.4
-2
µA
Open Loop Gain
VO = 0.5 to 3V
65
90
dB
Output High
VEA(-) = 1.3V
3.1
3.5
3.9
V
Output Low
VEA(-) = 1.7V
0.1
0.2
V
Output Source Current
VEA(-) = 1.3V, Vo = 2V
-350
-500
µA
Output Sink Current
VEA(-) = 1.7V, Vo = 2V
10
20
mA
Common Mode Range
0VIN-1V
V
Unity Gain Bandwidth
TJ = 25
°C (Note 4)
1
MHz
Maximum Source Impedance
Note 5
100k
UC1871
UC2871
UC3871
ELECTRICAL CHARACTERISTICS Unless otherwise stated, these parameters apply for TA = -55°C to +125°C for the
UC1871; -25
°C to +85°C for the UC2871; 0°C to +70°C for the UC3871; VCC = 5V,
VC = 15V, VENABLE = 5V, CT = 1nF, Zero Det = 1V.
ABSOLUTE MAXIMUM RATINGS
Analog Inputs . . . . . . . . . . . . . . . . . . . . . . . . .
−0.3 to +10V
VCC, VC Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +20V
Zero Detect Input Current
High Impedance Source . . . . . . . . . . . . . . . . . . +10mA
Zero Detect
Low Impedance Source. . . . . . . . . . . . . . . . . . . . . +20V
Power Dissipation at TA = 25
°C . . . . . . . . . . . . . . . . . . . 1W
Storage Temperature . . . . . . . . . . . . . . . . -65
°C to +150°C
Lead Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . 300
°C
Note 1: Currents are positive into, negative out of the specified ter-
minal.
Note 2: Consult Packaging Section of Databook for thermal
limitations and considerations of package.
DIL-18, SOIC-18 (TOP VIEW)
J or N, DW Package
PACKAGE PIN FUNCTION
FUNCTION
PIN
Gnd
1
B Out
2
A Out
3
VC
4
E/A 1 Comp
5
SS
6
E/A 1(-)
7
N/C
8
CT
9
Zero Detect
10
N/C
11
VREF
12
E/A 2(+)
13
E/A 2(-)
14
E/A 2 Comp
15
VCC
16
Enable
17
Flyback ISENSE
18
D Out
19
C Out
20
PLCC-20 (Top View)
Q Package
CONNECTION DIAGRAMS
2


Numéro de pièce similaire - UC2871

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC2871 TI1-UC2871 Datasheet
1,014Kb / 14P
[Old version datasheet]   Resonant Fluorescent Lamp Driver
UC2871DW TI1-UC2871DW Datasheet
1,014Kb / 14P
[Old version datasheet]   Resonant Fluorescent Lamp Driver
UC2871DWG4 TI1-UC2871DWG4 Datasheet
1,014Kb / 14P
[Old version datasheet]   Resonant Fluorescent Lamp Driver
UC2871N TI1-UC2871N Datasheet
1,014Kb / 14P
[Old version datasheet]   Resonant Fluorescent Lamp Driver
UC2871NG4 TI1-UC2871NG4 Datasheet
1,014Kb / 14P
[Old version datasheet]   Resonant Fluorescent Lamp Driver
More results

Description similaire - UC2871

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC1871-12 TI1-UC1871-12 Datasheet
1,014Kb / 14P
[Old version datasheet]   Resonant Fluorescent Lamp Driver
logo
Monolithic Power System...
MP1010B MPS-MP1010B Datasheet
35Kb / 1P
   Cold Cathode Fluorescent Lamp Driver
MP1011A MPS-MP1011A Datasheet
128Kb / 6P
   Cold Cathode Fluorescent Lamp Driver
HR2000 MPS-HR2000 Datasheet
992Kb / 20P
   Fluorescent Lamp HB Driver with PFC
logo
Texas Instruments
UCC3973PWTRG4 TI1-UCC3973PWTRG4 Datasheet
895Kb / 24P
[Old version datasheet]   BiCMOS Cold Cathode Fluorescent Lamp Driver Controller
UCC1972 TI1-UCC1972_13 Datasheet
895Kb / 24P
[Old version datasheet]   BiCMOS Cold Cathode Fluorescent Lamp Driver Controller
UCC1972 TI-UCC1972 Datasheet
308Kb / 17P
[Old version datasheet]   BiCMOS Cold Cathode Fluorescent Lamp Driver Controller
logo
Cirrus Logic
CRD1601-120W CIRRUS-CRD1601-120W Datasheet
290Kb / 12P
   High-efficiency PFC Fluorescent Lamp Driver Reference Design
logo
NXP Semiconductors
UBA2017 PHILIPS-UBA2017 Datasheet
530Kb / 29P
   600 V fluorescent lamp driver with linear dimming function
Rev. 2-15 May 2012
logo
Texas Instruments
UC1872 TI1-UC1872_09 Datasheet
387Kb / 11P
[Old version datasheet]   Resonant Lamp Ballast Controller
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com