Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UC2854B Fiches technique(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No de pièce UC2854B
Description  Enhanced High Power Factor Preregulator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

UC2854B Fiches technique(HTML) 3 Page - Texas Instruments

  UC2854B Datasheet HTML 1Page - Texas Instruments UC2854B Datasheet HTML 2Page - Texas Instruments UC2854B Datasheet HTML 3Page - Texas Instruments UC2854B Datasheet HTML 4Page - Texas Instruments UC2854B Datasheet HTML 5Page - Texas Instruments UC2854B Datasheet HTML 6Page - Texas Instruments UC2854B Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
ELECTRICAL
CHARACTERISTICS (cont.)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
CURRENT AMPLIFIER
Input Offset Voltage
VCM = 0V
TA = +25
°C
−40
mV
OverTemp
–5.5
0
mV
Input Bias Current(sense)
VCM = 0V
–500
500
nA
Open Loop Gain
VCM = 0V, VOUT = 2 to 6V
80
110
dB
VOUT High
ILOAD = –500
µA8
V
VOUT Low
ILOAD = 500
µA
0.3
0.5
V
Output Short Circuit Current
VOUT = 0V
1.5
3.5
mA
Common Mode Range
–0.3
5
V
Gain Bandwidth Product
Fin = 100kHz, 10mV p-p, (Note 1)
3
5
mHz
REFERENCE
Output Voltage
IREF = 0mA, TA = 25
oC
7.4
7.5
7.6
V
IREF = 0mA
7.35
7.5
7.65
V
Load Regulation
IREF = 1 to 10mA
0
8
20
mV
Line Regulation
VCC = 12 to 18V
0
14
25
mV
Short Circuit Current
VREF = 0V
25
35
60
mA
OSCILLATOR
Initial Accuracy
TA = 25
oC
85
100
115
kHz
Voltage Stability
VCC = 12 to 18V
1
%
Total Variation
Line, Temp
80
120
kHz
Ramp Amplitude (p-p)
4.9
5.9
V
Ramp Valley Voltage
0.8
1.3
V
ENABLE / SOFTSTART / CURRENT LIMIT
Enable Threshold
2.35
2.55
2.8
V
Enable Hysteresis
VFAULT = 2.5V
500
600
mV
Enable Input Bias Current
VENABLE = 0V
–2
–5
µA
Propagation Delay to Disable
Enable Overdrive = –100mV,(Note 1)
300
ns
SS Charge Current
VSOFTSTART = 2.5V
10
14
24
PKLMT Offset Voltage
–15
15
mV
PKLMT Input Current
VPKLMT = –0.1V
–200
–100
µA
PKLMT Propagation Delay
(Note 1)
150
ns
MULTIPLIER
Output Current - IAC Limited
IAC=100
µA, VRMS = 1V, RSET = 10k
–220
–200
–170
µA
Output Current - Zero
IAC=0
µA, RSET = 10k
–2.0
–0.2
2.0
µA
Output Current - Power Limited
VRMS = 1.5V, Va = 6V
–230
–200
–170
µA
Output Current
VRMS = 1.5V, Va = 2V
–22
µA
VRMS = 1.5V, Va = 5V
–156
µA
VRMS = 5V, Va = 2V
–2
µA
VRMS = 5V, Va = 5V
–14
µA
Gain Constant
(Note 2) VRMS = 1.5V, TJ = 25°C, Va = 6V
–1.1
–1.0
–0.9
A/A
UC1854A/B
UC2854A/B
UC3854A/B
Unless otherwise stated, VCC=18V, RT=8.2k, CT=1.5nF, PKLMT=1V, VRMS=1.5V,
IAC=100
µA, ISENSE=0V, CA Out=3.5V, VA Out=5V, VSENSE=3V, –55oC<TA<125oC for the
UC1854A/B, –40
oC<TA<85oC for the UC2854A/B, and 0oC<TA<70oC for the UC3854A/B,
and TA=TJ.
Note 1: Guaranteed by design, not 100% tested in production.
Note 2: Gain constant (K) =
IAC
× (Va − 1.5V)
VRMS
2 × IMO
3


Numéro de pièce similaire - UC2854B

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC2854B TI-UC2854B Datasheet
455Kb / 16P
[Old version datasheet]   ADVANCED HIGH-POWER FACTOR PREREGULATOR
UC2854B TI1-UC2854B Datasheet
741Kb / 18P
[Old version datasheet]   ADVANCED HIGH-POWER FACTOR PREREGULATOR
UC2854B TI1-UC2854B Datasheet
743Kb / 18P
[Old version datasheet]   ADVANCED HIGH-POWER FACTOR PREREGULATOR
UC2854B-EP TI1-UC2854B-EP Datasheet
263Kb / 13P
[Old version datasheet]   ADVANCED HIGH-POWER FACTOR PREREGULATOR
UC2854B-EP TI1-UC2854B-EP Datasheet
1Mb / 38P
[Old version datasheet]   Advanced High-Power Factor Preregulator
More results

Description similaire - UC2854B

FabricantNo de pièceFiches techniqueDescription
logo
Unisonic Technologies
UC3854 UTC-UC3854 Datasheet
138Kb / 6P
   ENHANCED HIGH POWER FACTOR PREREGULATOR
UC3854 UTC-UC3854_V01 Datasheet
309Kb / 6P
   ENHANCED HIGH POWER FACTOR PREREGULATOR
logo
Texas Instruments
UC2853A TI-UC2853A Datasheet
411Kb / 10P
[Old version datasheet]   High Power Factor Preregulator
UC1854 TI-UC1854 Datasheet
281Kb / 9P
[Old version datasheet]   High Power Factor Preregulator
UC2853A TI1-UC2853A_16 Datasheet
854Kb / 9P
[Old version datasheet]   High Power Factor Preregulator
UC1854 TI-UC1854_08 Datasheet
473Kb / 13P
[Old version datasheet]   High Power Factor Preregulator
logo
TOKO, Inc
TK83854 TOKO-TK83854 Datasheet
109Kb / 12P
   HIGH POWER FACTOR PREREGULATOR
logo
Texas Instruments
UC1853 TI1-UC1853_08 Datasheet
401Kb / 10P
[Old version datasheet]   High Power Factor Preregulator
UC1852 TI-UC1852 Datasheet
210Kb / 6P
[Old version datasheet]   High Power-Factor Preregulator
UC1852 TI-UC1852_V01 Datasheet
802Kb / 10P
[Old version datasheet]   High Power-Factor Preregulator
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com