Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UC2854B Fiches technique(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No de pièce UC2854B
Description  Enhanced High Power Factor Preregulator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

UC2854B Fiches technique(HTML) 5 Page - Texas Instruments

  UC2854B Datasheet HTML 1Page - Texas Instruments UC2854B Datasheet HTML 2Page - Texas Instruments UC2854B Datasheet HTML 3Page - Texas Instruments UC2854B Datasheet HTML 4Page - Texas Instruments UC2854B Datasheet HTML 5Page - Texas Instruments UC2854B Datasheet HTML 6Page - Texas Instruments UC2854B Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
offset of the UC1854A/B guarantees that the PWM circuit
will not drive the MOSFET if the current command is zero
(both Current amplifier inputs zero.).Previous designs
required an external offset cancellation network to
implement this key feature. The bandwidth of the Current
Amplifier has been improved as well to 5mHz typical.
While this is not generally an issue at 50 or 60Hz inputs, it
is essential for 400Hz input avionics applications.
MISCELLANEOUS
Several
other
important
enhancements
have
been
implemented in the UC1854A/B. A VCC supply voltage
clamp at 20V allows the controller to be current fed if
desired. The lower startup supply current (250
µA typical),
substantially reduces the power requirements of an offline
startup resistor. The 10.5/10V UVLO option (UC1854B)
enables the controller to be powered off of an auxiliary
12V supply.
The VREF "GOOD" comparator guarantees that the
MOSFET driver output remains low if the supply or the
7.5V reference are not yet up. This improvement
eliminates the need for external Schottky diodes on the
PKL and CA+ pins that some UC1854 designs require.
The propagation delay of the disable feature has been
improved to 300ns typical. This delay was proportional to
FUNCTIONAL DESCRIPTION (cont.)
UC1854A/B
UC2854A/B
UC3854A/B
TYPICAL CHARACTERISTICS at TA = TJ = 25°C
Load Capacitance,
µF
ns
0
100
200
300
400
500
600
700
0
0.01
0.02
0.03
0.04
0.05
Rise Time
Fall Time
Gate Drive Rise and Fall Time
RSET, k
Duty
Cycle
70%
75%
80%
85%
90%
95%
100%
1
10
100
Gate Drive Maximum Duty Cycle
0
50
100
150
200
250
0.8
0.84
0.88
0.92
0.96
1
1.04
1.08
1.12
1.16
1.2
K
IAC Current (
µA)
VRMS=
1.5V
VRMS=
3.0V
VRMS=
5.0V
UC1854A/B Multiplier Linearity
VAOUT = 3.5V
0
50
100
150
200
250
0.8
0.84
0.88
0.92
0.96
1
1.04
1.08
1.12
1.16
1.2
K
IAC Current (
µA)
VRMS=
3.0V
VRMS=
1.5V
VRMS=
5.0V
UC1854A/B Multiplier Linearity
VAOUT = 5V
5


Numéro de pièce similaire - UC2854B

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC2854B TI-UC2854B Datasheet
455Kb / 16P
[Old version datasheet]   ADVANCED HIGH-POWER FACTOR PREREGULATOR
UC2854B TI1-UC2854B Datasheet
741Kb / 18P
[Old version datasheet]   ADVANCED HIGH-POWER FACTOR PREREGULATOR
UC2854B TI1-UC2854B Datasheet
743Kb / 18P
[Old version datasheet]   ADVANCED HIGH-POWER FACTOR PREREGULATOR
UC2854B-EP TI1-UC2854B-EP Datasheet
263Kb / 13P
[Old version datasheet]   ADVANCED HIGH-POWER FACTOR PREREGULATOR
UC2854B-EP TI1-UC2854B-EP Datasheet
1Mb / 38P
[Old version datasheet]   Advanced High-Power Factor Preregulator
More results

Description similaire - UC2854B

FabricantNo de pièceFiches techniqueDescription
logo
Unisonic Technologies
UC3854 UTC-UC3854 Datasheet
138Kb / 6P
   ENHANCED HIGH POWER FACTOR PREREGULATOR
UC3854 UTC-UC3854_V01 Datasheet
309Kb / 6P
   ENHANCED HIGH POWER FACTOR PREREGULATOR
logo
Texas Instruments
UC2853A TI-UC2853A Datasheet
411Kb / 10P
[Old version datasheet]   High Power Factor Preregulator
UC1854 TI-UC1854 Datasheet
281Kb / 9P
[Old version datasheet]   High Power Factor Preregulator
UC2853A TI1-UC2853A_16 Datasheet
854Kb / 9P
[Old version datasheet]   High Power Factor Preregulator
UC1854 TI-UC1854_08 Datasheet
473Kb / 13P
[Old version datasheet]   High Power Factor Preregulator
logo
TOKO, Inc
TK83854 TOKO-TK83854 Datasheet
109Kb / 12P
   HIGH POWER FACTOR PREREGULATOR
logo
Texas Instruments
UC1853 TI1-UC1853_08 Datasheet
401Kb / 10P
[Old version datasheet]   High Power Factor Preregulator
UC1852 TI-UC1852 Datasheet
210Kb / 6P
[Old version datasheet]   High Power-Factor Preregulator
UC1852 TI-UC1852_V01 Datasheet
802Kb / 10P
[Old version datasheet]   High Power-Factor Preregulator
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com