Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UC2846DW Fiches technique(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No de pièce UC2846DW
Description  Current Mode PWM Controller
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

UC2846DW Fiches technique(HTML) 1 Page - Texas Instruments

  UC2846DW Datasheet HTML 1Page - Texas Instruments UC2846DW Datasheet HTML 2Page - Texas Instruments UC2846DW Datasheet HTML 3Page - Texas Instruments UC2846DW Datasheet HTML 4Page - Texas Instruments UC2846DW Datasheet HTML 5Page - Texas Instruments UC2846DW Datasheet HTML 6Page - Texas Instruments UC2846DW Datasheet HTML 7Page - Texas Instruments UC2846DW Datasheet HTML 8Page - Texas Instruments UC2846DW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
UC1846/7
UC2846/7
UC3846/7
SLUS352A - JANUARY 1997 - REVISED MARCH 2002
Automatic Feed Forward Compensation
Programmable Pulse-by-Pulse Current
Limiting
Automatic Symmetry Correction in Push-pull
Configuration
Enhanced Load Response Characteristics
Parallel Operation Capability for Modular
Power Systems
Differential Current Sense Amplifier with
Wide Common Mode Range
Double Pulse Suppression
500mA (Peak) Totem-pole Outputs
±1% Bandgap Reference
Under-voltage Lockout
Soft Start Capability
Shutdown Terminal
500kHZ Operation
Current Mode PWM Controller
The UC1846/7 family of control ICs provides all of the necessary
features to implement fixed frequency, current mode control
schemes while maintaining a minimum external parts count. The
superior performance of this technique can be measured in im-
proved line regulation, enhanced load response characteristics, and
a simpler, easier-to-design control loop. Topological advantages in-
clude inherent pulse-by-pulse current limiting capability, automatic
symmetry correction for push-pull converters, and the ability to par-
allel “power modules" while maintaining equal current sharing.
Protection circuitry includes built-in under-voltage lockout and pro-
grammable current limit in addition to soft start capability. A shut-
down function is also available which can initiate either a complete
shutdown with automatic restart or latch the supply off.
Other features include fully latched operation, double pulse sup-
pression, deadline adjust capability, and a
±1% trimmed bandgap
reference.
The UC1846 features low outputs in the OFF state, while the
UC1847 features high outputs in the OFF state.
BLOCK DIAGRAM
15
10
9
8
OSC
3
4
X3
+
5
6
E/A
7
COMP
INV
NI
C/S+
C/S-
CT
RT
SYNC
VIN
5.1 V
REFERENCE
REGULATOR
UVLO
LOCKOUT
2VREF
13
11
VC
AOUT
14
12
BOUT
GND
Q
Q
T
S
S
R
Q
1
16
6k
0.5 mA
350 mV
0.5 V
F/F
CURRENT
LIMIT ADJUST
SHUTDOWN
UC1846
Output Stage
UC1847
Output Inverted
COMP
FEATURES
DESCRIPTION
application
INFO
available
UDG-02057


Numéro de pièce similaire - UC2846DW

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC2846DW TI-UC2846DW Datasheet
3Mb / 15P
[Old version datasheet]   Current Mode PWM Controller
UC2846DW TI1-UC2846DW Datasheet
3Mb / 15P
[Old version datasheet]   Current Mode PWM Controller
UC2846DW TI1-UC2846DW Datasheet
3Mb / 13P
[Old version datasheet]   Current Mode PWM Controller
UC2846DW TI-UC2846DW Datasheet
3Mb / 13P
[Old version datasheet]   Current Mode PWM Controller
UC2846DW TI1-UC2846DW Datasheet
1Mb / 24P
[Old version datasheet]   Current Mode PWM Controller
More results

Description similaire - UC2846DW

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
UC3842 PHILIPS-UC3842 Datasheet
74Kb / 8P
   Current-mode PWM controller
August 31, 1994
logo
Daewoo Semiconductor
DBL3842 DAEWOO-DBL3842 Datasheet
467Kb / 8P
   CURRENT MODE PWM CONTROLLER
logo
BCD Semiconductor Manuf...
AP384XC BCDSEMI-AP384XC Datasheet
176Kb / 13P
   CURRENT MODE PWM CONTROLLER
logo
Cystech Electonics Corp...
MC7731N6 CYSTEKEC-MC7731N6 Datasheet
363Kb / 10P
   Current Mode PWM Controller
logo
BCD Semiconductor Manuf...
AP3842C BCDSEMI-AP3842C Datasheet
359Kb / 14P
   CURRENT MODE PWM CONTROLLER
logo
Texas Instruments
UC1846AJ TI-UC1846AJ Datasheet
3Mb / 13P
[Old version datasheet]   Current Mode PWM Controller
UC3844Q TI1-UC3844Q Datasheet
708Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
UC1843 TI-UC1843 Datasheet
937Kb / 3P
[Old version datasheet]   Current Mode PWM Controller
UC2846J TI-UC2846J Datasheet
463Kb / 8P
[Old version datasheet]   Current Mode PWM Controller
logo
List of Unclassifed Man...
AMC3842B ETC-AMC3842B Datasheet
365Kb / 10P
   CURRENT MODE PWM CONTROLLER
CM3842 ETC-CM3842 Datasheet
638Kb / 12P
   CURRENT MODE PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com