Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STK415-100-E Fiches technique(PDF) 2 Page - Sanyo Semicon Device

No de pièce STK415-100-E
Description  2-Channel Power Switching Audio Power IC, 60W60W
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK415-100-E Fiches technique(HTML) 2 Page - Sanyo Semicon Device

  STK415-100-E Datasheet HTML 1Page - Sanyo Semicon Device STK415-100-E Datasheet HTML 2Page - Sanyo Semicon Device STK415-100-E Datasheet HTML 3Page - Sanyo Semicon Device STK415-100-E Datasheet HTML 4Page - Sanyo Semicon Device STK415-100-E Datasheet HTML 5Page - Sanyo Semicon Device STK415-100-E Datasheet HTML 6Page - Sanyo Semicon Device STK415-100-E Datasheet HTML 7Page - Sanyo Semicon Device STK415-100-E Datasheet HTML 8Page - Sanyo Semicon Device STK415-100-E Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
STK415-100-E
No. A1469-2/12
Specifications
Absolute maximum ratings at Ta=25
°C (excluding rated temperature items), Tc=25°C unless otherwise specified
Parameter
Symbol
Conditions
Ratings
Unit
VH maximum quiescent supply voltage 1
VH max (1)
When no signal
±65
V
VH maximum supply voltage 2
VH max (2)
RL≥6Ω
±57
V
VH maximum supply voltage 3
VH max (3)
RL≥4Ω
±46
V
VL maximum quiescent supply voltage 1
VL max (1)
When no signal
±42
V
VL maximum supply voltage 2
VL max (2)
RL≥6Ω
±37
V
VL maximum supply voltage 3
VL max (3)
RL≥4Ω
±29
V
Maximum voltage between VH and VL *4
VH-VL max
No loading
60
V
Standby pin maximum voltage
Vst max
-0.3 to +5.5
V
Thermal resistance
θj-c
Per power transistor
1.8
°C/W
Junction temperature
Tj max
Both the Tj max and Tc max conditions must be met.
150
°C
IC substrate operating temperature
Tc max
125
°C
Storage temperature
Tstg
-30 to +125
°C
Allowable load shorted time
*3
ts
VH=±39V, VL=±29V, RL=8Ω, f=50Hz,
PO=60W, 1-channel active
0.3
s
Electrical Characteristics at Tc=25
°C, RL=8Ω (non-inductive load), Rg=600Ω, VG=40dB, VZ=15V
Conditions *1
Ratings
Parameter
Symbol
V
(V)
f
(Hz)
PO
(W)
THD
(%)
min
typ
max
unit
PO (1)
VH
VL
±39
±29
20 to 20k
0.8
60
Output power
PO (2)
VH
VL
±32
±24
1k
0.8
RL=4Ω
60
W
Total harmonic distortion
THD
VH
VL
±39
±29
20 to 20k
60
0.4
%
Frequency characteristics
fL, fH
VH
VL
±39
±29
1.0
+0 -3dB
20 to 50k
Hz
Input impedance
ri
VH
VL
±39
±29
1k
1.0
55
k
Ω
Output noise voltage
*2
VNO
VH
VL
±47
±31
Rg=2.2k
Ω
1.0
mVrms
VH
±47
30
Quiescent current
ICCO
VL
±31
RL=∞
100
mA
Output neutral voltage
VN
VH
VL
±47
±31
-70
0
+70
mV
Pin 17 voltage when
standby ON
*7
VST ON
VH
VL
±39
±29
Standby
0
0.6
V
Pin 17 voltage when
standby OFF
*7
VST OFF
VH
VL
±39
±29
Operating
2.5
3.0
V
[Remarks]
*1: Unless otherwise specified, use a constant-voltage power supply to supply power when inspections are carried out.
*2: The output noise voltage values shown are peak values read with a VTVM. However, an AC stabilized (50Hz)
power supply should be used to minimize the influence of AC primary side flicker noise on the reading.
*3: Use the designated transformer power supply circuit shown in the figure below for the measurements of allowable
load shorted time and output noise voltage.
*4: Design circuits so that (
|VH|-|VL|) is always less than 40V when switching the power supply with the load connected.
*5: Set up the VL power supply with an offset voltage at power supply switching (VL-VO) of about 8V as an initial target.
*6: Please connect –Pre VCC pin (#5 pin) with the stable minimum voltage and connect so that current does not flow in
by reverse bias.
*7: Use the standby pin (pin 17) so that the applied voltage never exceeds the maximum rating.
The power amplifier is turned on by applying +2.5V to +5.5V to the standby pin (pin 17).
*8: Thermal design must be implemented based on the conditions under which the customer’s end products are
expected to operate on the market.
*9: A thermoplastic adhesive resin is used for this hybrid IC.


Numéro de pièce similaire - STK415-100-E

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
STK415-120-E SANYO-STK415-120-E Datasheet
186Kb / 12P
   2-Channel Power Switching Audio Power IC, 80W80W
STK415-130-E SANYO-STK415-130-E Datasheet
186Kb / 12P
   2-Channel Power Switching Audio Power IC, 100W100W
STK415-140-E SANYO-STK415-140-E Datasheet
186Kb / 12P
   2-Channel Power Switching Audio Power IC, 120W120W
More results

Description similaire - STK415-100-E

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
STK433-070-E SANYO-STK433-070-E Datasheet
228Kb / 11P
   Thick-Film Hybrid IC 2-channel class AB audio power IC, 60W60W
STK404-070N-E SANYO-STK404-070N-E Datasheet
193Kb / 10P
   1ch class-AB Audio Power IC 60W
STK404-200-E SANYO-STK404-200-E Datasheet
353Kb / 11P
   One-Channel Class AB Audio Power Amplifier IC 60W
logo
Astrodyne Corporation
SPU60 ASTRODYNE-SPU60 Datasheet
275Kb / 3P
   60W Desktop Switching Power Supplies
logo
Mean Well Enterprises C...
ELN-60 MEANWELL-ELN-60 Datasheet
275Kb / 4P
   60W Single Output Class 2 Switching Power Supply
ELN-60 MEANWELL-ELN-60_12 Datasheet
185Kb / 3P
   60W Single Output Class 2 Switching Power Supply
ELN-60 MEANWELL-ELN-60_11 Datasheet
178Kb / 3P
   60W Single Output Class 2 Switching Power Supply
ELN-60-48D MEANWELL-ELN-60-48D Datasheet
110Kb / 3P
   60W Single Output Class 2 Switching Power Supply
logo
Delta Electronics, Inc.
DPS-60AP-5A DELTA-DPS-60AP-5A Datasheet
1Mb / 3P
   Total power 60W
logo
Mean Well Enterprises C...
LPC-60 MEANWELL-LPC-60_11 Datasheet
136Kb / 2P
   60W Single Output Switching Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com