Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UC2852 Fiches technique(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
No de pièce UC2852
Description  High Power-Factor Preregulator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

UC2852 Fiches technique(HTML) 2 Page - Texas Instruments

  UC2852 Datasheet HTML 1Page - Texas Instruments UC2852 Datasheet HTML 2Page - Texas Instruments UC2852 Datasheet HTML 3Page - Texas Instruments UC2852 Datasheet HTML 4Page - Texas Instruments UC2852 Datasheet HTML 5Page - Texas Instruments UC2852 Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SOIC–8 (TOP VIEW)
D Package
Unless otherwise stated, VCC=24V, ISET=50k
Ω to GND, RAMP=1nF to GND, ISNS=
–0.1V, VFB connected to COMP, no load on OUT, –55
°C<Ta<+125°C for the UC1852,
–40
°C<Ta<+85°C for the UC2852, and 0°C<Ta<+70°C for the UC3852, and Ta=Tj.
UC1852
UC2852
UC3852
ELECTRICAL CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS
Supply Voltage (Low-impedance Source)..........................30.0V
Supply Current (High-impedance Source) ......................30.0mA
OUT Current, Peak .............................................................
±1.0A
OUT Energy, Capacitive Load............................................ 5.0
µJ
Input Voltage, ISNS ............................................................
±5.0V
Input Voltage, VFB............................................. –0.3V to +10.0V
COMP Current ...............................................................
±10.0mA
ISET Current..................................................................–10.0mA
Power Dissipation at Ta
≤25°C (Note 3) ..............................1.0W
Storage Temperature ....................................... –65
°C to +150°C
Lead Temperature (Soldering, 10 Seconds) ................... +300
°C
Note 1: All voltages with respect to GND (Pin 1).
Note 2: All currents are positive into the specified terminal.
Note 3: Refers to DIL-8 Package. Consult Packaging Section of
Unitrode Integrated Circuits databook for thermal limitations and
considerations of package.
DIL–8 (TOP VIEW)
J or N Package
CONNECTION DIAGRAM
PARAMETER
TEST CONDITIONS
MIN.
TYP.
MAX.
UNITS
Timer Section
ISET Voltage
4.5
5.0
5.5
V
RAMP Charge Current
RAMP=2.5V
88
98
108
µA
RAMP Discharge Current
ISNS= –1.0V, RAMP=1.0V
12
28
50
mA
RAMP Saturation Voltage
ISNS= –1.0V, IRAMP=100
µA
0.006
0.200
V
RAMP Threshold - Maximum Frequency
VFB=10V, COMP open
0.92
1.02
1.12
V
RAMP Threshold - PWM Comparator
3.9
4.3
4.8
V
Current Sense Comparator
ISNS Restart Threshold
–18
–10
–4
mV
ISNS Fault Threshold
–550
–450
–350
mV
ISNS Input Current
–100
–30
100
µA
Error Amplifier Section
VFB Input Voltage
4.6
5.0
5.3
V
VFB Input Bias Current
–5.00
–0.03
5.00
µA
COMP Sink Current
COMP=7.5V
10
mA
COMP Source Current
COMP=2.5V
–300
–175
–100
µA
COMP Clamp Voltage
VFB=0.0V, COMP open
9.2
10.0
10.6
V
OUT Output
OUT Saturation Voltage High
VCC=13V, IOUT= –200mA, RAMP=2V
0.5
1.7
2.5
V
OUT Saturation Voltage Low
IOUT=200mA, ISNS= –1.0V
0.5
1.6
2.2
V
OUT Saturation Voltage Low @ 10mA
IOUT=10mA, ISNS= –1.0V
0.05
0.40
V
OUT Clamp Voltage
IOUT= –200mA, RAMP=2V
10.0
12.0
14.5
V
OUT Voltage during UVLO
IOUT=100mA, VCC=0V
0.5
1.0
2.2
V
Overall Section
Inactive Supply Current
VCC=10V
0.2
0.4
1.0
mA
Active Supply Current
3.0
6.0
10.0
mA
VCC Clamp Voltage
ICC=25mA
30
33
36
V
VCC Turn-On Threshold
14.5
16.3
17.5
V
VCC Turn-Off Threshold
10.5
11.5
13.0
V
VCC Threshold Hysteresis
3
5
7
V
UDG-92002
2


Numéro de pièce similaire - UC2852

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC2852 TI1-UC2852 Datasheet
405Kb / 10P
[Old version datasheet]   High Power-Factor Preregulator
UC2852 TI-UC2852 Datasheet
802Kb / 10P
[Old version datasheet]   High Power-Factor Preregulator
UC2852D TI1-UC2852D Datasheet
405Kb / 10P
[Old version datasheet]   High Power-Factor Preregulator
UC2852D TI-UC2852D Datasheet
802Kb / 10P
[Old version datasheet]   High Power-Factor Preregulator
UC2852DG4 TI1-UC2852DG4 Datasheet
405Kb / 10P
[Old version datasheet]   High Power-Factor Preregulator
More results

Description similaire - UC2852

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC2853A TI-UC2853A Datasheet
411Kb / 10P
[Old version datasheet]   High Power Factor Preregulator
UC1854 TI-UC1854 Datasheet
281Kb / 9P
[Old version datasheet]   High Power Factor Preregulator
UC2853A TI1-UC2853A_16 Datasheet
854Kb / 9P
[Old version datasheet]   High Power Factor Preregulator
UC1854 TI-UC1854_08 Datasheet
473Kb / 13P
[Old version datasheet]   High Power Factor Preregulator
logo
TOKO, Inc
TK83854 TOKO-TK83854 Datasheet
109Kb / 12P
   HIGH POWER FACTOR PREREGULATOR
logo
Texas Instruments
UC1853 TI1-UC1853_08 Datasheet
401Kb / 10P
[Old version datasheet]   High Power Factor Preregulator
UC1852 TI-UC1852_V01 Datasheet
802Kb / 10P
[Old version datasheet]   High Power-Factor Preregulator
UC3854N-F TI1-UC3854N-F Datasheet
312Kb / 12P
[Old version datasheet]   High Power Factor Preregulator
UC1852 TI1-UC1852_08 Datasheet
405Kb / 10P
[Old version datasheet]   High Power-Factor Preregulator
UC1853 TI-UC1853 Datasheet
204Kb / 6P
[Old version datasheet]   High Power Factor Preregulator
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com