Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LA4815VH Fiches technique(PDF) 11 Page - Sanyo Semicon Device

No de pièce LA4815VH
Description  Monaural Power Amplifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA4815VH Fiches technique(HTML) 11 Page - Sanyo Semicon Device

Back Button LA4815VH Datasheet HTML 7Page - Sanyo Semicon Device LA4815VH Datasheet HTML 8Page - Sanyo Semicon Device LA4815VH Datasheet HTML 9Page - Sanyo Semicon Device LA4815VH Datasheet HTML 10Page - Sanyo Semicon Device LA4815VH Datasheet HTML 11Page - Sanyo Semicon Device LA4815VH Datasheet HTML 12Page - Sanyo Semicon Device LA4815VH Datasheet HTML 13Page - Sanyo Semicon Device LA4815VH Datasheet HTML 14Page - Sanyo Semicon Device LA4815VH Datasheet HTML 15Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
LA4815VH
No.A1374-11/15
General characteristics (2)
0
0.4
0.8
1.2
1.6
2
0
0.4
0.8
1.2
1.6
2
0.01
3
25
7
3
23
2
57
0.1
1
0.1
1
23
5
7
23
23
57
5
0
5
10
36
9
12
15
18
1
23
5
7
23
5
7
10
100
Output power, PO –W
0
0.25
0.5
0.75
1
35
40
50
55
60
65
45
70
0.01
23
2
3
57
2
3
57
0.1
1
2 3
57
2 3
57
2 3
2 3
57
5
Output power, PO –W
SVRR – Cin
20
1
2
3
4
0.1
2
3
5
7
2
3
5
7
1
40
45
50
55
25
30
35
60
0.1
2
3
57
2
3
57
1
23
5 7 10
23
5 7100 23 5 7
23
5 7
1k
10
Capacitance, Cin –
µF
SVRR – Rg
PO max – RL
20
25
35
30
40
45
50
55
60
1
10k
Impeadance, Rg –
Load impeadance, RL – Ω
10
100
1k
10k
5
Input frequency, fin – Hz
0.01
5
Output power, PO –W
Pd – PO
Supply voltage, VCC –V
0
0.5
0.1
0.2
0.3
0.4
0
0.4
0.1
0.2
0.3
0
0.5
0.1
0.2
0.3
0.4
PO max – VCC
Pd – PO
Pd – PO
SVRR – fin
RL = 8Ω
VG = 26dB
fin = 1kHz
VG = 26dB
THD = 10%
RL = 4Ω
VG = 26dB
fin = 1kHz
RL = 16Ω
VG = 26dB
fin = 1kHz
R L
=
4Ω
R L
= 8
R L
= 16
VCC = 6V (Pd)
VCC
= 6V
(Pd)
V CC
=
9V
(Pd)
V CC
=
15V
(Pd)
V CC
=
15V
(Pd)
V CC
= 12V
(Pd)
V CC
= 12V
(Pd)
VCC = 12V
RL = 8Ω
Rg = 620
Vr = -20dBV
Cin = 1
µF
VCC = 12V
RL = 8Ω
Vr = -20dBV
fr = 100Hz
Cin = 1
µF
VCC = 12V
VG = 26dB
THD = 10%
VCC = 12V
RL = 8Ω
Vr = -20dBV
fr = 100Hz
Rg = 620
VG = 26dB
VG = 40dB
VG = 40dB
VG
=
26dB
I CCOP
I CCOP


Numéro de pièce similaire - LA4815VH

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LA4815VH SANYO-LA4815VH Datasheet
249Kb / 15P
   Monaural Power Amplifier
logo
ON Semiconductor
LA4815VH ONSEMI-LA4815VH Datasheet
264Kb / 15P
   Monaural Power Amplifier
May, 2013
logo
Sanyo Semicon Device
LA4815VH SANYO-LA4815VH_12 Datasheet
249Kb / 15P
   Monaural Power Amplifier
More results

Description similaire - LA4815VH

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LA4815M SANYO-LA4815M Datasheet
153Kb / 14P
   Monaural Power Amplifier
LA4815VH SANYO-LA4815VH_12 Datasheet
249Kb / 15P
   Monaural Power Amplifier
logo
ON Semiconductor
LA4815VH ONSEMI-LA4815VH Datasheet
264Kb / 15P
   Monaural Power Amplifier
May, 2013
logo
Sanyo Semicon Device
LA4815M SANYO-LA4815M_10 Datasheet
258Kb / 14P
   Monaural Power Amplifier
LV4991M SANYO-LV4991M Datasheet
173Kb / 11P
   Monaural BTL Power Amplifier
LA42031-E SANYO-LA42031-E Datasheet
89Kb / 7P
   5W Monaural Power Amplifier
logo
Sony Corporation
CXA1622M SONY-CXA1622M Datasheet
215Kb / 13P
   Stereo Power Amplifier/Monaural BTL Power Amplifier
logo
New Japan Radio
NJM2166 NJRC-NJM2166 Datasheet
94Kb / 8P
   MONAURAL AUDIO POWER AMPLIFIER IC
logo
Sanyo Semicon Device
LA4267 SANYO-LA4267 Datasheet
70Kb / 6P
   5 W Monaural Power Amplifier
LA4268 SANYO-LA4268 Datasheet
69Kb / 6P
   10 W Monaural Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com