Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA9989 Fiches technique(PDF) 1 Page - NXP Semiconductors

No de pièce TDA9989
Description  150 MHz pixel rate HDMI 1.3a transmitter with 3 쨈 8-bit video inputs and CEC support
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA9989 Fiches technique(HTML) 1 Page - NXP Semiconductors

  TDA9989 Datasheet HTML 1Page - NXP Semiconductors TDA9989 Datasheet HTML 2Page - NXP Semiconductors TDA9989 Datasheet HTML 3Page - NXP Semiconductors TDA9989 Datasheet HTML 4Page - NXP Semiconductors TDA9989 Datasheet HTML 5Page - NXP Semiconductors TDA9989 Datasheet HTML 6Page - NXP Semiconductors TDA9989 Datasheet HTML 7Page - NXP Semiconductors TDA9989 Datasheet HTML 8Page - NXP Semiconductors TDA9989 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
1.
General description
The TDA9989 is a very low power and very small size High-Definition Multimedia Interface
(HDMI) 1.3a transmitter. It is backward compatible DVI 1.0 and can be connected to any
DVI 1.0 and HDMI sink.
This device is primarily intended for mobile applications like Digital Video Camera (DVC),
Digital Still Camera (DSC), Portable Multimedia Player (PMP), Mobile Phone and Ultra
Mobile Personal Computer (UM PC) where size and very low power are mandatory for
battery autonomy.
It allows mixing 3
× 8-bit RGB or YCbCr video stream with a pixel rate up to 150 MHz
together with one S/PDIF or one I2S-bus audio streams with an audio sampling rate up to
192 kHz.
In order to be compatible with most applications, the TDA9989 integrates a full
programmable input formatter and color space conversion block. The video input formats
accepted are YCbCr 4 :4 : 4 (up to 3
× 8-bit), YCbCr 4:2:2 semi-planar (up to 2 × 12-bit)
and YCbCr 4:2:2 compliant with ITU656 (up to 1
× 12-bit). In case of ITU656-like
format, the input pixel clock can be made active on one (SDR mode) or both edges (DDR
mode).
This device provides additional embedded feature like CEC (Consumer Electronic
Control). CEC is a single bidirectional wire that transmits CEC commands (like Standby
from remote control) over the home appliance network connected through this wire. This
eliminates the need of any additional device to handle this feature thus improving BOM
(Bill Of Materials) of the whole system and enable the connected devices (CEC enabled)
to be controlled by only one remote control.
The TDA9989 supports xvYCC HDMI 1.3a feature.
It can be switched to very low power Standby or Sleep modes to save power when HDMI
is not used.
The TDA9989 includes a true I2C-bus master interface for DDC-bus communication for
EDID reading.
This device can be controlled or configured via I2C-bus interface.
TDA9989
150 MHz pixel rate HDMI 1.3a transmitter with 3
× 8-bit video
inputs and CEC support
Rev. 02 — 11 June 2009
Product data sheet


Numéro de pièce similaire - TDA9989

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA9981B NXP-TDA9981B Datasheet
193Kb / 41P
   HDMI transmitter up to 150 MHz pixel rate with 3 쨈 8-bit video inputs and 4 X I2S-bus with S/PDIF
Rev. 01-4 July 2008
TDA9981BHL NXP-TDA9981BHL Datasheet
193Kb / 41P
   HDMI transmitter up to 150 MHz pixel rate with 3 쨈 8-bit video inputs and 4 X I2S-bus with S/PDIF
Rev. 01-4 July 2008
TDA9981BHL/15/C1XX NXP-TDA9981BHL/15/C1XX Datasheet
193Kb / 41P
   HDMI transmitter up to 150 MHz pixel rate with 3 쨈 8-bit video inputs and 4 X I2S-bus with S/PDIF
Rev. 01-4 July 2008
TDA9981BHL/8/C1XX NXP-TDA9981BHL/8/C1XX Datasheet
193Kb / 41P
   HDMI transmitter up to 150 MHz pixel rate with 3 쨈 8-bit video inputs and 4 X I2S-bus with S/PDIF
Rev. 01-4 July 2008
TDA9983A NXP-TDA9983A Datasheet
63Kb / 9P
   HDMI transmitter up to 150 MHz pixel rate with 3 쨈 8-bit video inputs and 4 쨈 I2S-bus with S/PDIF
Rev. 01-13 March 2008
More results

Description similaire - TDA9989

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
TDA19989BET ETC2-TDA19989BET Datasheet
51Kb / 1P
   150 MHz pixel rate HDMI 1.4 transmitter with 3 x 8 -bit video inputs and CEC support
logo
NXP Semiconductors
TDA19989 NXP-TDA19989 Datasheet
349Kb / 47P
   150 MHz pixel rate HDMI 1.3 transmitter with 3 횞 8-bit video inputs, HDCP and CEC support
Rev. 01-15 February 2010
TDA19988BHN PHILIPS-TDA19988BHN Datasheet
45Kb / 1P
   Low Power, 150 MHz pixel rate HDMI 1.4a transmitter with 3 x 8 bit video inputs, HDCP and CEC support
TDA9983B NXP-TDA9983B Datasheet
415Kb / 119P
   HDMI transmitter up to 150 MHz pixel rate with 3 쨈 8-bit video inputs and 4 쨈 I2S-bus with S/PDIF
Rev. 01-20 May 2008
TDA9983A NXP-TDA9983A Datasheet
63Kb / 9P
   HDMI transmitter up to 150 MHz pixel rate with 3 쨈 8-bit video inputs and 4 쨈 I2S-bus with S/PDIF
Rev. 01-13 March 2008
TDA9981B NXP-TDA9981B Datasheet
193Kb / 41P
   HDMI transmitter up to 150 MHz pixel rate with 3 쨈 8-bit video inputs and 4 X I2S-bus with S/PDIF
Rev. 01-4 July 2008
logo
Analog Devices
ADV7511W AD-ADV7511W Datasheet
191Kb / 12P
   165 MHz, High Performance HDMI Transmitter 3D video support
REV. 0
logo
STMicroelectronics
TDA9209 STMICROELECTRONICS-TDA9209 Datasheet
268Kb / 22P
   150 MHz PIXEL VIDEO CONTROLLER FOR MONITORS INCLUDING CUT-OFF INPUTS AND VIDEO DETECTION
logo
Analog Devices
ADV7510BSTZ-P AD-ADV7510BSTZ-P Datasheet
60Kb / 2P
   Deep Color HDMI 1.3 Transmitter with CEC
Rev. SpA
logo
List of Unclassifed Man...
SII9134 ETC2-SII9134 Datasheet
870Kb / 2P
   HDMI 1.3 Transmitter with Deep Color, High Bit-Rate HD Audio Support
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com