Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DAC1005D650 Fiches technique(PDF) 8 Page - NXP Semiconductors

No de pièce DAC1005D650
Description  Dual 10-bit DAC, up to 650 Msps; 2쨈 4쨈 and 8쨈 interpolating
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

DAC1005D650 Fiches technique(HTML) 8 Page - NXP Semiconductors

Back Button DAC1005D650 Datasheet HTML 4Page - NXP Semiconductors DAC1005D650 Datasheet HTML 5Page - NXP Semiconductors DAC1005D650 Datasheet HTML 6Page - NXP Semiconductors DAC1005D650 Datasheet HTML 7Page - NXP Semiconductors DAC1005D650 Datasheet HTML 8Page - NXP Semiconductors DAC1005D650 Datasheet HTML 9Page - NXP Semiconductors DAC1005D650 Datasheet HTML 10Page - NXP Semiconductors DAC1005D650 Datasheet HTML 11Page - NXP Semiconductors DAC1005D650 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 41 page
background image
DAC1005D650_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 — 28 July 2009
8 of 41
NXP Semiconductors
DAC1005D650
Dual 10-bit DAC, up to 650 Msps; 2
× 4× and 8× interpolating
7.
Limiting values
8.
Thermal characteristics
[1]
In compliance with JEDEC test board, in free air.
Table 3.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDD(IO)(3V3) input/output supply voltage (3.3 V)
−0.5
+4.6
V
VDDA(3V3)
analog supply voltage (3.3 V)
−0.5
+4.6
V
VDDA(1V8)
analog supply voltage (1.8 V)
−0.5
+3.0
V
VDDD(1V8)
digital supply voltage (1.8 V)
−0.5
+3.0
V
VI
input voltage
pins CLKP, CLKN, VIRES and GAPOUT
referenced to AGND
−0.5
+3.0
V
pins I9 to I0, Q9 to Q0, SDO, SDIO, SCLK,
SCS_N and RESET_N referenced to GNDIO
−0.5
+4.6
V
VO
output voltage
pins IOUTAP, IOUTAN, IOUTBP, IOUTBN,
AUXAP, AUXAN, AUXBP and AUXBN
referenced to AGND
−0.5
+4.6
V
Tstg
storage temperature
−55
+150
°C
Tamb
ambient temperature
−45
+85
°C
Tj
junction temperature
-
125
°C
Table 4.
Thermal characteristics
Symbol
Parameter
Conditions
Typ
Unit
Rth(j-a)
thermal resistance from junction to ambient
[1] 19.8
K/W
Rth(j-c)
thermal resistance from junction to case
[1] 7.7
K/W


Numéro de pièce similaire - DAC1005D650

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
DAC1005D650 RENESAS-DAC1005D650 Datasheet
412Kb / 41P
   Dual 10-bit DAC, up to 650 Msps; 2 4 and 8 interpolating
2 July 2012
DAC1005D650HW RENESAS-DAC1005D650HW Datasheet
412Kb / 41P
   Dual 10-bit DAC, up to 650 Msps; 2 4 and 8 interpolating
2 July 2012
More results

Description similaire - DAC1005D650

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
DAC1405D650 NXP-DAC1405D650 Datasheet
203Kb / 43P
   Dual 14-bit DAC, up to 650 Msps; 2쨈 4쨈 and 8쨈 interpolating
Rev. 01-4 May 2009
DAC1205D650 NXP-DAC1205D650 Datasheet
203Kb / 42P
   Dual 12-bit DAC, up to 650 Msps; 2쨈 4쨈 and 8쨈 interpolating
Rev. 01-28 July 2009
DAC1408D650 NXP-DAC1408D650 Datasheet
360Kb / 88P
   Dual 14-bit DAC, up to 650 Msps, 2쨈 and 4쨈 interpolating with JESD204A interface
Rev. 01-26 May 2009
logo
Renesas Technology Corp
DAC1005D650 RENESAS-DAC1005D650 Datasheet
412Kb / 41P
   Dual 10-bit DAC, up to 650 Msps; 2 4 and 8 interpolating
2 July 2012
DAC1205D650 RENESAS-DAC1205D650 Datasheet
412Kb / 41P
   Dual 12-bit DAC, up to 650 Msps; 2x4x and 8x interpolating
2 July 2012
logo
Integrated Device Techn...
DAC1405D650 IDT-DAC1405D650 Datasheet
409Kb / 41P
   Dual 14-bit DAC, up to 650 Msps; 2?? 4??and 8??interpolating
logo
Renesas Technology Corp
DAC1405D650 RENESAS-DAC1405D650 Datasheet
413Kb / 41P
   Dual 14-bit DAC, up to 650 Msps; 2, 4 and 8 interpolating
2 July 2012
DAC1005D750 RENESAS-DAC1005D750 Datasheet
418Kb / 43P
   Dual 10-bit DAC, up to 750 Msps; 4x and 8x interpolating
2 July 2012
logo
NXP Semiconductors
DAC1408D650_1008 NXP-DAC1408D650_1008 Datasheet
2Mb / 98P
   Dual 14-bit DAC up to 650 Msps 2, 4 or 8 interpolating
Rev. 02-11 August 2010
logo
Renesas Technology Corp
DAC1008D650 RENESAS-DAC1008D650 Datasheet
631Kb / 96P
   Dual 10-bit DAC; up to 650 Msps; 2, 4 or 8 interpolating with JESD204A interface
2 July 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com