Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74AVCH4T245 Fiches technique(PDF) 5 Page - NXP Semiconductors

No de pièce 74AVCH4T245
Description  4-bit dual supply translating transceiver with configurable voltage translation; 3-state
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AVCH4T245 Fiches technique(HTML) 5 Page - NXP Semiconductors

  74AVCH4T245 Datasheet HTML 1Page - NXP Semiconductors 74AVCH4T245 Datasheet HTML 2Page - NXP Semiconductors 74AVCH4T245 Datasheet HTML 3Page - NXP Semiconductors 74AVCH4T245 Datasheet HTML 4Page - NXP Semiconductors 74AVCH4T245 Datasheet HTML 5Page - NXP Semiconductors 74AVCH4T245 Datasheet HTML 6Page - NXP Semiconductors 74AVCH4T245 Datasheet HTML 7Page - NXP Semiconductors 74AVCH4T245 Datasheet HTML 8Page - NXP Semiconductors 74AVCH4T245 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
74AVCH4T245_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 — 6 August 2009
5 of 26
NXP Semiconductors
74AVCH4T245
4-bit dual supply translating transceiver; 3-state
6.
Functional description
[1]
H = HIGH voltage level; L = LOW voltage level; X = don’t care; Z = high-impedance OFF-state.
[2]
The nAn, nDIR and nOE input circuit is referenced to VCC(A); The nBn input circuit is referenced to VCC(B).
[3]
If at least one of VCC(A) or VCC(B) is at GND level, the device goes into suspend mode.
7.
Limiting values
[1]
The minimum input voltage ratings and output voltage ratings may be exceeded if the input and output current ratings are observed.
[2]
VCCO is the supply voltage associated with the output port.
[3]
VCCO + 0.5 V should not exceed 4.6 V.
[4]
For SO16 package: above 70
°C the value of P
tot derates linearly at 8 mW/K.
For TSSOP16 package: above 60
°C the value of P
tot derates linearly at 5.5 mW/K.
For DHVQFN16 package: above 60
°C the value of P
tot derates linearly at 4.5 mW/K.
Table 3.
Function table[1]
Supply voltage
Input
Input/output[3]
VCC(A), VCC(B)
nOE[2]
nDIR[2]
nAn[2]
nBn[2]
0.8 V to 3.6 V
L
L
nAn = nBn
input
0.8 V to 3.6 V
L
H
input
nBn = nAn
0.8 V to 3.6 V
H
X
Z
Z
GND[3]
XXZ
Z
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC(A)
supply voltage A
−0.5
+4.6
V
VCC(B)
supply voltage B
−0.5
+4.6
V
IIK
input clamping current
VI <0V
−50
-
mA
VI
input voltage
[1]
−0.5
+4.6
V
IOK
output clamping current
VO <0V
−50
-
mA
VO
output voltage
Active mode
[1][2][3]
−0.5
VCCO + 0.5
V
Suspend or 3-state mode
[1]
−0.5
+4.6
V
IO
output current
VO =0Vto VCCO
[2] -
±50
mA
ICC
supply current
ICC(A) or ICC(B)
-
100
mA
IGND
ground current
−100
-
mA
Tstg
storage temperature
−65
+150
°C
Ptot
total power dissipation
Tamb = −40 °C to +125 °C
[4] -
500
mW


Numéro de pièce similaire - 74AVCH4T245

FabricantNo de pièceFiches techniqueDescription
logo
Nexperia B.V. All right...
74AVCH4T245 NEXPERIA-74AVCH4T245 Datasheet
847Kb / 29P
   4-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 5 - 17 December 2015
74AVCH4T245-Q100 NEXPERIA-74AVCH4T245-Q100 Datasheet
870Kb / 27P
   4-bit dual supply translating transceiver with configurable voltage translation 3-state
74AVCH4T245BQ NEXPERIA-74AVCH4T245BQ Datasheet
847Kb / 29P
   4-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 5 - 17 December 2015
74AVCH4T245BQ-Q100 NEXPERIA-74AVCH4T245BQ-Q100 Datasheet
870Kb / 27P
   4-bit dual supply translating transceiver with configurable voltage translation 3-state
74AVCH4T245D NEXPERIA-74AVCH4T245D Datasheet
847Kb / 29P
   4-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 5 - 17 December 2015
More results

Description similaire - 74AVCH4T245

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74AVC4T245 PHILIPS-74AVC4T245_15 Datasheet
184Kb / 27P
   4-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 4-7 December 2011
logo
Nexperia B.V. All right...
74AVC4T245-Q100 NEXPERIA-74AVC4T245-Q100 Datasheet
350Kb / 25P
   4-bit dual supply translating transceiver with configurable voltage translation 3-state
74AVC4TD245 NEXPERIA-74AVC4TD245 Datasheet
280Kb / 24P
   4-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 3 - 9 June 2017
74AVCH4T245 NEXPERIA-74AVCH4T245 Datasheet
847Kb / 29P
   4-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 5 - 17 December 2015
logo
NXP Semiconductors
74AVC4T245 NXP-74AVC4T245 Datasheet
142Kb / 25P
   4-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 01-20 July 2009
74AVCH4T245 PHILIPS-74AVCH4T245_15 Datasheet
191Kb / 29P
   4-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 4-14 December 2011
logo
Nexperia B.V. All right...
74AVCH4T245-Q100 NEXPERIA-74AVCH4T245-Q100 Datasheet
870Kb / 27P
   4-bit dual supply translating transceiver with configurable voltage translation 3-state
logo
NXP Semiconductors
74AVC4TD245 PHILIPS-74AVC4TD245_15 Datasheet
563Kb / 26P
   4-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 2-9 December 2011
logo
Nexperia B.V. All right...
74AVC4TD245PW NEXPERIA-74AVC4TD245PW Datasheet
263Kb / 23P
   4-bit dual supply translating transceiver with configurable voltage translation 3-state
74AVC4T245 NEXPERIA-74AVC4T245 Datasheet
377Kb / 27P
   4-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 7 - 29 April 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com