Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UC1527AQ Fiches technique(PDF) 6 Page - Texas Instruments

No de pièce UC1527AQ
Description  Regulating Pulse Width Modulators
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

UC1527AQ Fiches technique(HTML) 6 Page - Texas Instruments

  UC1527AQ Datasheet HTML 1Page - Texas Instruments UC1527AQ Datasheet HTML 2Page - Texas Instruments UC1527AQ Datasheet HTML 3Page - Texas Instruments UC1527AQ Datasheet HTML 4Page - Texas Instruments UC1527AQ Datasheet HTML 5Page - Texas Instruments UC1527AQ Datasheet HTML 6Page - Texas Instruments UC1527AQ Datasheet HTML 7Page - Texas Instruments UC1527AQ Datasheet HTML 8Page - Texas Instruments UC1527AQ Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
UC1525A/27A
UC2525A/27A
UC3525A/27A
PRINCIPLES OF OPERATION AND TYPICAL CHARAC-
TERISTIC SHUTDOWN OPTIONS
(See Block Diagram)
Since both the compensation and soft-start terminals
(Pins 9 and 8) have current source pull-ups, either can
readily accept a pull-down signal which only has to sink a
maximum of 100
µA to turn off the outputs. This is subject
to the added requirement of discharging whatever exter-
nal capacitance may be attached to these pins.
An alternate approach is the use of the shutdown circuitry
of Pin 10 which has been improved to enhance the avail-
able shutdown options. Activating this circuit by applying
a positive signal on Pin 10 performs two functions; the
PWM latch is immediately set providing the fastest
turn-off signal to the outputs; and a 150
µA-current sink
begins to discharge the external soft-start capacitor. If the
shutdown command is short, the PWM signal is termi-
nated without significant discharge of the soft-start ca-
pacitor, thus, allowing, for example, a convenient
implementation of pulse-by-pulse current limiting. Holding
Pin 10 high for a longer duration, however, will ultimately
discharge this external capacitor, recycling slow turn-on
upon release.
Pin 10 should not be left floating as noise pickup could
conceivably interrupt normal operation. All transitions of
the voltage on pin 10 should be within the time frame of
one clock cycle and not repeated at a frequency higher
than 10 clock cycles.
UC1525A oscillator schematic.
Oscillator Charge Time vs RT and CT.
Oscillator Discharge Time vs RD and CT.


Numéro de pièce similaire - UC1527AQ

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC1527A TI-UC1527A Datasheet
345Kb / 13P
[Old version datasheet]   REGULATING PULSE WIDTH MODULATORS
UC1527A TI1-UC1527A Datasheet
747Kb / 17P
[Old version datasheet]   REGULATING PULSE WIDTH MODULATORS
UC1527A TI1-UC1527A Datasheet
745Kb / 17P
[Old version datasheet]   REGULATING PULSE WIDTH MODULATORS
UC1527AJ TI1-UC1527AJ Datasheet
747Kb / 17P
[Old version datasheet]   REGULATING PULSE WIDTH MODULATORS
UC1527AJ TI1-UC1527AJ Datasheet
745Kb / 17P
[Old version datasheet]   REGULATING PULSE WIDTH MODULATORS
More results

Description similaire - UC1527AQ

FabricantNo de pièceFiches techniqueDescription
logo
Seme LAB
IP1524 SEME-LAB-IP1524 Datasheet
59Kb / 6P
   REGULATING PULSE WIDTH MODULATORS
IP1525A SEME-LAB-IP1525A Datasheet
63Kb / 6P
   REGULATING PULSE WIDTH MODULATORS
logo
STMicroelectronics
SG2524 STMICROELECTRONICS-SG2524 Datasheet
93Kb / 9P
   REGULATING PULSE WIDTH MODULATORS
SG2525AP013TR STMICROELECTRONICS-SG2525AP013TR Datasheet
939Kb / 12P
   REGULATING PULSE WIDTH MODULATORS
logo
Texas Instruments
SG2524 TI-SG2524_1 Datasheet
829Kb / 24P
[Old version datasheet]   REGULATING PULSE-WIDTH MODULATORS
UC1525B TI-UC1525B Datasheet
653Kb / 14P
[Old version datasheet]   Regulating Pulse Width Modulators
logo
STMicroelectronics
SG2525A STMICROELECTRONICS-SG2525A Datasheet
117Kb / 12P
   REGULATING PULSE WIDTH MODULATORS
logo
Linear Technology
LT1525A LINER-LT1525A Datasheet
536Kb / 8P
   Regulating Pulse Width Modulators
logo
Seme LAB
IP1P125 SEME-LAB-IP1P125 Datasheet
28Kb / 4P
   REGULATING PULSE WIDTH MODULATORS
logo
Texas Instruments
UC1525A TI1-UC1525A_15 Datasheet
745Kb / 17P
[Old version datasheet]   REGULATING PULSE WIDTH MODULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com