Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UC2707 Fiches technique(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No de pièce UC2707
Description  Dual Channel Power Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

UC2707 Fiches technique(HTML) 4 Page - Texas Instruments

  UC2707 Datasheet HTML 1Page - Texas Instruments UC2707 Datasheet HTML 2Page - Texas Instruments UC2707 Datasheet HTML 3Page - Texas Instruments UC2707 Datasheet HTML 4Page - Texas Instruments UC2707 Datasheet HTML 5Page - Texas Instruments UC2707 Datasheet HTML 6Page - Texas Instruments UC2707 Datasheet HTML 7Page - Texas Instruments UC2707 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
UC1707
UC2707
UC3707
The input zener may be used to clamp input signal voltages
higher than 5V as long as the zener current is limited to
10mA max. External pull-up resistors are not required.
SIMPLIFIED INTERNAL CIRCUITRY
Figure 1. Typical digital input gate.
Figure 3. Latch disable.
The Shutdown latch is disabled when pin 3 is open. An im-
pedance of 4k or less from pin 3 to ground will allow a shut-
down signal to set the latch which can then be reset by
either recycling the VIN supply or by momentarily (>200ns)
raising pin 3 high.
The input common-mode voltage range is from ground to (VIN-3V). When not used both inputs shoul1d be grounded. Activate
time is a function of overdrive with a typical value of 180ns. Pin 7 serves both as a comparator output and as a common digital
shutdown input. A high signal here will accomplish the fastest turn off of both outputs. Note that "OFF" is defined as the outputs
low. Pulling shutdown low defeats the latch operation regardless of its status.
Figure 2. Typical digital input gate.


Numéro de pièce similaire - UC2707

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC2707 TI1-UC2707 Datasheet
981Kb / 16P
[Old version datasheet]   DUAL CHANNEL POWER DRIVER
UC2707 TI1-UC2707 Datasheet
982Kb / 16P
[Old version datasheet]   DUAL CHANNEL POWER DRIVER
UC2707DW TI1-UC2707DW Datasheet
981Kb / 16P
[Old version datasheet]   DUAL CHANNEL POWER DRIVER
UC2707DW TI1-UC2707DW Datasheet
982Kb / 16P
[Old version datasheet]   DUAL CHANNEL POWER DRIVER
UC2707DWG4 TI1-UC2707DWG4 Datasheet
981Kb / 16P
[Old version datasheet]   DUAL CHANNEL POWER DRIVER
More results

Description similaire - UC2707

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC1707 TI1-UC1707_13 Datasheet
981Kb / 16P
[Old version datasheet]   DUAL CHANNEL POWER DRIVER
UC1707-SP TI1-UC1707-SP_16 Datasheet
670Kb / 20P
[Old version datasheet]   Dual-Channel Power Driver
UC1707-SP TI1-UC1707-SP Datasheet
578Kb / 15P
[Old version datasheet]   DUAL CHANNEL POWER DRIVER
UC3707N TI1-UC3707N Datasheet
981Kb / 16P
[Old version datasheet]   DUAL CHANNEL POWER DRIVER
UC1707 TI1-UC1707_16 Datasheet
982Kb / 16P
[Old version datasheet]   DUAL CHANNEL POWER DRIVER
logo
Intersil Corporation
EL1527 INTERSIL-EL1527 Datasheet
38Kb / 2P
   Dual Channel Medium Power Differential Line Driver
EL7242 INTERSIL-EL7242_05 Datasheet
119Kb / 6P
   Dual Input, High Speed, Dual Channel Power MOSFET Driver
logo
Elantec Semiconductor
EL7242C ELANTEC-EL7242C Datasheet
187Kb / 8P
   Dual Input, High Speed, Dual Channel Power MOSFET Driver
logo
Intersil Corporation
EL7242CNZ INTERSIL-EL7242CNZ Datasheet
251Kb / 9P
   Dual Input, High Speed, Dual Channel Power MOSFET Driver
EL7242 INTERSIL-EL7242 Datasheet
203Kb / 9P
   Dual Input, High Speed, Dual Channel Power MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com